Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS9884AKAC140 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FMS9884AKAC140
Description  3x8-Bit, 108/140/175 Ms/s Triple Video A/D Converter with Clamps
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS9884AKAC140 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FMS9884AKAC140 Datasheet HTML 7Page - Fairchild Semiconductor FMS9884AKAC140 Datasheet HTML 8Page - Fairchild Semiconductor FMS9884AKAC140 Datasheet HTML 9Page - Fairchild Semiconductor FMS9884AKAC140 Datasheet HTML 10Page - Fairchild Semiconductor FMS9884AKAC140 Datasheet HTML 11Page - Fairchild Semiconductor FMS9884AKAC140 Datasheet HTML 12Page - Fairchild Semiconductor FMS9884AKAC140 Datasheet HTML 13Page - Fairchild Semiconductor FMS9884AKAC140 Datasheet HTML 14Page - Fairchild Semiconductor FMS9884AKAC140 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
FMS9884A
PRODUCT SPECIFICATION
REV. 1.2.2 12/7/01
11
Figure 7. Output Timing
PHASE
N
tDH
tDO
S0
D0
PXCK/XCK
SC
HSIN
K
RGBIN
DCK
HSOUT
DCK
D[7..0]
Figures 13 through 21 depict data output timing relative to
the sampling clock and inputs for all modes. Timing is refer-
enced to the leading edge of HSIN when the first sample is
taken at the rising edge of SCK. Status of register bit OUT-
PHASE, determines if even samples are directed the A-port
and odd samples are directed to the B-port; or vice versa.
Note the timing of the HSOUT waveform:
1.
HSOUT is always active HIGH.
2.
Only the leading edge of HSOUT is active or selected by
the HSPOL register bit.
3.
HSOUT is aligned with DCK.
4.
Trailing edge is linked to HSIN.
5.
If HSIN does not terminate before mid-line, HSOUT is
forced low. A 50% duty cycle indicates that HSPOL is
incorrectly set.
HS is the internal sync pulse generated from HSYNC. SCK
is the internal A/D converter sampling clock.
Output data transitions are synchronized with the falling
edge of DCK. Output data should be strobed on the rising
edge of DCK. A 5 to 6.5 clock cycle delay must be flushed
before valid data is available.
Alternate Pixel Sampling Mode
A logic H on the CKINV pin inverts the sampling phase of
SCK. In the Alternate Pixel Sampling Mode:
1.
PLL is run at half rate. SCK, DCK and DCK are half rate.
2.
CKINV is toggled between frames. (see Figure 18)
VREFIN, with a nominal voltage of 1.25V, is the source of the
differential reference voltages for each A/D converter.
Reference voltages supplied to the differential inputs of the
comparators in the A/D converters are derived from VREFIN.
Digital Data Outputs
Input horizontal sync, HSIN and outgoing data, D[7..0] are
resynchronized to the delayed sample clock, SCK. Output
timing characteristics are defined in Figure 7. Latency of the
first pixel, N varies according to the mode:
1.
Single or dual output port.
2.
Interleaved or parallel output data.
3.
1-pixel or 2-pixel.
Levels are 3.3 volt CMOS with the output supply variable
between 2.5 and 3.3 V. PWRDN = L sets the outputs
high-impedance. PWRDN = H enables the outputs.


Similar Part No. - FMS9884AKAC140

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS9874 FAIRCHILD-FMS9874 Datasheet
172Kb / 25P
   Graphics Digitizer - 3x8-Bit, 108Ms/s Triple Video A/D Converter with Clamps
FMS9874KGC100 FAIRCHILD-FMS9874KGC100 Datasheet
172Kb / 25P
   Graphics Digitizer - 3x8-Bit, 108Ms/s Triple Video A/D Converter with Clamps
FMS9875 FAIRCHILD-FMS9875 Datasheet
484Kb / 29P
   Triple 8-Bit, 108/140 MHz A/D Converter with Clamps and PLL
FMS9875KAC100 FAIRCHILD-FMS9875KAC100 Datasheet
484Kb / 29P
   Triple 8-Bit, 108/140 MHz A/D Converter with Clamps and PLL
FMS9875KAC140 FAIRCHILD-FMS9875KAC140 Datasheet
484Kb / 29P
   Triple 8-Bit, 108/140 MHz A/D Converter with Clamps and PLL
More results

Similar Description - FMS9884AKAC140

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS9874 FAIRCHILD-FMS9874 Datasheet
172Kb / 25P
   Graphics Digitizer - 3x8-Bit, 108Ms/s Triple Video A/D Converter with Clamps
FMS9875 FAIRCHILD-FMS9875 Datasheet
484Kb / 29P
   Triple 8-Bit, 108/140 MHz A/D Converter with Clamps and PLL
TMC1103 FAIRCHILD-TMC1103 Datasheet
86Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
TMC1103X50 FAIRCHILD-TMC1103X50 Datasheet
87Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
logo
Cadeka Microcircuits LL...
TMC1103 CADEKA-TMC1103 Datasheet
187Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
logo
Fairchild Semiconductor
FMS3818 FAIRCHILD-FMS3818 Datasheet
178Kb / 13P
   Triple Video D/A Converter 3 x 8 bit, 180 Ms/s
FMS3818 FAIRCHILD-FMS3818_04 Datasheet
484Kb / 13P
   Triple Video D/A Converters 3 x 8 bit, 180 Ms/s
logo
Analog Devices
AD9483 AD-AD9483 Datasheet
319Kb / 26P
   Triple 8-Bit, 140 MSPS A/D Converter
REV. A
logo
Fairchild Semiconductor
FMS3810 FAIRCHILD-FMS3810 Datasheet
168Kb / 11P
   Triple Video D/A Converters 3 x 8 bit, 150 Ms/s
FMS3110 FAIRCHILD-FMS3110 Datasheet
170Kb / 11P
   Triple Video D/A Converters 3 x 10 bit, 150 Ms/s
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com