Electronic Components Datasheet Search |
|
CM3103-01SA Datasheet(PDF) 3 Page - California Micro Devices Corp |
|
CM3103-01SA Datasheet(HTML) 3 Page - California Micro Devices Corp |
3 / 10 page © 2004 California Micro Devices Corp. All rights reserved. 01/28/04 430 N. McCarthy Blvd., Milpitas, CA 95035-5112 L Tel: 408.263.3214 L Fax: 408.263.7846 L www.calmicro.com 3 CM3103 Specifications Note 1: At rated load, the power dissipation will be 0.68Watt (1.7V x 0.4A). Under these conditions, (in a 70°C ambient), the thermal resistance from junction to ambient ( θ JA) must not exceed 80°C/W. This is typically achieved with 2 square inches of copper printed circuit board area connected to the GND pins for heat spreading, or equivalent. ABSOLUTE MAXIMUM RATINGS PARAMETER RATING UNITS ESD Protection (HBM) +2000 V Pin Input Voltages VCC VAUX [GND - 0.5] to +6.0 [GND - 0.5] to +4.0 V V Storage Temperature Range -40 to +150 °C Operating Temperature Range Ambient Junction 0 to +70 0 to +125 °C °C Power Dissipation (See Note 1) Internally Limited W STANDARD OPERATING CONDITIONS PARAMETER VALUE UNITS VCC 5.0 +0.25 V VAUX 3.3 +0.3 V Ambient Operating Temperature Range 0 to +70 °C Load Current 0 to 400 mA CEXT 10 +20% µF |
Similar Part No. - CM3103-01SA |
|
Similar Description - CM3103-01SA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |