Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6615 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6615
Description  Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6615 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6615 Datasheet HTML 1Page - Maxim Integrated Products MAX6615 Datasheet HTML 2Page - Maxim Integrated Products MAX6615 Datasheet HTML 3Page - Maxim Integrated Products MAX6615 Datasheet HTML 4Page - Maxim Integrated Products MAX6615 Datasheet HTML 5Page - Maxim Integrated Products MAX6615 Datasheet HTML 6Page - Maxim Integrated Products MAX6615 Datasheet HTML 7Page - Maxim Integrated Products MAX6615 Datasheet HTML 8Page - Maxim Integrated Products MAX6615 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Dual-Channel Temperature Monitors and
Fan-Speed Controllers with Thermistor Inputs
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
GPIO SINK CURRENT
vs. SUPPLY VOLTAGE
VCC (V)
5.0
4.5
4.0
3.5
20
25
30
35
40
45
50
15
3.0
5.5
VGPIO_ = 0.4V
GPIO OUTPUT VOLTAGE
vs. GPIO SINK CURRENT
IGPIO_ (mA)
70
60
40
50
20
30
10
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
080
VCC = 3V
VCC = 5V
-5
-2
-3
-4
-1
0
1
2
3
4
5
050
25
75
100
125
PWM FREQUENCY
vs. DIE TEMPERATURE
DIE TEMPERATURE (
°C)
NORMALIZED AT TA = +25
°C
-0.04
0
-0.02
0.04
0.02
0.08
0.06
0.10
3.0
4.0
3.5
4.5
5.0
5.5
PWM FREQUENCY
vs. SUPPLY VOLTAGE
VCC (V)
NORMALIZED AT VCC = 5.0V


Similar Part No. - MAX6615

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6615 MAXIM-MAX6615 Datasheet
191Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 2; 10/08
MAX6615AEE MAXIM-MAX6615AEE Datasheet
191Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 2; 10/08
MAX6615 MAXIM-MAX6615_08 Datasheet
191Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 2; 10/08
More results

Similar Description - MAX6615

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6615 MAXIM-MAX6615_08 Datasheet
191Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 2; 10/08
MAX6653 MAXIM-MAX6653 Datasheet
297Kb / 24P
   Temperature Monitors and PWM Fan Controllers
Rev 1; 12/03
logo
Microchip Technology
TC654 MICROCHIP-TC654_14 Datasheet
580Kb / 38P
   Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
03/25/14
TC654 MICROCHIP-TC654 Datasheet
706Kb / 36P
   Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
2002
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
MAX6650 MAXIM-MAX6650_14 Datasheet
260Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
logo
SMSC Corporation
EMC2300 SMSC-EMC2300 Datasheet
1Mb / 81P
   Fan Control Device with High Frequency PWM and Temperature Monitors
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650_12 Datasheet
284Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
MAX6650 MAXIM-MAX6650_10 Datasheet
241Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 4; 7/10
logo
SMSC Corporation
EMC2300 SMSC-EMC2300_11 Datasheet
1Mb / 82P
   Fan Control Device with High Frequency PWM and Temperature Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com