Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9217 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9217
Description  27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Serializer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9217 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9217 Datasheet HTML 2Page - Maxim Integrated Products MAX9217 Datasheet HTML 3Page - Maxim Integrated Products MAX9217 Datasheet HTML 4Page - Maxim Integrated Products MAX9217 Datasheet HTML 5Page - Maxim Integrated Products MAX9217 Datasheet HTML 6Page - Maxim Integrated Products MAX9217 Datasheet HTML 7Page - Maxim Integrated Products MAX9217 Datasheet HTML 8Page - Maxim Integrated Products MAX9217 Datasheet HTML 9Page - Maxim Integrated Products MAX9217 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
27-Bit, 3MHz-to-35MHz
DC-Balanced LVDS Serializer
6
_______________________________________________________________________________________
Functional Diagram
MAX9217
TIMING AND CONTROL
DC BALANCE/
ENCODE
INPUT LATCH
RGB_IN
CNTL_IN
DE_IN
PCLK_IN
RNG0
RNG1
PWRDWN
1
0
OUT+
OUT-
CMF
MOD0
MOD1
PLL
PAR-TO-SER
OUT-
VOD
VOS
GND
RL / 2
RL / 2
OUT+
OUT-
OUT+
(OUT+) - (OUT-)
VOS(-)
VOS(+)
((OUT+) + (OUT-)) / 2
VOS(-)
VOD(-)
VOD(-)
VOD = 0V
∆VOS = |VOS(+) - VOS(-)|
∆VOD = |VOD(+) - VOD(-)|
VOD(+)
Figure 1. LVDS DC Output Load and Parameters


Similar Part No. - MAX9217

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9217 MAXIM-MAX9217 Datasheet
1Mb / 12P
   Fully Assembled and Tested
Rev 0; 9/09
MAX9217 MAXIM-MAX9217 Datasheet
172Kb / 15P
   27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Serializer
19-3558; Rev 4; 8/09
MAX9217ECM++ MAXIM-MAX9217ECM+ Datasheet
172Kb / 15P
   27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Serializer
19-3558; Rev 4; 8/09
MAX9217ECM/V++ MAXIM-MAX9217ECM/V+ Datasheet
172Kb / 15P
   27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Serializer
19-3558; Rev 4; 8/09
MAX9217ETM++ MAXIM-MAX9217ETM+ Datasheet
172Kb / 15P
   27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Serializer
19-3558; Rev 4; 8/09
More results

Similar Description - MAX9217

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9217 MAXIM-MAX9217_V01 Datasheet
172Kb / 15P
   27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Serializer
19-3558; Rev 4; 8/09
MAX9218 MAXIM-MAX9218 Datasheet
273Kb / 16P
   27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Deserializer
Rev 1; 4/05
MAX9247 MAXIM-MAX9247_09 Datasheet
186Kb / 17P
   27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 3; 4/09
MAX9247 MAXIM-MAX9247_12 Datasheet
223Kb / 17P
   27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 4; 4/12
MAX9247 MAXIM-MAX9247 Datasheet
324Kb / 17P
   27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 0; 1/06
logo
National Semiconductor ...
DS90C124 NSC-DS90C124 Datasheet
865Kb / 17P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS90C124 NSC-DS90C124_08 Datasheet
1Mb / 26P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS90C241_0608 NSC-DS90C241_0608 Datasheet
900Kb / 21P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Maxim Integrated Produc...
MAX9248 MAXIM-MAX9248_14 Datasheet
211Kb / 20P
   27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 4; 7/14
MAX9248 MAXIM-MAX9248 Datasheet
195Kb / 20P
   27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 3; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com