Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68QH302 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC68QH302
Description  Quad HDLC Integrated Multiprotocol Processor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68QH302 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC68QH302 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC68QH302 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68QH302 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68QH302 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68QH302 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68QH302 Datasheet HTML 6Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC68QH302 Technical Summary
1.2 MC68QH302 Ordering Information
Table 1 identifies operating frequencies available for the MC68QH302.
The documents listed in Table 2 contain detailed information on the MC68QH302. These documents can be
obtained from the Literature Distribution Centers at the addresses listed on the back page. Visit the website
at http://www.mot.com/netcomm/ for more information.
Table 1. MC68QH302 Package/Frequency Availability
Package Type
Operating
Voltage
Frequency
(MHz)
Temperature
Order Number
144-pin thin quad flat pack
(PV suffix)
5 V
16.67
0
° C to 70° C
MC68QH302PV16
20
MC68QH302PV20
25
MC68QH302PV25
Table 2. Documentation
Document Title
Order Number
Contents
MC68302 User’s Manual
MC68302UM/AD
Detailed information for design
M68000 Family Programmer's Reference
Manual
M68000PM/AD
M68000 family instruction set
The 68K Source
BR729/D
Independent vendor listing supporting
software and development tools
The MC68QH302 Supplement to
MC68302 User’s Manual
MC68QH302SUPL/AD
Highlights implementation-specific
features of the MC68QH302, and
discusses how they differ from the
MC68302.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68QH302

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68QH302 MOTOROLA-MC68QH302 Datasheet
26Kb / 6P
   Quad HDLC Integrated Multiprotocol Processor
logo
Freescale Semiconductor...
MC68QH302 FREESCALE-MC68QH302 Datasheet
198Kb / 2P
   MOTOROLA??S MC68302 INTEGRATED MULT I -PROTOCOL PROCESSOR
logo
Motorola, Inc
MC68QH302PV16 MOTOROLA-MC68QH302PV16 Datasheet
26Kb / 6P
   Quad HDLC Integrated Multiprotocol Processor
MC68QH302PV20 MOTOROLA-MC68QH302PV20 Datasheet
26Kb / 6P
   Quad HDLC Integrated Multiprotocol Processor
MC68QH302PV25 MOTOROLA-MC68QH302PV25 Datasheet
26Kb / 6P
   Quad HDLC Integrated Multiprotocol Processor
More results

Similar Description - MC68QH302

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68QH302 MOTOROLA-MC68QH302 Datasheet
26Kb / 6P
   Quad HDLC Integrated Multiprotocol Processor
logo
ATMEL Corporation
TS68302 ATMEL-TS68302 Datasheet
1Mb / 47P
   Integrated Multiprotocol Processor IMP
logo
Freescale Semiconductor...
MC68LC302AF20VCT FREESCALE-MC68LC302AF20VCT Datasheet
570Kb / 6P
   Low Cost Integrated Multiprotocol Processor
logo
Motorola, Inc
MC68PM302 MOTOROLA-MC68PM302 Datasheet
810Kb / 6P
   Integrated Multiprotocol Processor with PCMCIA
logo
Freescale Semiconductor...
MC68LC302CAF16CT FREESCALE-MC68LC302CAF16CT Datasheet
570Kb / 6P
   Low Cost Integrated Multiprotocol Processor
logo
Motorola, Inc
MC68EN302 MOTOROLA-MC68EN302 Datasheet
223Kb / 8P
   Integrated Multiprotocol Processor with Ethernet
logo
Freescale Semiconductor...
MC68LC302 FREESCALE-MC68LC302 Datasheet
569Kb / 6P
   Low Cost Integrated Multiprotocol Processor
logo
NXP Semiconductors
MC68PM302 NXP-MC68PM302 Datasheet
868Kb / 6P
   Integrated Multiprotocol Processor with PCMCIA
logo
Freescale Semiconductor...
MC68LC302AF20CT FREESCALE-MC68LC302AF20CT Datasheet
575Kb / 6P
   Low Cost Integrated Multiprotocol Processor
MC68EN302 FREESCALE-MC68EN302 Datasheet
559Kb / 8P
   Integrated Multiprotocol Processor with Ethernet
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com