Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4754 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4754
Description  0.5-ohm, QUAD SPDT SWITCHES IN UCSP/QFN
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4754 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4754 Datasheet HTML 5Page - Maxim Integrated Products MAX4754 Datasheet HTML 6Page - Maxim Integrated Products MAX4754 Datasheet HTML 7Page - Maxim Integrated Products MAX4754 Datasheet HTML 8Page - Maxim Integrated Products MAX4754 Datasheet HTML 9Page - Maxim Integrated Products MAX4754 Datasheet HTML 10Page - Maxim Integrated Products MAX4754 Datasheet HTML 11Page - Maxim Integrated Products MAX4754 Datasheet HTML 12Page - Maxim Integrated Products MAX4754 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
0.5
, Quad SPDT Switches in UCSP/QFN
10
______________________________________________________________________________________
Timing Circuits/Timing Diagrams (continued)
MEASUREMENTS ARE STANDARDIZED AGAINST SHORTS AT IC TERMINALS.
OFF-ISOLATION IS MEASURED BETWEEN COM_ AND OFF NO_ OR NC_ TERMINAL ON EACH SWITCH.
ON-LOSS IS MEASURED BETWEEN COM_ AND ON NO_ OR NC_ TERMINAL ON EACH SWITCH.
CROSSTALK IS MEASURED FROM ONE CHANNEL TO THE OTHER CHANNEL.
SIGNAL DIRECTION THROUGH SWITCH IS REVERSED; WORST VALUES ARE RECORDED.
+5V
VOUT
V+
IN_
NC1
COM1
NO1*
VIN
OFF-ISOLATION = 20log
VOUT
VIN
ON-LOSS = 20log
VOUT
VIN
CROSSTALK = 20log
VOUT
VIN
NETWORK
ANALYZER
50
50
50
50
MEAS
REF
10nF
0V OR V+
50
GND
*FOR CROSSTALK, THIS PIN IS NO2.
NC2 AND COM2 ARE OPEN.
MAX4754
MAX4755
MAX4756
Figure 4. On-Loss, Off-Isolation, and Crosstalk
CAPACITANCE
METER
NC_ or
NO_
COM_
GND
IN
VIL OR VIH
10nF
V+
f = 1MHz
V+
MAX4754
MAX4755
MAX4756
Figure 5. Channel On-/Off-Capacitance


Similar Part No. - MAX4754

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4754A MAXIM-MAX4754A Datasheet
94Kb / 4P
   Data and Audio Signal Routing
Rev 0; 5/07
MAX4754AEBE+T MAXIM-MAX4754AEBE+T Datasheet
316Kb / 15P
   0.5廓, Quad SPDT Switches in UCSP/QFN
Rev 1; 11/06
MAX4754AETE+T MAXIM-MAX4754AETE+T Datasheet
316Kb / 15P
   0.5廓, Quad SPDT Switches in UCSP/QFN
Rev 1; 11/06
MAX4754AEVKIT MAXIM-MAX4754AEVKIT Datasheet
94Kb / 4P
   Data and Audio Signal Routing
Rev 0; 5/07
MAX4754AEVKIT++ MAXIM-MAX4754AEVKIT+ Datasheet
94Kb / 4P
   Data and Audio Signal Routing
Rev 0; 5/07
More results

Similar Description - MAX4754

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4754 MAXIM-MAX4754_07 Datasheet
316Kb / 15P
   0.5廓, Quad SPDT Switches in UCSP/QFN
Rev 1; 11/06
MAX4758 MAXIM-MAX4758 Datasheet
343Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
Rev 0; 10/03
MAX4758 MAXIM-MAX4758_V01 Datasheet
506Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
2005
MAX4684 MAXIM-MAX4684 Datasheet
346Kb / 12P
   0.5 ??0.8 ?쪳ow-Voltage, Dual SPDT Analog Switches in UCSP
Rev 3; 2/03
MAX4747 MAXIM-MAX4747_06 Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4747 MAXIM-MAX4747 Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4699 MAXIM-MAX4699 Datasheet
564Kb / 13P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 0; 8/01
MAX4699 MAXIM-MAX4699_09 Datasheet
216Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 2; 10/09
MAX4699 MAXIM-MAX4699_11 Datasheet
200Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 3; 4/11
MAX4737 MAXIM-MAX4737 Datasheet
1Mb / 16P
   4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com