Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT3966 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # NT3966
Description  TFT LCD SOURCE DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT3966 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  NT3966 Datasheet HTML 1Page - List of Unclassifed Manufacturers NT3966 Datasheet HTML 2Page - List of Unclassifed Manufacturers NT3966 Datasheet HTML 3Page - List of Unclassifed Manufacturers NT3966 Datasheet HTML 4Page - List of Unclassifed Manufacturers NT3966 Datasheet HTML 5Page - List of Unclassifed Manufacturers NT3966 Datasheet HTML 6Page - List of Unclassifed Manufacturers NT3966 Datasheet HTML 7Page - List of Unclassifed Manufacturers NT3966 Datasheet HTML 8Page - List of Unclassifed Manufacturers NT3966 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NT3966
TFT LCD Source Driver
Version 1.0
3
DEC 7 ,2001
P
in Description
Designation
I/O
Description
D05 ~ D00
D15 ~ D10
D25 ~ D20
D35 ~ D30
D45 ~ D40
D55 ~ D50
I
Data input. For six 6-bit data,2 pixels, of color data (R, G, B)
DX5 : MSB; DX0 : LSB
REV1
I
Controls whether the data of D00~D25 are inverted or not.
When “REV1”=1 these data will be inverted. EX. “00”
à “ 3F”, “07”à “38”,“15”à “2A”, and so on.
REV2
I
Controls whether the data of D30~D55 are inverted or not, same as REV1.
CLK
I
Clock input; latching data onto the line latches at the rising edge.
V1 ~ V10
I
Gamma correction reference voltage. The voltage of these pins must be AVSS< V10< V9<
V8<V7<V6; V5<V4<V3<V2<V1< AVDD
OUT1 ~
OUT420
O
Output drive signals;
Selects left or right shift;
SHL=“1” : DIO1 →OUT1,2,3,4,5,6→OUT7,8,9,10,11,12--→OUT415,416,417,418,419,420= DIO2
SHL=“0” : DIO1=OUT1,2,3,4,5,6←OUT7,8,9,10,11,12←-- OUT415,416,417,418,419,420←DIO2
SHL
DIO1
DIO2
SHIFT
1
Input
Output
Right
SHL
I
0
Output
Input
Left
DIO1
DIO2
I/O Start pulse signal input/output
When SHL is applied high (SHL="1"), a start high-pulse on DIO1 is latched at the rising edge of the
CLK. Then the data are latched serially onto internal latches at the rising edge of the CLK. After all
line latches are filled with data, 70 clocks, a pulse is shifted out through the DIO2 pin at the rising
edge of the CLK. This function can cascade two or more devices for dot-size expansion. In normal
applications, the DIO2 signal of the first device is connected to the DIO1 of the second stage, the
DIO2 of the second one is connected to the DIO1 of the third, and so on, in a chain.
In contrast, when SHL is applied low, a start pulse inputs on DIO2, and a pulse outputs through
DIO1.
*Remark: The input pulse-width of DIO1/2 may exceed 1 clock-cycle.
LD
I
Latches the polarity of outputs and switches the new data to outputs.
1. At the rising edge, the pin latches the “POL” signal to control the polarity of the outputs.
2. The pin also controls the switch of the line registers that switches the new incoming data
to outputs.
*Remark: The LD may switch the new data to outputs at anytime even if the line data are not
completely full.
POL
I
Polarity selector for the dot-inversion control. Available at the rising edge of LD
“POL” value is latched at the rising edge of “LD” to control the polarity of the even or odd outputs.
“POL=1” indicates that even outputs are of positive polarity with a voltage range from V1~V5, and
odd outputs are of negative polarity with a voltage range from V6 to V10. On the other hand, if LD
receives low level “POL”, even outputs are of negative polarity and odd outputs are of positive
polarity.
POL=1: Even outputs range from V1 ~ V5
Odd outputs range from V6 ~ V10
POL=0: Even outputs range from V6 ~ V10
Odd outputs range from V1 ~ V5
AVDD
I
Power supply for analog circuit
AVSS
I
Ground pin for analog circuit
Vcc
I
Power supply for digital circuit
GND
I
Ground pin for digital circuit


Similar Part No. - NT3966

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT3960 ETC1-NT3960 Datasheet
225Kb / 20P
   TFT LCD Source Driver
NT3967 ETC1-NT3967 Datasheet
97Kb / 11P
   TFT LCD Source Driver
More results

Similar Description - NT3966

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT3960 ETC1-NT3960 Datasheet
225Kb / 20P
   TFT LCD Source Driver
NT3967 ETC1-NT3967 Datasheet
97Kb / 11P
   TFT LCD Source Driver
NT3980 ETC-NT3980 Datasheet
119Kb / 13P
   TFT LCD Source Driver
logo
Hynix Semiconductor
HM10S801A HYNIX-HM10S801A Datasheet
209Kb / 22P
   CMOS TFT-LCD SOURCE DRIVER
logo
Princeton Technology Co...
PT16103 PTC-PT16103 Datasheet
514Kb / 5P
   480CH TFT LCD Source Driver
logo
Hynix Semiconductor
HM10S604 HYNIX-HM10S604 Datasheet
249Kb / 16P
   CMOS TFT-LCD SOURCE DRIVER
logo
Princeton Technology Co...
PT16102 PTC-PT16102 Datasheet
628Kb / 7P
   804CH TFT LCD Source Driver
logo
Renesas Technology Corp
PD16781 RENESAS-PD16781_15 Datasheet
237Kb / 18P
   480 OUTPUT TFT-LCD SOURCE DRIVER
logo
NEC
UPD160040 NEC-UPD160040 Datasheet
157Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040B NEC-UPD160040B Datasheet
156Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com