Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16874GS Datasheet(PDF) 10 Page - NEC

Part # UPD16874GS
Description  MOS INTEGRATED CIRCUIT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16874GS Datasheet(HTML) 10 Page - NEC

Back Button UPD16874GS Datasheet HTML 6Page - NEC UPD16874GS Datasheet HTML 7Page - NEC UPD16874GS Datasheet HTML 8Page - NEC UPD16874GS Datasheet HTML 9Page - NEC UPD16874GS Datasheet HTML 10Page - NEC UPD16874GS Datasheet HTML 11Page - NEC UPD16874GS Datasheet HTML 12Page - NEC UPD16874GS Datasheet HTML 13Page - NEC UPD16874GS Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Data Sheet S13894EJ1V0DS
10
µµµµPD16874
When Thermal Shutdown Circuit Operates
While the thermal shutdown circuit is activated, the output pins are in the OFF status. However, the IC does not
enter the standby status even if all the CLT pins are deasserted inactive at the same time.
The thermal shutdown circuit is not activated even if the junction temperature exceeds 150
°C TYP. while the IC is
in the standby mode (when all the CTL pins are inactive).
TEST CIRCUIT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
+5 V
10
10
10
10
IN
OUT1
FLG1
CTL1
CTL3
FLG3
OUT3
IN
GND
OUT2
FLG2
CTL2
CTL4
FLG4
OUT4
VDDC
5 V
GND
GND
5 V
GND
5 V
GND
5 V
Standby status
Non-standby
status
IN (Input)
OUT
(Output)
Tch
FLG
(Output)
CTL
(Input)
Thermal shutdown circuit
operating temperature (rising)
Thermal shutdown circuit
operating temperature (falling)


Similar Part No. - UPD16874GS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16874GS RENESAS-UPD16874GS Datasheet
240Kb / 22P
   MOS INTEGRATED CIRCUIT
2001
More results

Similar Description - UPD16874GS

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
   MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
   MOS INTEGRATED CIRCUIT
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
   MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
   MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
   MOS Integrated Circuit
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
   MOS INTEGRATED CIRCUIT
logo
NEC
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
   MOS Integrated Circuit
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
   MOS Integrated Circuit
logo
Renesas Technology Corp
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
   MOS INTEGRATED CIRCUIT
UPD166108GR RENESAS-UPD166108GR Datasheet
462Kb / 16P
   MOS INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com