Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3161 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3161
Description  4-Bit Programmable 2-Phase Synchronous Buck Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3161 Datasheet(HTML) 2 Page - Analog Devices

  ADP3161 Datasheet HTML 1Page - Analog Devices ADP3161 Datasheet HTML 2Page - Analog Devices ADP3161 Datasheet HTML 3Page - Analog Devices ADP3161 Datasheet HTML 4Page - Analog Devices ADP3161 Datasheet HTML 5Page - Analog Devices ADP3161 Datasheet HTML 6Page - Analog Devices ADP3161 Datasheet HTML 7Page - Analog Devices ADP3161 Datasheet HTML 8Page - Analog Devices ADP3161 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
REV. 0
ADP3161–SPECIFICATIONS1 (VCC = 12 V, I
REF = 150
A, TA = 0 C to 70 C, unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
FEEDBACK INPUT
Accuracy
VFB
1.3 V Output
TPC 1
1.290 1.3
1.310
V
1.6 V Output
TPC 1
1.587 1.6
1.613
V
2.05 V Output
TPC 1
2.034 2.05
2.066
V
Line Regulation
∆VFB
VCC = 10 V to 14 V
0.05
%
Input Bias Current
IFB
550
nA
Crowbar Trip Point
VCROWBAR
Percent of Nominal Output
114
124
134
%
Crowbar Reset Point
Percent of Nominal Output
50
60
70
%
Crowbar Response Time
tCROWBAR
Overvoltage to PWM Going Low
300
ns
FB Low Comparator Threshold
VFB(LOW)
375
425
500
mV
REFERENCE
Output Voltage
VREF
2.952 3.0
3.048
V
Output Current
IREF
300
µA
VID INPUTS
Input Low Voltage
VIL(VID)
0.6
V
Input High Voltage
VIH(VID)
2.2
V
Input Current
IVID
VID(X) = 0 V
180
250
µA
Pull-Up Resistance
RVID
20
28
k
Internal Pull-Up Voltage
4.5
5.0
5.5
V
OSCILLATOR
Maximum Frequency2
fCT(MAX)
2000
kHz
Frequency Variation
∆fCT
TA = 25
°C, CT = 91 pF
430
500
570
kHz
CT Charge Current
ICT
TA = 25
°C, VFB in Regulation
130
150
170
µA
TA = 25
°C, V
FB = 0 V
263646
µA
ERROR AMPLIFIER
Output Resistance
RO(ERR)
200
k
Transconductance
gm(ERR)
2.0
2.2
2.45
mmho
Output Current
IO(ERR)
VFB = 0 V
1
mA
Maximum Output Voltage
VCOMP(MAX)
FB Forced to VOUT – 3%
3.0
V
Output Disable Threshold
VCOMP(OFF)
560
720
800
mV
–3 dB Bandwidth
BWERR
COMP = Open
500
kHz
CURRENT SENSE
Threshold Voltage
VCS(TH)
CS+ = VCC,
69
79
89
mV
FB Forced to VOUT – 3%
0.8 V
≤ COMP ≤ 1 V
0
15
mV
VCS(FOLD)
FB
≤ 375 mV
37
47
58
mV
∆VCOMP/∆VCS
ni
1 V
≤ VCOMP ≤ 3 V
25
V/V
Input Bias Current
ICS+, ICS–
CS+ = CS– = VCC
0.5
5
µA
Response Time
tCS
CS+ – (CS–)
≥ 89 mV
50
ns
to PWM Going Low
POWER GOOD COMPARATOR
Undervoltage Threshold
VPWRGD(UV)
Percent of Nominal Output
76
82
88
%
Overvoltage Threshold
VPWRGD(OV)
Percent of Nominal Output
114
124
134
%
Output Voltage Low
VOL(PWRGD)
IPWRGD(SINK) = 100
µA
30
200
mV
Response Time
FB Going High
2
µs
FB Going Low
200
ns
PWM OUTPUTS
Output Voltage Low
VOL(PWM)
IPWM(SINK) = 400
µA
100
500
mV
Output Voltage High
VOH(PWM)
IPWM(SOURCE) = 400
µA
4.5
5.0
5.5
V
Output Current
IPWM
0.4
1
mA
Duty Cycle Limit
2
DC
Per Phase, Relative to fCT
50
%


Similar Part No. - ADP3161

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3160 AD-ADP3160 Datasheet
292Kb / 16P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. B
ADP3160JR AD-ADP3160JR Datasheet
292Kb / 16P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. B
ADP3162 AD-ADP3162 Datasheet
151Kb / 12P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. A
ADP3162JR AD-ADP3162JR Datasheet
151Kb / 12P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. A
ADP3163 AD-ADP3163 Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
More results

Similar Description - ADP3161

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3198 AD-ADP3198 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. A
ADP3192A AD-ADP3192A Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
   6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. B
ADP3188 AD-ADP3188 Datasheet
956Kb / 28P
   6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
REV. A
ADP3191 AD-ADP3191 Datasheet
842Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
logo
ON Semiconductor
ADP3196 ONSEMI-ADP3196 Datasheet
364Kb / 18P
   6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
January 2008 ??Rev. 1
logo
Fairchild Semiconductor
FAN5031 FAIRCHILD-FAN5031 Datasheet
424Kb / 3P
   8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
logo
Analog Devices
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3192 AD-ADP3192 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
ADP3194 AD-ADP3194 Datasheet
649Kb / 32P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com