Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5312EAE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5312EAE
Description  -10V, 12-Bit, Serial, Voltage-Output DAC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5312EAE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5312EAE Datasheet HTML 7Page - Maxim Integrated Products MAX5312EAE Datasheet HTML 8Page - Maxim Integrated Products MAX5312EAE Datasheet HTML 9Page - Maxim Integrated Products MAX5312EAE Datasheet HTML 10Page - Maxim Integrated Products MAX5312EAE Datasheet HTML 11Page - Maxim Integrated Products MAX5312EAE Datasheet HTML 12Page - Maxim Integrated Products MAX5312EAE Datasheet HTML 13Page - Maxim Integrated Products MAX5312EAE Datasheet HTML 14Page - Maxim Integrated Products MAX5312EAE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
±10V, 12-Bit, Serial, Voltage-Output DAC
______________________________________________________________________________________
11
MAX5312 toc31
VOUT
UNIPOLAR RELEASE FROM
HARDWARE-SHUTDOWN RESPONSE
VSHDN
t = 100µs/div
5V/div
2V/div
MAX5312 toc32
VOUT
BIPOLAR RELEASE FROM
HARDWARE-SHUTDOWN RESPONSE
VSHDN
t = 100µs/div
5V/div
2V/div
MAX5312 toc33A
VOUT
UNIPOLAR
SOFTWARE-SHUTDOWN RESPONSE
CS
t = 40.0µs/div
5V/div
5V/div
MAX5312 toc33B
VOUT
BIPOLAR
SOFTWARE-SHUTDOWN RESPONSE
CS
t = 40.0µs/div
5V/div
10V/div
BIPOLAR STARTUP RESPONSE,
CLOAD = 10pF
MAX5312 toc30A
VDD
VCC
VSS
VOUT
t = 10.0µs/div
20V/div
5V/div
10V/div
2V/div
BIPOLAR STARTUP RESPONSE,
CLOAD = 250pF
MAX5312 toc30B
VDD
VCC
VSS
VOUT
t = 10.0µs/div
20V/div
5V/div
10V/div
1V/div
Typical Operating Characteristics (continued)
(VDD = +15V, VSS = -15V for bipolar graphs, VSS = 0 for unipolar graphs, VCC = +5V, AGND = DGND = SGND = 0, VREF = +5.0V,
output unloaded, TA = +25°C, all graphs apply to both unipolar and bipolar, unless otherwise noted.)


Similar Part No. - MAX5312EAE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5312EVKIT MAXIM-MAX5312EVKIT Datasheet
348Kb / 10P
   MAX5312 Evaluation Kit
Rev 0; 2/08
More results

Similar Description - MAX5312EAE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
logo
Analog Devices
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
   Quad 12-Bit Serial Voltage Output DAC
REV. B
logo
Maxim Integrated Produc...
MAX5322 MAXIM-MAX5322 Datasheet
692Kb / 18P
   짹10V, Dual, 12-Bit, Serial, Voltage-Output DAC
Rev 2; 10/05
logo
Wolfson Microelectronic...
WM2618 WOLFSON-WM2618 Datasheet
125Kb / 10P
   Dual 12-Bit Serial Input Voltage Output DAC
logo
Analog Devices
AD5512A AD-AD5512A Datasheet
503Kb / 21P
   Serial-Input Voltage-Output, 12-/16-Bit DAC
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
logo
Analog Devices
AD5726 AD-AD5726 Datasheet
523Kb / 20P
   Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
REV. 0
logo
Maxim Integrated Produc...
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com