Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTO50 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RTO50
Description  Power Resistor, Thick Film Technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RTO50 Datasheet(HTML) 2 Page - Vishay Siliconix

  RTO50 Datasheet HTML 1Page - Vishay Siliconix RTO50 Datasheet HTML 2Page - Vishay Siliconix RTO50 Datasheet HTML 3Page - Vishay Siliconix RTO50 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document Number: 50035
Revision 14-Jan-05
www.vishay.com
18
RTO 50
Vishay Sfernice
For technical questions, contact sfer@vishay.com
PERFORMANCE
TESTS
CONDITIONS
TYPICAL DRIFTS
NF EN 140000
Momentary Overload
2Pr/5s
± (0.25% + 0.05Ω)
Us < 1.5UL
NF EN 140000
Rapid Temperature Change
CEI 68214 Tests Na
± (0.5% + 0.05Ω)
5 cycles - 55°C to + 155°C
Load Life
NF EN 140000 Pr at + 25°C CEI 115_1
± (1% + 0.05Ω)
Humidity (Steady State)
MIL STD 202
± (0.5% + 0.05Ω)
Method 103 B Cond. D
Vibration
MIL STD 202
± (0.2% + 0.05Ω)
Method 204 Cond. D
Terminal Strength
MIL STD 202
± (0.2% + 0.05Ω)
Method 211 Cond. A1
Power Resistor Thick Film Technology
Resistance Values
≥ 0.010Ω
≥ 0.015Ω
≥ 0.1Ω
≥ 0.5Ω
Tolerances
± 1% at ± 10%
Standard
± 900ppm/°C
± 700ppm/°C
± 250ppm/°C
± 150ppm/°C
Temperature
Coefficient
SPECIAL FEATURES
CHOICE OF THE HEATSINK
The user must choose according to the working conditions of the component (power, room temperature).
Maximum working temperature must not exceed 155°C. The dissipated power is simply calculated by the following ratio:
P =
∆T
[RTH (j-c) + RTH (c-a)]
(1)
P:
expressed in W
T:
difference between maximum working temperature and room temperature.
RTH:
(j-c):
thermal resistance value measured between resistive layer and outer side of the resistor. It is the thermal
resistance of the component: (Special Features Table)
RTH:
(c-a): thermal resistance value measured between outer side of the resistor and room temperature. It is the
thermal resistance of the heatsink itself (type, shape) and the quality of the fastening device.
Example:
RTH: (c-a) for RTO 50 power rating 13 W at ambient temperature + 30°C.
Thermal resistance RTH (j-c): 25°C/W
Considering equation (1) we have:
∆T 155°C - 30°C 125°C
RTH (j-c) + RTH (c-a) =
=
= 9.6°C/W
RTH (c-a) 9.6°C/W - 2.6°C/W 7°C/W
∆T
P
125
13


Similar Part No. - RTO50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RTO50 VISHAY-RTO50_15 Datasheet
89Kb / 5P
   50 W Power Resistor, Thick Film Technology, TO-220
Revision: 18-Sep-15
More results

Similar Description - RTO50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LTO50 VISHAY-LTO50 Datasheet
90Kb / 4P
   Power Resistor Thick Film Technology
Revision 26-Mar-07
LTO050F1R000JTE3 VISHAY-LTO050F1R000JTE3 Datasheet
109Kb / 4P
   Power Resistor Thick Film Technology
Revision: 16-Oct-08
LTO100 VISHAY-LTO100_V01 Datasheet
107Kb / 6P
   Power Resistor Thick Film Technology
01-Jan-2022
LTO-50 VISHAY-LTO-50 Datasheet
102Kb / 5P
   Power Resistor Thick Film Technology
Revision: 09-Dec-15
LTO100 VISHAY-LTO100_15 Datasheet
103Kb / 5P
   Power Resistor Thick Film Technology
Revision: 08-Dec-14
LTO100 VISHAY-LTO100 Datasheet
90Kb / 4P
   Power Resistor Thick Film Technology
Revision: 26-Mar-07
LTO050F50R00JTE3 VISHAY-LTO050F50R00JTE3 Datasheet
91Kb / 5P
   Power Resistor Thick Film Technology
Revision: 22-Jan-14
LTO50 VISHAY-LTO50_15 Datasheet
86Kb / 5P
   Power Resistor Thick Film Technology
Revision: 01-Aug-13
LTO030F47R00JTE3 VISHAY-LTO030F47R00JTE3 Datasheet
94Kb / 5P
   30 W Power Resistor Thick Film Technology
Revision: 01-Aug-13
LTO-150 VISHAY-LTO-150 Datasheet
99Kb / 4P
   Clip Mount Power Resistor Thick Film Technology
Revision: 15-Feb-18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com