Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP4280-1-T1-E3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SIP4280-1-T1-E3
Description  Slew Rate Controlled Load Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP4280-1-T1-E3 Datasheet(HTML) 8 Page - Vishay Siliconix

  SIP4280-1-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SIP4280-1-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SIP4280-1-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SIP4280-1-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SIP4280-1-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SIP4280-1-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SIP4280-1-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SIP4280-1-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SIP4280-1-T1-E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SiP4280
Vishay Siliconix
www.vishay.com
8
Document Number: 73476
S–52468—Rev. B, 28-Nov-05
DETAILED DESCRIPTION
The SiP4280 is a P–channel MOSFET power switches
designed for high–side slew rate controlled load–switching
applications. During turn on, the current ramps linearly until it
reaches the level required for the output load condition. This is
achieved by first applying the threshold voltage on the gate of
the MOSFET. Once at this level, the current begins to slew and
the gate voltage is then linearly increased until the MOSFET
becomes fully enhanced. Once fully enhanced, the gate is
quickly increased to the full input voltage and RDS(ON) is
minimized.
The SiP4280–1 version has a moderate 1ms turn on slew rate
feature, which reduces in–rush current when the MOSFET is
turned on. This function allows the load switch to be
implemented with a small input capacitor, or no input capacitor
at all. The SIP4280–3 has in addition to the 100
ms minimized
slew rate limited turn on function, a shutdown output discharge
circuit to rapidly turn off a load when the load switch is disabled
through the ON/OFF pin.
Both versions of the SiP4280 operate with input voltages
ranging from 1.8 V to 5.5 V. Also, both versions of this device
have extremely low operating current, making them ideal for
battery–powered applications. In cases where the input
voltage drops below 1.8 V, the under voltage lockout function
will prevent the P–channel MOSFET device from entering into
the saturation region of operation by automatically shutting
down SiP4280. The ON/OFF control pin is TTL compatible and
will also function with 2.5 volt to 5 volt CMOS logic systems.
APPLICATION INFORMATION
Input Capacitor
While a bypass capacitor on the input is not required, a 1
mF
or larger capacitor for CIN is recommended in almost all ap–
plications. The Bypass capacitor should be placed as phy–
sically close as possible to the SiP4280 to be effective in
minimizing transients on the input. Ceramic capacitors are
recommended over tantalum because of their ability to
withstand input current surges from low impedance sources
such as batteries in portable devices.
Output Capacitor
A 0.1
mF capacitor or larger across VOUT and GND is recom–
mended to insure proper slew operation. COUT may be
increased without limit to accommodate any load transient
condition with only minimal affect on the SiP4280 turn on slew
rate time. There are no ESR or capacitor type requirement.
Enable
The ON/OFF pin is compatible with both TTL and CMOS logic
voltage levels.
Reverse Voltage Conditions and Protection
The P–channel MOSFET pass transistor has an intrinsic diode
that is reversed biased when the input voltage is greater than
the output voltage. Should VOUT exceed VIN , this intrinsic
diode will become forward biased and allow excessive current
to flow into the IC thru the VOUT pin and potentially damage the
IC device. Therefore extreme care should be taken to prevent
VOUT from exceeding VIN.
In conditions where VOUT exceeds VIN a Schottky diode in
parallel with the internal intrinsic diode is recommended to
protect the SiP4280.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and
Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see
http://www.vishay.com/ppg?73476.


Similar Part No. - SIP4280-1-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP4280 VISHAY-SIP4280 Datasheet
353Kb / 10P
   Slew Rate Controlled Load Switch
01-Jan-2022
SIP4280A VISHAY-SIP4280A Datasheet
1Mb / 9P
   Slew Rate Controlled Load Switch
Rev. C, 11-Sep-06
SIP4280A VISHAY-SIP4280A Datasheet
479Kb / 10P
   Slew Rate Controlled Load Switch
01-Jan-2022
SIP4280ADT-1-T1-E3 VISHAY-SIP4280ADT-1-T1-E3 Datasheet
1Mb / 9P
   Slew Rate Controlled Load Switch
Rev. C, 11-Sep-06
SIP4280ADT-1-T1-E3 VISHAY-SIP4280ADT-1-T1-E3 Datasheet
479Kb / 10P
   Slew Rate Controlled Load Switch
01-Jan-2022
More results

Similar Description - SIP4280-1-T1-E3

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
   Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280_06 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A_08 Datasheet
549Kb / 16P
   Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A Datasheet
183Kb / 14P
   Slew Rate Controlled Load Switch
AAT4280A_0511 ANALOGICTECH-AAT4280A_0511 Datasheet
201Kb / 14P
   Slew Rate Controlled Load Switch
logo
Global Mixed-mode Techn...
G5287 GMT-G5287 Datasheet
51Kb / 1P
   Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com