Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB2905HQ Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TB2905HQ
Description  Class KB High-Efficiency, Low-Frequency Power Amplifier IC Maximum Power: 47 W x 4 Channels
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB2905HQ Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TB2905HQ Datasheet HTML 5Page - Toshiba Semiconductor TB2905HQ Datasheet HTML 6Page - Toshiba Semiconductor TB2905HQ Datasheet HTML 7Page - Toshiba Semiconductor TB2905HQ Datasheet HTML 8Page - Toshiba Semiconductor TB2905HQ Datasheet HTML 9Page - Toshiba Semiconductor TB2905HQ Datasheet HTML 10Page - Toshiba Semiconductor TB2905HQ Datasheet HTML 11Page - Toshiba Semiconductor TB2905HQ Datasheet HTML 12Page - Toshiba Semiconductor TB2905HQ Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TB2905HQ
2005-08-17
9
Electrical Characteristics
(unless otherwise specified, VCC =13.2 V, f =1 kHz, RL = 4 Ω, Ta = 25°C)
Characteristics
Symbol
Test
Circuit
Test Conditions
Min
Typ.
Max
Unit
Quiescent supply current
ICCQ
VIN = 0
200
300
mA
POUT MAX (1)
VCC = 14.4 V, max POWER
47
POUT MAX (2)
VCC = 13.7 V, max POWER
43
POUT (1)
VCC = 14.4 V, THD = 10%
29
Output power
POUT (2)
THD
= 10%
23
25
W
POUT MAX (1)
VCC = 14.4 V, max POWER
80
POUT MAX (2)
VCC = 13.7 V, max POWER
77
POUT (1)
VCC = 14.4 V, THD = 10%
55
Output power (RL = 2 Ω)
POUT (2)
THD
= 10%
42
45
W
Total harmonics distortion
THD
POUT = 2 W
0.03
0.2
%
Voltage gain
GV
VOUT = 0.775 Vrms
24
26
28
dB
Interchannel voltage gain
△GV
VOUT = 0.775 Vrms
−1.0
0
1.0
dB
VNO (1)
Rg
= 0 Ω, DIN45405
130
Output noise voltage
VNO (2)
Rg
= 0 Ω, BW = 20 Hz~20 kHz
120
270
µVrms
Ripple rejection retio
R.R.
frip = 100 Hz, Rg = 620 Ω
Vrip = 0.775 Vrms
50
60
dB
Crosstalk
C.T.
Rg = 620 Ω
VOUT = 0.775 Vrms
70
dB
Output offset voltage
VOFFSET
-150
0
150
mV
Input resistance
RIN
90
k
Standby current
ISB
Standby state
2
10
µA
VSB H
POWER: ON, clipping
detection on pin 25
7.5
VCC
VSB M
POWER: ON, offset detection
on pin 25
2.5
6.0
Standby control voltage
VSB L
POWER: OFF
0
0.5
V
VM H
MUTE: OFF
2.5
6.0
Muting control voltage
VM L
MUTE: ON, R1 = 47 kΩ
0
0.5
V
Muting attenuation
ATT M
MUTE: ON
VOUT = 7.75 Vrms → Mute:
OFF
80
90
dB
Offset detection threshold voltage
Voff-set
Rpull-up
= 47 kΩ, +V= 5.0 V
Based on normal output DC
voltage
±1.0
±1.5
±2.0
V


Similar Part No. - TB2905HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2901H TOSHIBA-TB2901H Datasheet
333Kb / 17P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2901HQ TOSHIBA-TB2901HQ Datasheet
359Kb / 16P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2902HQ TOSHIBA-TB2902HQ Datasheet
446Kb / 38P
   Maximum Power 41 W BTL 횞 4-ch Audio Power IC
TB2903HQ TOSHIBA-TB2903HQ Datasheet
338Kb / 15P
   Maximum Power 47W BTL x 4-ch Audio Power IC
TB2904HQ TOSHIBA-TB2904HQ Datasheet
272Kb / 16P
   Maximum Power 43 W BTL x 4-ch Audio Power IC
More results

Similar Description - TB2905HQ

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK403-430 SANYO-STK403-430 Datasheet
135Kb / 8P
   Six-Channel Class AB Audio Power Amplifier IC 20 W X 6 Channels
logo
Toshiba Semiconductor
TB2901H TOSHIBA-TB2901H Datasheet
333Kb / 17P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2901HQ TOSHIBA-TB2901HQ Datasheet
359Kb / 16P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2913HQ TOSHIBA-TB2913HQ Datasheet
328Kb / 15P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2924AFG TOSHIBA-TB2924AFG Datasheet
774Kb / 16P
   Class D, 20 W × 2-channel (BTL) Low-Frequency Power Amplifier IC
2007-01-26
TB2906HQ TOSHIBA-TB2906HQ Datasheet
281Kb / 16P
   Maximum Power 43 W BTL x 4-ch Audio Power IC
TB2904HQ TOSHIBA-TB2904HQ Datasheet
272Kb / 16P
   Maximum Power 43 W BTL x 4-ch Audio Power IC
TB2924FG TOSHIBA-TB2924FG Datasheet
534Kb / 16P
   Class D, 20 W 횞 2-channel (BTL) Low-Frequency Power Amplifier IC
logo
Cirrus Logic
CS3511_0912 CIRRUS-CS3511_0912 Datasheet
270Kb / 26P
   Stereo 10 W High-efficiency Class-D Audio Power Amplifier
CS3511 CIRRUS-CS3511 Datasheet
270Kb / 26P
   Stereo 10 W High-efficiency Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com