Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3284 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SK3284
Description  General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3284 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SK3284 Datasheet HTML 1Page - Sanyo Semicon Device 2SK3284 Datasheet HTML 2Page - Sanyo Semicon Device 2SK3284 Datasheet HTML 3Page - Sanyo Semicon Device 2SK3284 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SK3284
No. A0168-2/4
Package Dimensions
unit : mm
7002-001
Switching Time Test Circuit
6.2
7.8
8.2
1.0
1.0
5.08
2.54
2.54
0.3
0.6
0.6
7.8
10.0
6.0
1
2
3
1 : Gate
2 : Source
3 : Drain
SANYO : ZP
PW=1
µs
D.C.
≤0.5%
RGS=50Ω
ID=6A
RL=33.3Ω
VDD=200V
VGS=15V
2SK3284
P.G
G
S
D
VOUT
ID -- VDS
ID -- VGS
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
0
IT10368
IT10369
0
20
14
16
18
12
6
8
10
4
2
2
468
15
14
10
12
1
357
13
911
0
0
20
25
15
10
5
24
6
10
12
814
16
18
20
VGS=6V
7V
8V
15V
10V
VDS=10V
Tc= --25°C
25
°C
75
°C


Similar Part No. - 2SK3284

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3280 SANYO-2SK3280 Datasheet
45Kb / 4P
   DC/DC Converter Applications
2SK3283 SANYO-2SK3283 Datasheet
37Kb / 4P
   N-Channel Silicon MOSFET
2SK3285 SANYO-2SK3285 Datasheet
48Kb / 5P
   DC/DC Converter Applications
logo
Inchange Semiconductor ...
2SK3285B ISC-2SK3285B Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3285K ISC-2SK3285K Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3284

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com