Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3489 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SK3489
Description  General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3489 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SK3489 Datasheet HTML 1Page - Sanyo Semicon Device 2SK3489 Datasheet HTML 2Page - Sanyo Semicon Device 2SK3489 Datasheet HTML 3Page - Sanyo Semicon Device 2SK3489 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SK3489
No.7316-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Total Gate Charge
Qg
VDS=10V, VGS=10V, ID=8A
8.5
nC
Gate-to-Source Charge
Qgs
VDS=10V, VGS=10V, ID=8A
1.8
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=10V, VGS=10V, ID=8A
1.3
nC
Diode Forward Voltage
VSD
IS=8A, VGS=0V
0.89
1.2
V
Package Dimensions
Switching Time Test Circuit
unit : mm
7007-003
1.5
0.5
0.4
3.0
4.5
1.6
0.4
12
3
1.5
Top View
Bottom View
1 : Gate
2 : Drain
3 : Source
SANYO : PCP
5
0
1
2
3
6
7
4
5
10
9
8
ID -- VDS
IT05157
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
ID -- VGS
IT05158
VDS=10V
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V
1
4
3
5
2
6
7
8
0
0
0.2
1.0
0.8
0.4
0.6
2.5V
3.0V
VGS=2.0V
PW=10
µs
D.C.
≤1%
P.G
50
G
S
D
ID=4A
RL=3.75Ω
VDD=15V
VOUT
2SK3489
VIN
10V
0V
VIN


Similar Part No. - 2SK3489

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3480 NEC-2SK3480 Datasheet
77Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
logo
Guangdong Kexin Industr...
2SK3480 KEXIN-2SK3480 Datasheet
45Kb / 1P
   MOS Field Effect Transistor
logo
VBsemi Electronics Co.,...
2SK3480 VBSEMI-2SK3480 Datasheet
949Kb / 7P
   N-Channel 100-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
2SK3480 DOINGTER-2SK3480 Datasheet
948Kb / 3P
   N-Channel MOSFET uses advanced trench technology
logo
Inchange Semiconductor ...
2SK3480 ISC-2SK3480 Datasheet
334Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3489

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com