Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8008AR Datasheet(PDF) 8 Page - Analog Devices

Part # AD8008AR
Description  ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8008AR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8008AR Datasheet HTML 4Page - Analog Devices AD8008AR Datasheet HTML 5Page - Analog Devices AD8008AR Datasheet HTML 6Page - Analog Devices AD8008AR Datasheet HTML 7Page - Analog Devices AD8008AR Datasheet HTML 8Page - Analog Devices AD8008AR Datasheet HTML 9Page - Analog Devices AD8008AR Datasheet HTML 10Page - Analog Devices AD8008AR Datasheet HTML 11Page - Analog Devices AD8008AR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. C
–8–
AD8007/AD8008
FREQUENCY – MHz
–90
10
1
–50
–60
–70
–80
–40
–100
–110
100
G =
1
VS = 5V
VO = 1V p-p
HD2, RL = 150
HD3, RL = 150
HD2, RL = 1k
HD3, RL = 1k
TPC 13. AD8007 Second and Third Harmonic Distortion
vs. Frequency and RL
FREQUENCY – MHz
–90
10
1
–50
–60
–70
–80
–40
–100
–110
100
G =
1
VS = 5V
VO = 2V p-p
HD2, RL = 150
HD3, RL = 150
HD2, RL = 1k
HD3, RL = 1k
TPC 14. AD8007 Second and Third Harmonic Distortion
vs. Frequency and RL
FREQUENCY – MHz
–90
10
1
–50
–60
–70
–80
–40
–100
–110
100
VS = 5V
VO = 2V p-p
RL = 150
HD2, G =
1
HD3, G =
1
HD2, G =
10
HD3, G =
10
–30
TPC 15. AD8007 Second and Third Harmonic Distortion
vs. Frequency and Gain
FREQUENCY – MHz
–90
10
1
–50
–60
–70
–80
–40
–100
–110
100
G =
2
VS = 5V
VO = 1V p-p
HD2, RL = 150
HD3, RL = 150
HD2, RL = 1k
HD3, RL = 1k
TPC 16. AD8007 Second and Third Harmonic Distortion
vs. Frequency and RL
FREQUENCY – MHz
–90
10
1
–50
–60
–70
–80
–40
–100
–110
100
G =
2
VS = 5V
VO = 2V p-p
HD2, RL = 150
HD3, RL = 150
HD2, RL = 1k
HD3, RL = 1k
TPC 17. AD8007 Second and Third Harmonic Distortion
vs. Frequency and RL
FREQUENCY – MHz
–90
10
1
–50
–60
–70
–80
–40
–100
–110
100
G = +2
VS = 5V
RL = 150
–30
HD2, VO = 2V p-p
HD3, VO = 2V p-p
HD2, VO = 4V p-p
HD3, VO = 4V p-p
TPC 18. AD8007 Second and Third Harmonic Distortion
vs. Frequency and VOUT
(VS =
5 V, RL = 150
, RS = 200
, RF = 499
, unless otherwise noted.)


Similar Part No. - AD8008AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8008AR AD-AD8008AR Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008AR AD-AD8008AR Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
AD8008AR-REEL AD-AD8008AR-REEL Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008AR-REEL AD-AD8008AR-REEL Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
AD8008AR-REEL7 AD-AD8008AR-REEL7 Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
More results

Similar Description - AD8008AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8007 AD-AD8007_03 Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008 AD-AD8008_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007 AD-AD8007_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007ARZR7 AD-AD8007ARZR7 Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
AD8099 AD-AD8099_15 Datasheet
811Kb / 29P
   Ultralow Distortion, High Speed
REV. D
logo
Texas Instruments
THS4011 TI1-THS4011_16 Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CDGNR TI-THS4012CDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011 TI-THS4011 Datasheet
439Kb / 30P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011IDGNR TI-THS4011IDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4011 NSC-THS4011 Datasheet
1Mb / 36P
   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com