Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8008ARM-REEL Datasheet(PDF) 4 Page - Analog Devices

Part # AD8008ARM-REEL
Description  ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8008ARM-REEL Datasheet(HTML) 4 Page - Analog Devices

  AD8008ARM-REEL Datasheet HTML 1Page - Analog Devices AD8008ARM-REEL Datasheet HTML 2Page - Analog Devices AD8008ARM-REEL Datasheet HTML 3Page - Analog Devices AD8008ARM-REEL Datasheet HTML 4Page - Analog Devices AD8008ARM-REEL Datasheet HTML 5Page - Analog Devices AD8008ARM-REEL Datasheet HTML 6Page - Analog Devices AD8008ARM-REEL Datasheet HTML 7Page - Analog Devices AD8008ARM-REEL Datasheet HTML 8Page - Analog Devices AD8008ARM-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. C
–4–
AD8007/AD8008
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate
on the human body and test equipment and can discharge without detection. Although the AD80 07/
AD8008 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.6 V
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . See Figure 2
Common-Mode Input Voltage . . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . .
±1.0 V
Output Short Circuit Duration . . . . . . . . . . . . . . See Figure 2
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +125°C
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Lead Temperature Range (soldering 10 sec) . . . . . . . . . 300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation in the AD8007/AD8008
packages is limited by the associated rise in junction temperature
(TJ) on the die. The plastic encapsulating the die will locally reach
the junction temperature. At approximately 150
°C, which is the
glass transition temperature, the plastic will change its proper-
ties. Even temporarily exceeding this temperature limit may
change the stresses that the package exerts on the die, perma-
nently shifting the parametric performance of the AD8007/
AD8008. Exceeding a junction temperature of 175
°C for an
extended period of time can result in changes in the silicon
devices, potentially causing failure.
The still-air thermal properties of the package and PCB (
θ
JA),
ambient temperature (TA), and the total power dissipated in the
package (PD) determine the junction temperature of the die.
The junction temperature can be calculated as follows:
TT
P
AD
A
JJ
=+
×
()
θ
The power dissipated in the package (PD) is the sum of the quies-
cent power dissipation and the power dissipated in the package
due to the load drive for all outputs. The quiescent power is the
voltage between the supply pins (VS) times the quiescent current
(IS). Assuming the load (RL ) is referenced to midsupply, the
total drive power is VS/2
IOUT, some of which is dissipated in the
package and some in the load (VOUT
IOUT). The difference
between the total drive power and the load power is the drive
power dissipated in the package.
PD = quiescent power + (total drive power – load power):
PV
I
VV
R
V
R
DS
S
S
OUT
L
OUT
L
()


2
2
RMS output voltages should be considered. If RL is referenced
to VS, as in single-supply operation, then the total drive power
is VS
IOUT.
If the rms signal levels are indeterminate, then consider the
worst case, when VOUT = VS/4 for RL to midsupply:
PV
I
V
R
DS
S
S
L
()+


4
2
In single-supply operation, with RL referenced to VS, worst case is:
V
V
OUT
S
=
2
Airflow will increase heat dissipation, effectively reducing
θJA.
Also, more metal directly in contact with the package leads from
metal traces, through holes, ground, and power planes will
reduce the
θJA. Care must be taken to minimize parasitic capaci-
tances at the input leads of high speed op amps as discussed in
the board layout section.
Figure 2 shows the maximum safe power dissipation in the pack-
age versus the ambient temperature for the SOIC-8 (125
°C/
W), MSOP (150
°C/W), and SC70 (210°C/W) packages on a
JEDEC standard 4-layer board.
θ
JA values are approximations.
AMBIENT TEMPERATURE – C
2.0
1.5
0
–60
100
–40
–20
0
20
4060
80
1.0
0.5
SOIC-8
SC70-5
MSOP-8
Figure 2. Maximum Power Dissipation vs.
Temperature for a 4-Layer Board
OUTPUT SHORT CIRCUIT
Shorting the output to ground or drawing excessive current for
the AD8007/AD8008 will likely cause catastrophic failure.


Similar Part No. - AD8008ARM-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8008ARM-REEL AD-AD8008ARM-REEL Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008ARM-REEL AD-AD8008ARM-REEL Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
AD8008ARM-REEL7 AD-AD8008ARM-REEL7 Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008ARM-REEL7 AD-AD8008ARM-REEL7 Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
More results

Similar Description - AD8008ARM-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8007 AD-AD8007_03 Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008 AD-AD8008_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007 AD-AD8007_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007ARZR7 AD-AD8007ARZR7 Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
AD8099 AD-AD8099_15 Datasheet
811Kb / 29P
   Ultralow Distortion, High Speed
REV. D
logo
Texas Instruments
THS4011 TI1-THS4011_16 Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CDGNR TI-THS4012CDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011 TI-THS4011 Datasheet
439Kb / 30P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011IDGNR TI-THS4011IDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4011 NSC-THS4011 Datasheet
1Mb / 36P
   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com