Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GA100TS60SF Datasheet(PDF) 4 Page - International Rectifier

Part # GA100TS60SF
Description  Standard Speed IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GA100TS60SF Datasheet(HTML) 4 Page - International Rectifier

  GA100TS60SF Datasheet HTML 1Page - International Rectifier GA100TS60SF Datasheet HTML 2Page - International Rectifier GA100TS60SF Datasheet HTML 3Page - International Rectifier GA100TS60SF Datasheet HTML 4Page - International Rectifier GA100TS60SF Datasheet HTML 5Page - International Rectifier GA100TS60SF Datasheet HTML 6Page - International Rectifier GA100TS60SF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
GA100TS60SF
Bulletin I27201 rev. A 01/06
4
www.irf.com
Fig. 5 - Typical Gate Charge vs. Gate-to-
Emitter Voltage
Q
G, Total Gate Charge (nC)
R
G, Gate Reistance (Ω)
I
C, Collector-to-Emitter Current (A)
0
5
10
15
20
0
100 200 300 400 500 600 700
Vcc = 400V
Ic = 100A
0
5
10
15
20
25
30
35
10
20
30
40
50
Eon
Eoff
Tj = 25˚C, Vce = 480V
Vge = 15V, Ic = 100A
Fig. 6 - Typical Switching Losses vs Gate
Resistance
Fig. 7 - Typical Switching Losses vs Collector-to-Emitter Current
0
10
20
30
40
50
60
0
40
80
120
160
Eon
Eoff
Tj = 125˚C
Vce = 480V
Vge = 15V
Rge = 15


Similar Part No. - GA100TS60SF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GA100TS60SFPBF VISHAY-GA100TS60SFPBF Datasheet
133Kb / 7P
   "Half-Bridge" IGBT INT-A-PAK (Standard Speed IGBT), 100 A
Revision: 04-May-10
More results

Similar Description - GA100TS60SF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GA600HD25S IRF-GA600HD25S Datasheet
637Kb / 10P
   Standard Speed IGBT
GA100TS60SQ IRF-GA100TS60SQ Datasheet
113Kb / 7P
   HALF-BRIDGE IGBT INT-A-PAK Standard Speed IGBT
GA200HS60S1 IRF-GA200HS60S1 Datasheet
67Kb / 6P
   HALF-BRIDGE IGBT INT-A-PAK Standard Speed IGBT
IRG4PC30SPBF IRF-IRG4PC30SPBF Datasheet
249Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT
IRG4BC40SPBF IRF-IRG4BC40SPBF Datasheet
582Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT
IRG4PC40SPBF IRF-IRG4PC40SPBF Datasheet
627Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT
IRG4BC30S-SPBF IRF-IRG4BC30S-SPBF Datasheet
212Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT
IRG4PC50S-P IRF-IRG4PC50S-P Datasheet
151Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT
logo
Vishay Siliconix
GA200HS60S1PBF VISHAY-GA200HS60S1PBF Datasheet
128Kb / 6P
   "Half-Bridge" IGBT INT-A-PAK (Standard Speed IGBT), 200 A
Revision: 03-May-10
VS-GA100TS60SFPBF VISHAY-VS-GA100TS60SFPBF_V01 Datasheet
153Kb / 7P
   ?쏦alf-Bridge??IGBT INT-A-PAK, (Standard Speed IGBT), 100 A
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com