Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3480EAEPI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3480EAEPI
Description  -15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3480EAEPI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3480EAEPI Datasheet HTML 5Page - Maxim Integrated Products MAX3480EAEPI Datasheet HTML 6Page - Maxim Integrated Products MAX3480EAEPI Datasheet HTML 7Page - Maxim Integrated Products MAX3480EAEPI Datasheet HTML 8Page - Maxim Integrated Products MAX3480EAEPI Datasheet HTML 9Page - Maxim Integrated Products MAX3480EAEPI Datasheet HTML 10Page - Maxim Integrated Products MAX3480EAEPI Datasheet HTML 11Page - Maxim Integrated Products MAX3480EAEPI Datasheet HTML 12Page - Maxim Integrated Products MAX3480EAEPI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
±15kV ESD-Protected, Isolated, 3.3V
RS-485/RS-422 Data Interfaces
_______________________________________________________________________________________
9
_______________Detailed Description
The MAX3480EA/MAX3480EB are electrically isolated,
RS-485/RS-422 data-communications interface solu-
tions. Transceivers, optocouplers, a power driver, and a
transformer are in one standard 28-pin DIP package.
Signals and power are internally transported across the
isolation barrier (Figure 1). Power is transferred from the
logic side (nonisolated side) to the isolated side of the
barrier through a center-tapped transformer. Signals
cross the barrier through high-speed optocouplers. A
single +3.3V supply on the logic side powers both
sides of the interface.
Figure 1. Detailed Block Diagram
AC1 (MAKE NO CONNECTION)
AC2 (MAKE NO CONNECTION)
SHIELD (OPTIONAL)
EXTERNAL RS-485/RS-422 WIRING
ISO VCC1
B
D2
D1
D1, D2
1N914
VCC2
VCC1
ISO RO DRV
A
B
A
SH
ISO DI IN
ISO DE IN
VCC3
SD
FS
GND1
ISO COM1
ISO DI DRV
ISO VCC2
ISO DE DRV
GND2
DE
VCC4
DI
ISO COM2
ISO RO LED
VCC5
RO
RL
RL
R4*
R5*
R8
100
BOOSTED V+
C3
0.01
µF
C4
270pF
4kV
R6*
R7*
R1*
R2*
DI
´
DE
´
R3*
RO
LOGIC
I/O
VIN
+3.0V TO +3.6V
C1
22
µF
C2
0.1
µF
MAX3480EA/EB
LOGIC GROUND
ISOLATION BARRIER
ISOLATION COMMON
MAX845
1
2
28
27
3
4
5
6
7
8
9
10
11
12
13
14
26
25
24
23
22
21
20
19
18
17
16
15
MAX845
N
MAX3480EA: MAX485E
MAX3480EB: MAX487E
RE
ISO RO DRV
ISO DE IN
ISO DI IN
ISO COM1
ISO VCC1
A
B
R
D
N
Q
Q
TF/F
VCC3
FS
OSC
1.1MHz/
1.6MHz
SD
GND1
D2
D1
SHIELD (OPTIONAL)
NOTE: RESISTOR R8 PROTECTS THE
MAX3480E FROM TRANSIENT
CURRENTS BETWEEN SHIELD AND
A AND B.
TWISTED PAIR
TO OTHER TRANSCEIVERS
TERMINATING RESISTOR
(ONE RESISTOR ON EACH END)
TWISTED PAIR
TO OTHER TRANSCEIVERS
MAX485E
MAX487E
*SEE TABLE 1.
Table 1. Pullup and LED Drive Resistors
PART
R1 (
Ω)
R2 (
Ω)
R3 (
Ω)
R4 (
Ω)
R5 (
Ω)
R6 (
Ω)
MAX3480EA
100
100
680
3600
1000
200
MAX3480EB
100
100
2000
3600
3600
200
R7 (
Ω)
Open
430


Similar Part No. - MAX3480EAEPI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3480A MAXIM-MAX3480A Datasheet
158Kb / 16P
   Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
Rev 0; 1/96
MAX3480ACPI MAXIM-MAX3480ACPI Datasheet
158Kb / 16P
   Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
Rev 0; 1/96
MAX3480AEPI MAXIM-MAX3480AEPI Datasheet
158Kb / 16P
   Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
Rev 0; 1/96
MAX3480BCPI MAXIM-MAX3480BCPI Datasheet
158Kb / 16P
   Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
Rev 0; 1/96
MAX3480BEPI MAXIM-MAX3480BEPI Datasheet
158Kb / 16P
   Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
Rev 0; 1/96
More results

Similar Description - MAX3480EAEPI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
   15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
logo
STMicroelectronics
ST3485E STMICROELECTRONICS-ST3485E_06 Datasheet
336Kb / 22P
   3.3V Powered, 15KV ESD protected, Up to 12Mbps RS-485/RS-422 transceiver
logo
Maxim Integrated Produc...
MAX3076EASD-T MAXIM-MAX3076EASD-T Datasheet
1Mb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
logo
STMicroelectronics
ST1480A STMICROELECTRONICS-ST1480A Datasheet
335Kb / 22P
   3.3V Powered, 15KV ESD protected, Up to 12Mbps true RS-485/RS-422 transceiver
logo
Maxim Integrated Produc...
MAX3480A MAXIM-MAX3480A Datasheet
158Kb / 16P
   Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
Rev 0; 1/96
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
logo
Intersil Corporation
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
logo
Exar Corporation
XR33193 EXAR-XR33193 Datasheet
420Kb / 12P
   3.3V, 20Mbps, TSOT23 RS-485/RS-422 Transmitters with 15kV ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com