Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1625WL Datasheet(PDF) 2 Page - Anachip Corp

Part # AP1625WL
Description  PWM/PFM Dual Mode Step-down DC/DC Controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1625WL Datasheet(HTML) 2 Page - Anachip Corp

  AP1625WL Datasheet HTML 1Page - Anachip Corp AP1625WL Datasheet HTML 2Page - Anachip Corp AP1625WL Datasheet HTML 3Page - Anachip Corp AP1625WL Datasheet HTML 4Page - Anachip Corp AP1625WL Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AP1625
PWM/PFM Dual Mode Step-down DC/DC Controller
Anachip Corp.
www.anachip.com.tw
Rev.1.1 May.27, 2004
2/5
Ordering Information
AP1625 X X X
W : SOT23-5
Packing
A : Taping
Package
Lead Free
Blank : Normal
L : Lead Free Package
Block Diagrams
Phase
Compensation
Vref with
Soft Start
CE
+
-
PWM/PFM
Controller
+
-
Ramp Wave
Generator,
OSC
Buffer,
Driver
V
out
CE
GND
V
DD
PWM
Comparator
FB
Absolute Maximum Ratings
Ta=25°C
Parameter
Symbol
Rating
Unit
VIN Pin Voltage
VDD
-0.3 ~ 8.5
V
VOUT Pin Voltage
VOUT
-0.3 ~ VIN+0.3
V
FB Pin Voltage
VFB
-0.3 ~ VIN+0.3
V
CE Pin Voltage
VCE
-0.3 ~ VIN+0.3
V
VOUT Pin Current
VOUT
±
100
mA
Continuous Total
Power Dissipation
Pd
250
mW
Operating Ambient
Temperature
Topr
-30 ~ +80
°C
Storage Temperature
Tstg
-40 ~ +125
°C


Similar Part No. - AP1625WL

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
AP1620 HAMMOND-AP1620 Datasheet
53Kb / 1P
   Panels for N1A Series Enclosures
logo
Anachip Corp
AP1623 ANACHIP-AP1623 Datasheet
182Kb / 6P
   PWM Control Step-Down Switching Regulator-Converter
AP1623S ANACHIP-AP1623S Datasheet
182Kb / 6P
   PWM Control Step-Down Switching Regulator-Converter
AP1623SA ANACHIP-AP1623SA Datasheet
182Kb / 6P
   PWM Control Step-Down Switching Regulator-Converter
AP1623SL ANACHIP-AP1623SL Datasheet
182Kb / 6P
   PWM Control Step-Down Switching Regulator-Converter
More results

Similar Description - AP1625WL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1604A DIODES-AP1604A_09 Datasheet
175Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1604A Rev. 2
AP1635 DIODES-AP1635_09 Datasheet
167Kb / 8P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1635 Rev. 4
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
   PWM/PFM Step-down DC-DC Controller
logo
Microchip Technology
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2002
TC105 MICROCHIP-TC105_13 Datasheet
197Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
logo
Diodes Incorporated
AP1635 DIODES-AP1635 Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
AP1604A DIODES-AP1604A Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
logo
Anachip Corp
AP1604 ANACHIP-AP1604 Datasheet
202Kb / 7P
   PWM/PFM Dual Mode Step-down DC/DC Converter
AP1624 ANACHIP-AP1624 Datasheet
172Kb / 7P
   PWM/PFM Dual Mode Step-up DC/DC Controller
logo
Diodes Incorporated
AP1624 DIODES-AP1624 Datasheet
450Kb / 7P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONTROLLER
AP1624 Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com