Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM150DU-24NFH Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # CM150DU-24NFH
Description  HIGH POWER SWITCHING USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM150DU-24NFH Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  CM150DU-24NFH Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM150DU-24NFH Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM150DU-24NFH Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM150DU-24NFH Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Feb.2004
MITSUBISHI IGBT MODULES
CM150DU-24NFH
HIGH POWER SWITCHING USE
101
102
23
5
7
103
23
5
7
101
102
2
3
5
7
103
2
3
5
7
Tj = 25
°C
trr
Irr
101
102
23
5
7
103
23
5
7
2
3
5
7
2
3
5
7
100
102
101
103
2
3
5
7
td(off)
td(on)
tf
tr
0
5
10
15
20
0
200
400
600
800
1000
VCC = 600V
VCC = 400V
IC = 150A
Conditions:
VCC = 600V
VGE =
±15V
RG = 2.1
Tj = 125
°C
Inductive load
Conditions:
VCC = 600V
VGE =
±15V
RG = 2.1
Tj = 25
°C
Inductive load
10–3
10–5
10–4
100
7
5
3
2
10–2
7
5
3
2
10–1
7
5
3
2
10–32 3 57
2 3 57
2 3 57
2 3 57
101
10–2
10–1
100
10–3
10–3
7
5
3
2
10–2
7
5
3
2
10–1
2 3 57
2 3 57
Single Pulse
TC = 25
°C
Per unit base =
Rth(j–c) = 0.19
°C/W
10–3
10–5
10–4
100
7
5
3
2
10–2
7
5
3
2
10–1
7
5
3
2
10–32 3 57
2 3 57
2 3 57
2 3 57
101
10–2
10–1
100
10–3
10–3
7
5
3
2
10–2
7
5
3
2
10–1
2 3 57
2 3 57
Single Pulse
TC = 25
°C
Per unit base =
Rth(j–c) = 0.35
°C/W
101
102
2
3
5
7
103
2
3
5
7
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT part)
TIME (s)
HALF-BRIDGE
SWITCHING TIME CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)
REVERSE RECOVERY CHARACTERISTICS
OF FREE-WHEEL DIODE
(TYPICAL)
EMITTER CURRENT IE (A)
GATE CHARGE CHARACTERISTICS
(TYPICAL)
GATE CHARGE QG (nC)
TIME (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(FWDi part)


Similar Part No. - CM150DU-24NFH

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM150DU-24NFH MITSUBISHI-CM150DU-24NFH Datasheet
122Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
logo
Powerex Power Semicondu...
CM150DU-24NFH POWEREX-CM150DU-24NFH Datasheet
627Kb / 4P
   Dual IGBTMOD NFH-Series Module 150 Amperes/1200 Volts
logo
Mitsubishi Electric Sem...
CM150DU-24NFH MITSUBISHI-CM150DU-24NFH_09 Datasheet
122Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM150DU-24NFH MITSUBISHI-CM150DU-24NFH_11 Datasheet
122Kb / 4P
   HIGH POWER SWITCHING USE
More results

Similar Description - CM150DU-24NFH

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM200DU-24NFH MITSUBISHI-CM200DU-24NFH Datasheet
51Kb / 4P
   HIGH POWER SWITCHING USE
CM100RL-12NF MITSUBISHI-CM100RL-12NF Datasheet
56Kb / 6P
   HIGH POWER SWITCHING USE
CM400DY-24NF MITSUBISHI-CM400DY-24NF Datasheet
98Kb / 4P
   HIGH POWER SWITCHING USE
CM75TU-34KA MITSUBISHI-CM75TU-34KA Datasheet
88Kb / 4P
   HIGH POWER SWITCHING USE
CM300DU-34KA MITSUBISHI-CM300DU-34KA Datasheet
80Kb / 4P
   HIGH POWER SWITCHING USE
CM75DY-34A MITSUBISHI-CM75DY-34A Datasheet
111Kb / 5P
   HIGH POWER SWITCHING USE
CM600DU-5F MITSUBISHI-CM600DU-5F Datasheet
81Kb / 4P
   HIGH POWER SWITCHING USE
CM150RL-24NF MITSUBISHI-CM150RL-24NF Datasheet
57Kb / 6P
   HIGH POWER SWITCHING USE
CM400DU-12F MITSUBISHI-CM400DU-12F Datasheet
73Kb / 4P
   HIGH POWER SWITCHING USE
CM600HU-24F MITSUBISHI-CM600HU-24F Datasheet
67Kb / 4P
   HIGH POWER SWITCHING USE
CM150DU-24F MITSUBISHI-CM150DU-24F Datasheet
73Kb / 4P
   HIGH POWER SWITCHING USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com