Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGC15DRTH Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EGC15DRTH
Description  .100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EGC15DRTH Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EGC15DRTH Datasheet HTML 1Page - List of Unclassifed Manufacturers EGC15DRTH Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
31
PHONE 760.744.0125
www.SullinsElectronics.com
FAX 760.744.6081
s›’’Œ”™
A
D
B
E
F
B 1 2
59 60 B
A 1 2
59 60 A
CONTACT MARKINGS
B 1 2 3 ... 58 59 60 B
A 1 2 3 ... 58 59 60 A
C
REFER TO
MOUNTING
STYLE
REFER TO TERMINATION TYPE
[2.54]
.100 TYP.
[6.73]
.265 INSERTION DEPTH
[10.95]
.431
[6.22]
.245
[0.64]
.025
Dimensions in [ ] are in millimeters, all others in inches.
* Consult factory for availability.
** For complete part number, add readout, termination type and mounting style from Part Number Coding (e.g. EZC43DREH).
*** Request special soldering instructions before use of Pfinodal material. Low tin solder, non-aggressive flux, and special soldering method required.
E Z C 43 D RE H -S13
MATERIALS (Insulator/Contact)
E = PBT/Phosphor Bronze (Standard)
H = PBT/Beryllium Copper
R = PPS/Phosphor Bronze
A = PPS/Beryllium Copper
C = PPS/Beryllium Nickel (Consult Factory)
N = PEEK/Beryllium Copper (Consult Factory)
W = PEEK/Beryllium Nickel (Consult Factory)
F = PPS/Pfinodal*** (Consult Factory)
CONTACT FINISH
Contact Surface
Termination
Underplate
Z = .000010" Gold
.000100" Tin
.000050" Nickel
X = .000030" Gold
.000100" Tin
.000050" Nickel
G = .000010" Gold
.000005" Gold
.000050" Nickel
Y = .000030" Gold
.000005" Gold
.000050" Nickel
Contact Surface
Overall Plating
Underplate
T = .000100" Tin
.000100" Tin
.000050" Nickel
S = .000010" Gold
.000010" Gold
.000050" Nickel
M = .000030" Gold
.000010" Gold
.000050" Nickel
CONTACT CENTERS
C = .100" [2.54 mm]
NUMBER OF CONTACT POSITIONS
05 thru 60
MODIFICATIONS (Consult Factory)
Omit for Standard
-S13 = Card Extender For .062" [1.58 mm] Thick PCB
-S93 = .093" [2.36 mm] Thick PCB
MOUNTING STYLE (Opposite page)
H = .125" [3.18 mm] Clearance Holes
N = No Mounting
S = Side Mounting
I = Threaded Insert
F = Floating Bobbin
TERMINATION TYPE (Opposite page)
RA = Right Angle
RE = Eyelet (Standard)
TE = Eyelet (Overall Plated Only)
RT = .140" [3.56 mm] x .200" [5.08 mm] Dip Solder
RY = .140" [3.56 mm] x .440" [11.18 mm] Dip Solder
RX = .200" [5.08 mm] x .185" [4.70 mm] Dip Solder
READOUT (Opposite page)
D = Dual
H = Half Loaded
NUMBER
INCHES
MILLIMETERS
PART NUMBER**
OF
A
B
C
D
E
F
A
B
C
D
E
F
CONTACTS
.008
.008
.015
.010
.020
.005
0.20
0.20
0.38
0.25
0.51
0.13
EZC04 _ _ _ *
4/8
0.300
0.500
0.675
0.975
1.275
7.62
12.70
17.15
24.77
32.39
EZC05 _ _ _
5/10
0.400
0.600
0.775
1.075
1.375
10.16
15.24
19.69
27.31
34.93
EZC06 _ _ _
6/12
0.500
0.700
0.875
1.175
1.475
12.70
17.78
22.23
29.85
37.47
EZC07 _ _ _ *
7/14
0.600
0.800
0.975
1.275
1.575
15.24
20.32
24.77
32.39
40.01
EZC08 _ _ _
8/16
0.700
0.900
1.075
1.375
1.675
17.78
22.86
27.31
34.93
42.55
EZC10 _ _ _
10/20
0.900
1.100
1.275
1.575
1.875
22.86
27.94
32.39
40.01
47.63
EZC12 _ _ _
12/24
1.100
1.300
1.475
1.775
2.075
27.94
33.02
37.47
45.09
52.71
EZC13 _ _ _
13/26
1.200
1.400
1.575
1.875
2.175
30.48
35.56
40.01
47.63
55.25
EZC15 _ _ _
15/30
1.400
1.600
1.775
2.075
2.375
35.56
40.64
45.09
52.71
60.33
EZC17 _ _ _
17/34
1.600
1.800
1.975
2.275
2.575
40.64
45.72
50.17
57.79
65.41
EZC18 _ _ _
18/36
1.700
1.900
2.075
2.375
2.675
.330
43.18
48.26
52.71
60.33
67.95
8.38
EZC19 _ _ _
19/38
1.800
2.000
2.175
2.475
2.775
45.72
50.80
55.25
62.87
70.49
EZC20 _ _ _
20/40
1.900
2.100
2.275
2.575
2.875
48.26
53.34
57.79
65.41
73.03
EZC22 _ _ _
22/44
2.100
2.300
2.475
2.775
3.075
53.34
58.42
62.87
70.49
78.11
EZC23 _ _ _*
23/46
2.200
2.400
2.575
2.875
3.175
55.88
60.96
65.41
73.03
80.65
EZC25 _ _ _
25/50
2.400
2.600
2.775
3.075
3.375
60.96
66.04
70.49
78.11
85.73
EZC26 _ _ _
26/52
2.500
2.700
2.875
3.175
3.475
63.50
68.58
73.03
80.65
88.27
EZC28 _ _ _
28/56
2.700
2.900
3.075
3.375
3.675
68.58
73.66
78.11
85.73
93.35
EZC30 _ _ _
30/60
2.900
3.100
3.275
3.575
3.875
73.66
78.74
83.19
90.81
98.43
EZC31 _ _ _
31/62
3.000
3.200
3.375
3.675
3.975
76.20
81.28
85.73
93.35
100.97
EZC35 _ _ _
35/70
3.400
3.600
3.775
4.075
4.375
86.36
91.44
95.89
103.51
111.13
EZC36 _ _ _
36/72
3.500
3.700
3.875
4.175
4.475
88.90
93.98
98.43
106.05
113.67
EZC40 _ _ _
40/80
3.900
4.100
4.275
4.575
4.875
99.06
104.14
108.59
116.21
123.83
EZC43 _ _ _
43/86
4.200
4.400
4.575
4.875
5.175
106.68
111.76
116.21
123.83
131.45
EZC44 _ _ _
44/88
4.300
4.500
4.675
4.975
5.275
.400
109.22
114.30
118.75
126.37
133.99
10.16
EZC49 _ _ _
49/98
4.800
5.000
5.175
5.475
5.775
121.92
127.00
131.45
139.07
146.69
EZC50 _ _ _
50/100
4.900
5.100
5.275
5.575
5.875
124.46
129.54
133.99
141.61
149.23
EZC52 _ _ _*
52/104
5.100
5.300
5.475
5.775
6.075
129.54
134.62
139.07
146.69
154.31
EZC60 _ _ _
60/120
5.900
6.100
6.275
6.575
6.875
149.86
154.94
159.39
167.01
174.63
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
Consult Factory for Other Materials


Similar Part No. - EGC15DRTH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGC10DH ZOWIE-EGC10DH Datasheet
61Kb / 2P
   High Efficient Rectifier
EGC10GH ZOWIE-EGC10GH Datasheet
61Kb / 2P
   High Efficient Rectifier
EGC10JH ZOWIE-EGC10JH Datasheet
61Kb / 2P
   High Efficient Rectifier
EGC10KH ZOWIE-EGC10KH Datasheet
61Kb / 2P
   High Efficient Rectifier
EGC10MH ZOWIE-EGC10MH Datasheet
61Kb / 2P
   High Efficient Rectifier
More results

Similar Description - EGC15DRTH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EBC05DREN-S93 ETC-EBC05DREN-S93 Datasheet
111Kb / 2P
   .100 2.54 mm Contact Centers, .431 10.95 mm Insulator Height
ECM43DRKN ETC2-ECM43DRKN Datasheet
108Kb / 2P
   .156 [3.96mm] Contact Centers, .431 Insulator Height Dip Solder/Eyelet/Right Angle
HMM18DRAS ETC2-HMM18DRAS Datasheet
108Kb / 2P
   156 3.96mm Contact Centers, .431 Insulator Height Dip Solder/Eyelet/Right Angle
PBC08DAAN ETC2-PBC08DAAN Datasheet
111Kb / 2P
   .100 2.54mm Contact Centers, Male Breakaway Header
FSM22DSEF ETC2-FSM22DSEF Datasheet
474Kb / 2P
   .156 3.96 mm Contact Centers, .431 10.95 mm Insulator Height, Dip Solder/Eyelet/Right Angle
FMC13DRYH ETC2-FMC13DRYH Datasheet
731Kb / 2P
   .100 2.54 mm Contact Centers, .431 10.95 mm Insulator Height, Dip Solder/Eyelet/Right Angle for .062 1.57 mm or .031 0.79 mm Mating PCB
PBC08SAAN ETC2-PBC08SAAN Datasheet
111Kb / 2P
   .100 2.54mm Contact Centers, Male Breakaway Header Dip Solder/Right Angle/SMT
PBC04DFAN ETC2-PBC04DFAN Datasheet
111Kb / 2P
   100 2.54mm Contact Centers, Male Breakaway Header Dip Solder/Right Angle/SMT
S-2-F-4-G ETC2-S-2-F-4-G Datasheet
299Kb / 1P
   Size 2 .100 Centers
S-2-E-4-G ETC2-S-2-E-4-G Datasheet
302Kb / 1P
   Size 2 .100 Centers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com