Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF2510 Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC18LF2510
Description  28/40/44-PIN FLASH MICROCONTROLLERS WITH 10-BIT A/D AND NANO WATT TECHNOLOGY
Download  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF2510 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC18LF2510 Datasheet HTML 6Page - Microchip Technology PIC18LF2510 Datasheet HTML 7Page - Microchip Technology PIC18LF2510 Datasheet HTML 8Page - Microchip Technology PIC18LF2510 Datasheet HTML 9Page - Microchip Technology PIC18LF2510 Datasheet HTML 10Page - Microchip Technology PIC18LF2510 Datasheet HTML 11Page - Microchip Technology PIC18LF2510 Datasheet HTML 12Page - Microchip Technology PIC18LF2510 Datasheet HTML 13Page - Microchip Technology PIC18LF2510 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 380 page
background image
PIC18F2X1X/4X1X
DS39636A-page 8
Preliminary
 2004 Microchip Technology Inc.
1.2
Other Special Features
• Memory Endurance: The Flash cells for program
memory are rated to 100,000 erase/write cycles.
Data retention without refresh is conservatively
estimated to be greater than 40 years.
• Extended Instruction Set: The PIC18F2X1X/
4X1X family introduces an optional extension to
the PIC18 instruction set, which adds 8 new
instructions and an Indexed Addressing mode.
This extension, enabled as a device configuration
option, has been specifically designed to optimize
re-entrant application code originally developed in
high-level languages, such as C.
• Enhanced CCP Module: In PWM mode, this
module provides 1, 2 or 4 modulated outputs for
controlling half-bridge and full-bridge drivers.
Other features include Auto-Shutdown, for
disabling PWM outputs on interrupt or other select
conditions and Auto-Restart, to reactivate outputs
once the condition has cleared.
• Enhanced Addressable USART: This serial
communication module is capable of standard
RS-232 operation and provides support for the LIN
bus protocol. Other enhancements include auto-
matic baud rate detection and a 16-bit Baud Rate
Generator for improved resolution. When the
microcontroller is using the internal oscillator
block, the USART provides stable operation for
applications that talk to the outside world without
using an external crystal (or its accompanying
power requirement).
• 10-bit A/D Converter: This module incorporates
programmable acquisition time, allowing for a
channel to be selected and a conversion to be
initiated without waiting for a sampling period and
thus, reduce code overhead.
• Extended Watchdog Timer (WDT): This
enhanced version incorporates a 16-bit prescaler,
allowing an extended time-out range that is stable
across operating voltage and temperature. See
Section 25.0 “Electrical Characteristics” for
time-out periods.
1.3
Details on Individual Family
Members
Devices in the PIC18F2X1X/4X1X family are available
in 28-pin and 40/44-pin packages. Block diagrams for
the two groups are shown in Figure 1-1 and Figure 1-2.
The devices are differentiated from each other in five
ways:
1.
Flash program memory
• 16 Kbytes for PIC18F2410/4410 devices
• 32 Kbytes for PIC18F2510/4510 devices
• 48 Kbytes for PIC18F2515/4515 devices
• 64 Kbytes for PIC18F2610/4610 devices
2.
A/D channels (10 for 28-pin devices, 13 for
40/44-pin devices).
3.
I/O ports (3 bidirectional ports on 28-pin devices,
5 bidirectional ports on 40/44-pin devices).
4.
CCP and Enhanced CCP implementation (28-pin
devices have 2 standard CCP modules; 40/44-pin
devices have one standard CCP module and one
ECCP module).
5.
Parallel Slave Port (present only on 40/44-pin
devices).
All other features for devices in this family are identical.
These are summarized in Table 1-1.
The pinouts for all devices are listed in Table 1-3 and
Table 1-4.
Like all Microchip PIC18 devices, members of the
PIC18F2X1X/4X1X family are available as both
standard and low-voltage devices. Standard devices
with Flash memory, designated with an “F” in the part
number (such as PIC18F2610), accommodate an
operating VDD range of 4.2V to 5.5V. Low-voltage
parts, designated by “LF” (such as PIC18LF2610),
function over an extended VDD range of 2.0V to 5.5V.


Similar Part No. - PIC18LF2510

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18LF2510 MICROCHIP-PIC18LF2510 Datasheet
6Mb / 378P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
More results

Similar Description - PIC18LF2510

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2X1X MICROCHIP-PIC18F2X1X_07 Datasheet
6Mb / 378P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18F2X1X MICROCHIP-PIC18F2X1X_09 Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2009
PIC18F23K20 MICROCHIP-PIC18F23K20 Datasheet
7Mb / 420P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18F2620-ISO MICROCHIP-PIC18F2620-ISO Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F2420 MICROCHIP-PIC18F2420 Datasheet
6Mb / 390P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F2420 MICROCHIP-PIC18F2420_08 Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
PIC18F4321 MICROCHIP-PIC18F4321 Datasheet
6Mb / 396P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18LF4620-I MICROCHIP-PIC18LF4620-I Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18LF4520-IPT MICROCHIP-PIC18LF4520-IPT Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F2420 MICROCHIP-PIC18F2420_05 Datasheet
283Kb / 16P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com