Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS664-03LF Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS664-03LF
Description  Digital Video Clock Source
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS664-03LF Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS664-03LF Datasheet HTML 1Page - Integrated Circuit Systems ICS664-03LF Datasheet HTML 2Page - Integrated Circuit Systems ICS664-03LF Datasheet HTML 3Page - Integrated Circuit Systems ICS664-03LF Datasheet HTML 4Page - Integrated Circuit Systems ICS664-03LF Datasheet HTML 5Page - Integrated Circuit Systems ICS664-03LF Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Digital Video Clock Source
MDS 664-03 B
6
Revision 091404
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS664-03
Package Outline and Package Dimensions (16-pin TSSOP, 4.40 mm Body, 0.65 mm Pitch)
Package dimensions are kept current with JEDEC Publication No. 95, MO-153
Ordering Information
“LF” denotes Pb (lead) free package.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
ICS664G-03
664G-03
Tubes
16-pin TSSOP
0 to +70
° C
ICS664G-03T
664G-03
Tape and Reel
16-pin TSSOP
0 to +70
° C
ICS664G-03LF
664G03LF
Tubes
16-pin TSSOP
0 to +70
° C
ICS664G-03LFT
664G03LF
Tape and Reel
16-pin TSSOP
0 to +70
° C
INDE X
AR EA
1
2
16
D
E1
E
SEA T IN G
PLAN E
A
1
A
A
2
e
- C -
b
aaa C
c
L
Millimeters
Inches
Symbol
Min
Max
Min
Max
A--
1.20
--
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.05
0.032
0.041
b
0.19
0.30
0.007
0.012
C
0.09
0.20
0.0035
0.008
D
4.90
5.1
0.193
0.201
E
6.40 BASIC
0.252 BASIC
E1
4.30
4.50
0.169
0.177
e
0.65 Basic
0.0256 Basic
L
0.45
0.75
0.018
0.030
α
0
°
8
°
0
°
8
°
aaa
--
0.10
--
0.004


Similar Part No. - ICS664-03LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS664-03 RENESAS-ICS664-03 Datasheet
362Kb / 8P
   DIGITAL VIDEO CLOCK SOURCE
051310
More results

Similar Description - ICS664-03LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS664G-03LF ETC2-ICS664G-03LF Datasheet
196Kb / 7P
   DIGITAL VIDEO CLOCK SOURCE
logo
Renesas Technology Corp
ICS664-03 RENESAS-ICS664-03 Datasheet
362Kb / 8P
   DIGITAL VIDEO CLOCK SOURCE
051310
ICS664-05 RENESAS-ICS664-05 Datasheet
261Kb / 8P
   DIGITAL VIDEO CLOCK SOURCE
100907
ICS664-01 RENESAS-ICS664-01 Datasheet
257Kb / 8P
   DIGITAL VIDEO CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
ICS660 ICST-ICS660 Datasheet
127Kb / 6P
   Digital Video Clock Source
ICS664-01 ICST-ICS664-01 Datasheet
145Kb / 6P
   Digital Video Clock Source
ICS664-04 ICST-ICS664-04 Datasheet
103Kb / 6P
   PECL Digital Video Clock Source
ICS664-02 ICST-ICS664-02 Datasheet
102Kb / 6P
   PECL Digital Video Clock Source
logo
Renesas Technology Corp
ICS664-02 RENESAS-ICS664-02 Datasheet
360Kb / 8P
   PECL DIGITAL VIDEO CLOCK SOURCE
051310
logo
List of Unclassifed Man...
ICS66203 ETC-ICS66203 Datasheet
105Kb / 6P
   HDTV Audio/Video Clock Source
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com