Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS222-92 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # AS222-92
Description  PHEMT GaAs IC SPDT Switch 0.1 - 3 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AS222-92 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  AS222-92 Datasheet HTML 1Page - Skyworks Solutions Inc. AS222-92 Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Skyworks Solutions, Inc. [781] 376-3000
• Fax [781] 376-3100 • Email sales@skyworksinc.com • www.skyworksinc.com
1
Specifications subject to change without notice. 8/03A
PHEMT GaAs IC SPDT Switch 0.1–3 GHz
Features
■ Low Insertion Loss (0.45 dB @ 2.4 GHz)
■ Isolation 22 dB @ 2.4 GHz
■ Low DC Power Consumption
■ PHEMT Process
■ Operates with 1.8 V Control Voltage
Applications
■ T/R Switch in WLANs, Bluetooth and
Medium Power Telecommunication
Applications
AS222-92
Description
The AS222-92 is a medium power IC FET SPDT switch
in a low cost miniature SC-70 6 lead plastic package. The
AS222-92 features low insertion loss and positive
voltage operation with very low DC power consumption.
This general purpose switch can be used in a variety of
telecommunications applications.
Parameter1
Frequency
Min.
Typ.
Max.
Unit
Insertion Loss2
0.5–1.0 GHz
0.35
0.5
dB
1.0–2.4 GHz
0.45
0.6
dB
2.4–3.0 GHz
0.50
0.7
dB
Isolation
0.5–1.0 GHz
24
27
dB
1.0–2.4 GHz
19
22
dB
2.4–3.0 GHz
16
18
dB
Return Loss3
0.5–1.0 GHz
19
dB
1.0–2.4 GHz
21
dB
2.4–3.0 GHz
18
dB
Electrical Specifications at 25°C (0, +3 V)
0.079 (2.00 mm)
± 0.008 (0.20 mm)
0.049 (1.25 mm)
± 0.004 (0.10 mm)
0.008 (0.20 mm)
± 0.004 (0.10 mm)
0.087 (2.20 mm)
± 0.008 (0.20 mm)
0.035 (0.90 mm)
± 0.004 (0.10 mm)
0.002 (0.005 mm)
± 0.002 (0.005 mm) 0.037 (0.95 mm)
± 0.006 (0.15 mm)
0.010 (0.25 mm)
± 0.006 (0.15 mm)
0.0055
(0.14 mm)
± 0.0015
(0.04 mm)
0.0256 (0.65 mm)
BSC
0.009 (0.23 mm)
REF
PIN 1 INDICATOR
SC-70 6 Lead
Parameter
Condition
Frequency
Min.
Typ.
Max.
Unit
Switching Characteristics4
Rise, Fall (10/90% or 90/10% RF)
20
ns
On, Off (50% CTL to 90/10% RF)
20
ns
Video Feedthru
25
mV
Input Power for 1 dB Compression
0/+1.8 V
0.5–3.0 GHz
+20
dBm
0/+3.0 V
0.5–3.0 GHz
+27
dBm
Intermodulation Intercept Point (IP3)
For Two-tone Input Power +5 dBm
0/+3.0 V
0.5–3.0 GHz
+44
dBm
Control Voltages
VLow = 0 to 0.2 V @ 20 µA Max.
VHigh = +2.5 V @ 100 µA Max. to +5 V @ 200 µA Max.
Operating Characteristics at 25°C (0, +3 V)
1. All measurements made in a 50
Ω system, unless otherwise specified.
2. Insertion loss changes by 0.003 dB/°C.
3. Insertion loss state.
4. Video feedthru measured with 1 ns risetime pulse and 500 MHz bandwidth.


Similar Part No. - AS222-92

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS222-92 SKYWORKS-AS222-92 Datasheet
182Kb / 4P
   PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS222-92LF SKYWORKS-AS222-92LF Datasheet
182Kb / 4P
   PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS222-92 SKYWORKS-AS222-92_07 Datasheet
182Kb / 4P
   PHEMT GaAs IC SPDT Switch 0.1-3 GHz
More results

Similar Description - AS222-92

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS222-92 SKYWORKS-AS222-92_07 Datasheet
182Kb / 4P
   PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS213-92 SKYWORKS-AS213-92 Datasheet
62Kb / 2P
   PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS214-92 SKYWORKS-AS214-92_06 Datasheet
179Kb / 4P
   PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS213-92 SKYWORKS-AS213-92_06 Datasheet
190Kb / 4P
   PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS214-92 SKYWORKS-AS214-92 Datasheet
71Kb / 2P
   PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS213-92 SKYWORKS-AS213-92_08 Datasheet
240Kb / 4P
   PHEMT GaAs IC SPDT Switch 0.1?? GHz
logo
Alpha Industries
AS179-92 ALPHA-AS179-92 Datasheet
24Kb / 2P
   PHEMT GaAs IC SPDT Switch DC-3 GHz
logo
Skyworks Solutions Inc.
AS179-92 SKYWORKS-AS179-92 Datasheet
109Kb / 4P
   PHEMT GaAs IC SPDT Switch 300 kHz-3 GHz
logo
Alpha Industries
AS190-73 ALPHA-AS190-73 Datasheet
43Kb / 2P
   PHEMT GaAs IC High Linearity 3 V Control SPDT Switch 0.1-2 GHz
AS193-73 ALPHA-AS193-73 Datasheet
27Kb / 2P
   PHEMT GaAs IC High Linearity 3 V Control SPDT Switch 0.1-2.5 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com