Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECO-LINE Datasheet(PDF) 1 Page - Texas Instruments

Part # ECO-LINE
Description  Low Frequency 32mm Glass Transponder
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ECO-LINE Datasheet(HTML) 1 Page - Texas Instruments

  ECO-LINE Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Texas Instruments reserves the right to change its products and services at any time without notice. TI provides customer assistance in various
technical areas, but does not have full access to data concerning the uses and applications of customers products. Therefore, TI assumes no
responsibility for customer product design or for infringement of patents and/or the rights of third parties, which may result from assistance
provided by TI.
© Copyright 2001 Texas Instruments Incorporated.
Data Sheet: 11-09-22-109
06/01
Eco - Line
Specifications:
RI-TRP-RE2B
RI-TRP-WE2B
Functionality
Read Only
Read/Write
Memory (Bits)
64
80*
Memory (Pages)
1
1
Operating Frequency
134.2 kHz
Modulation
FSK (Frequency Shift Keying) 134.2 kHz / 123.2 kHz
Transmission Principle
HDX (Half Duplex)
Power Source
Powered from the reader signal (batteryless)
Typical Reading Range
≤ 100 cm**
Typical Programming Range
---
30 % of typical reading range
Typical Read Time
70 ms
Typical Programming Time
---
309 ms
Typical Programming Cycles
---
10,000
Operating Temperature (Read)
-25 to +70
°C
Operating Temperature (Program)
---
-25 to +70
°C
Storage Temperature
-40 to +85
°C
Case Material
Glass
Protection Class
Hermetically sealed
EMC
Programmed code is not affected by normal electromagnetic interference or x-rays
Signal Penetration
Transponder can be read through virtually all non-metallic material
Mechanical Shock
IEC 68-2-27, Test Ea;
Vibration
IEC 68-2-6, Test Fc;
Dimensions
∅ 3.85 mm ± 0.05 mm x 31.2 ± 0.6 mm
Weight
0.8 g
* We recommend that you split each 80 bit page into 64 user programmable bits plus a 16 bit wide CRC CCITT Block Check Character as is done
by TI-RFID LF readers.
** Depending on RF regulation in country of use, the Reader Antenna configuration used, and the environmental conditions.
For more information, contact the sales office or distributor nearest you. This contact information can be found
on our web site at:
http://www.ti-rfid.com
Data Sheet
Low Frequency
32mm Glass Transponder
R ADI O F R E Q U E NCY I DENT I F I CAT I O N S YSTE M S


Similar Part No. - ECO-LINE

ManufacturerPart #DatasheetDescription
logo
3M Electronics
ECO-0034385 3M-ECO-0034385 Datasheet
180Kb / 2P
   3M PASSIVE TWIN AXIAL CABLE ASSEMBLY FOR SFP APPLICATIONS
logo
Bel Fuse Inc.
ECO-105-230 BEL-ECO-105-230 Datasheet
656Kb / 2P
   EcoTran Standard Series Transformer
ECO-105-24 BEL-ECO-105-24 Datasheet
656Kb / 2P
   EcoTran Standard Series Transformer
ECO-105-28 BEL-ECO-105-28 Datasheet
656Kb / 2P
   EcoTran Standard Series Transformer
ECO-105-40 BEL-ECO-105-40 Datasheet
656Kb / 2P
   EcoTran Standard Series Transformer
More results

Similar Description - ECO-LINE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-TRP-RE2B TI-RI-TRP-RE2B_09 Datasheet
78Kb / 4P
[Old version datasheet]   ECO-LINE LOW-FREQUENCY 32mm GLASS TRANSPONDER
RI-TRP-RE2B TI1-RI-TRP-RE2B_16 Datasheet
509Kb / 5P
[Old version datasheet]   ECO-LINE LOW-FREQUENCY 32mm GLASS TRANSPONDER
RI-TRP-RE2B TI-RI-TRP-RE2B_1 Datasheet
53Kb / 3P
[Old version datasheet]   ECO-LINE LOW-FREQUENCY 32mm GLASS TRANSPONDER
RI-TRP-RR2B TI-RI-TRP-RR2B_1 Datasheet
120Kb / 4P
[Old version datasheet]   32mm Glass Transponder
RI-TRP-RR2B TI-RI-TRP-RR2B Datasheet
170Kb / 1P
[Old version datasheet]   32mm Glass Transponder
RI-TRP-REHP TI-RI-TRP-REHP Datasheet
40Kb / 3P
[Old version datasheet]   LOW FREQUENCY 23mm GLASS TRANSPONDER
RI-TRP-REHP-30 TI1-RI-TRP-REHP-30 Datasheet
66Kb / 4P
[Old version datasheet]   LOW FREQUENCY 23mm GLASS TRANSPONDER
TRPGP40TGC TI-TRPGP40TGC Datasheet
131Kb / 4P
[Old version datasheet]   12-mm LOW-FREQUENCY GLASS-ENCAPSULATED TRANSPONDER, CCT
TRPGR30ATGC TI1-TRPGR30ATGC Datasheet
161Kb / 8P
[Old version datasheet]   12-mm Low-Frequency Glass-Encapsulated Transponder, Read Only
TRPGP40ATGC TI1-TRPGP40ATGC Datasheet
154Kb / 7P
[Old version datasheet]   TRPGP40ATGC 12-mm Low-Frequency Glass-Encapsulated Transponder, CCT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com