Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU6854 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJU6854
Description  132COMMON x 132RGB LCD DRIVER FOR 65,536 - COLOR STN DISPLAY
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6854 Datasheet(HTML) 5 Page - New Japan Radio

  NJU6854 Datasheet HTML 1Page - New Japan Radio NJU6854 Datasheet HTML 2Page - New Japan Radio NJU6854 Datasheet HTML 3Page - New Japan Radio NJU6854 Datasheet HTML 4Page - New Japan Radio NJU6854 Datasheet HTML 5Page - New Japan Radio NJU6854 Datasheet HTML 6Page - New Japan Radio NJU6854 Datasheet HTML 7Page - New Japan Radio NJU6854 Datasheet HTML 8Page - New Japan Radio NJU6854 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 111 page
background image
NJU6854
-5 -
Ver.2004-06-29
DUMMY
COMA65
COMA64
COMA63
COMA62
COMA61
COMA60
COMA59
COMA32
COMA31
COMA30
COMA29
COMA28
COMA27
COMA26
DUMMY
Note 1) The pads with the same name are connected within the chip.
Note 2) Dummy pads are kept open..
UNIT: um
SIZE
ITEMS
REMARK / PAD NO.
X
Y
Chip size
With scribe lane (100 um)
17,643
2,180
Driver pads pitch
38
PAD pitch / space
(bump)
Interface pads
70~170
Driver sides
9
126
PAD open side
Interface sides
9
96
Driver sides
23
140
PAD size (bump)
Interface sides
50
115
BUMP height
All pads
17.5
ALIGN MARK DESIGN
bump
metal only
25
50
50
25
metal only
bump
25
50
50
25
pattern
forbidden
area
left bottom align mark
right bottom align mark
Coordinates LEFT BOTTOM : X= -8157.92 Y= -515.62
RIGHT BOTTOM : X= 8157.92 Y= -515.62


Similar Part No. - NJU6854

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6818 NJRC-NJU6818 Datasheet
844Kb / 102P
   80-Common X 104RGB-Segment in 4096-Color STN LCD DRIVER
NJU6820 NJRC-NJU6820 Datasheet
941Kb / 101P
   40-common x 128RGB-Segment, in 4096-Color 4096-Color STN LCD DRIVER
NJU6820CJ NJRC-NJU6820CJ Datasheet
941Kb / 101P
   40-common x 128RGB-Segment, in 4096-Color 4096-Color STN LCD DRIVER
NJU6824 NJRC-NJU6824 Datasheet
982Kb / 110P
   128-common x (1282) RGB-Segment, in 4096-Color STN LCD DRIVER
More results

Similar Description - NJU6854

ManufacturerPart #DatasheetDescription
logo
Rohm
BU98664CH-3BW ROHM-BU98664CH-3BW Datasheet
303Kb / 7P
   65,536 Colors 132RGB x 164 STN LCD control driver
BU98032CH-3BW ROHM-BU98032CH-3BW Datasheet
288Kb / 7P
   65,536 Colors 132RGB x 132 STN LCD control driver
logo
Samsung semiconductor
S6B33B0A SAMSUNG-S6B33B0A Datasheet
423Kb / 76P
   144 RGB Segment & 177 Common Driver For 65,536 Color STN LCD
S6B33B2 SAMSUNG-S6B33B2 Datasheet
1Mb / 79P
   132 RGB Segment & 162 Common Driver For 65,536 Color STN LCD
logo
Rohm
BU98570CH-3BW ROHM-BU98570CH-3BW Datasheet
316Kb / 7P
   65,536 Colors 98RGB x 70 STN LCD control driver
BU98582CH-3BW ROHM-BU98582CH-3BW Datasheet
448Kb / 7P
   65,536 Colors 104RGB x 82 STN LCD control driver
logo
ELAN Microelectronics C...
EM65570 EMC-EM65570 Datasheet
929Kb / 100P
   68COM / 98SEG 65K Color STN LCD Driver
EM65571 EMC-EM65571 Datasheet
816Kb / 118P
   130COM / 128SEG 65K Color STN LCD Driver
logo
Sharp Corporation
LM130SS1T611 SHARP-LM130SS1T611 Datasheet
106Kb / 1P
   Color STN-LCD Module
LM8M64 SHARP-LM8M64_07 Datasheet
783Kb / 30P
   Color STN LCD Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com