Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LND4815 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LND4815
Description  400mA Low Dropout Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LND4815 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LND4815 Datasheet HTML 1Page - List of Unclassifed Manufacturers LND4815 Datasheet HTML 2Page - List of Unclassifed Manufacturers LND4815 Datasheet HTML 3Page - List of Unclassifed Manufacturers LND4815 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Note 1: Output or reference voltage temperature coefficients defined as the worst case voltage change divided by the total
temperature range.
Note 2: Regulations are measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in
output voltage due to heating effects are covered under the specification for thermal regulation.
Note 3: Line regulation is tested at 150ºC for IL =5mA. For IL =100µA and TJ =125ºC, line regulation is guaranteed by design to
0.2%. For LND4815 16V<= Vin <=26V.
Note 4: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal
value measured at 1V differential.
Note 5: Group pin current is the regulator quiescent current. The total current drawn from the source is the sum of the ground
pin current and output load current.
Note 6: Thermal Regulation is the change in the output voltage at a time T after a change in power dissipation, excluding load
or line regulation effects. Specifications are for a 200mA load pulse (3W pulse) for T=10ms.
Note 7: Vref <=Vout <=(Vin – 1V), 2.3V<=Vin <=26V,100µA <= IL <=400mA, TJ <= Tjmax.
Note 8: Vshutdown >=2V, Vin <=26V, Vout =0v.
LND48XX
BLOCK DIAGRAM and TYPICAL APPLICATIONS
• Linear Dimensions, Inc. • 445 East Ohio Street, Chicago IL 60611 USA • tel 312.321.1810 • fax 312.321.1830 • www.lineardimensions.com •
5V
OUTPUT
1.23 V
Reference
+
ERROR
AMPLIFIER
+
<= 400mA
GROUND
Unregulated DC
-
+
INPUT
+
1 F
µ
6.8 F
µ
Fig 1 : Fixed Regulator
+
Vout
400mA Max
GROUND
INPUT
+
-
ERROR
AMPLIFIER
+
FEEDBACK
+
1.23 V
Reference
OUTPUT
SHUTDOWN
From
CMOS
or
TTL
Unregulated DC
1
8
7
3
µ
6.8 F
R1
R2
µ
1 F
V
1.23V
Ref
1.2 --> 24 V
On
Off
V
= V
(1+ R1/R2)
OUT
REF
Fig 2 : Adjustable Regulator
+


Similar Part No. - LND4815

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LND4815 LINEAR_DIMENSIONS-LND4815 Datasheet
114Kb / 4P
   400mA Low Dropout Voltage Regulators
More results

Similar Description - LND4815

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LND48XX LINEAR_DIMENSIONS-LND48XX Datasheet
114Kb / 4P
   400mA Low Dropout Voltage Regulators
logo
SG Micro Corp
SG2012 SGMICRO-SG2012 Datasheet
534Kb / 9P
   400mA , Low Power, Low Dropout, Linear Regulators
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129_07 Datasheet
786Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
logo
SG Micro Corp
SG2003 SGMICRO-SG2003 Datasheet
591Kb / 12P
   400mA, Low Power, Low Noise, Low Dropout, Linear Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com