Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTN04050CAH Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PTN04050CAH
Description  12 - W, 3.3 / 5 - V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTN04050CAH Datasheet(HTML) 6 Page - Texas Instruments

Back Button PTN04050CAH Datasheet HTML 2Page - Texas Instruments PTN04050CAH Datasheet HTML 3Page - Texas Instruments PTN04050CAH Datasheet HTML 4Page - Texas Instruments PTN04050CAH Datasheet HTML 5Page - Texas Instruments PTN04050CAH Datasheet HTML 6Page - Texas Instruments PTN04050CAH Datasheet HTML 7Page - Texas Instruments PTN04050CAH Datasheet HTML 8Page - Texas Instruments PTN04050CAH Datasheet HTML 9Page - Texas Instruments PTN04050CAH Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.ti.com
TYPICAL CHARACTERISTICS (5-V INPUT)(1)(2)
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
1.2
I
- Output Current - A
O
V
= 9 V
O
V
= 12 V
O
V
= 15 V
O
0
30
60
90
120
150
180
0
0.2
0.4
0.6
0.8
1
1.2
I
- Output Current - A
O
V
= 9 V
O
V
= 12 V
O
V
= 15 V
O
0
0.3
0.6
0.9
1.2
1.5
1.8
0
0.2
0.4
0.6
0.8
1
1.2
I
- Output Current - A
O
V
= 9 V
O
V
= 12 V
O
V
= 15 V
O
20
30
40
50
60
70
80
90
0
0.3
0.6
0.9
1.2
Airflow:
Nat conv
I
- Output Current - A
O
V
=
O
9 V
60 LFM
100 LFM
200 LFM
20
30
40
50
60
70
80
90
0
0.2
0.4
0.6
0.8
1
Airflow:
Nat conv
I
- Output Current - A
O
V
=
O
12 V
60 LFM
100 LFM
200 LFM
20
30
40
50
60
70
80
90
0
0.2
0.4
0.6
0.8
Airflow:
Nat conv
I
- Output Current - A
O
V
=
O
15 V
60 LFM
100 LFM
200 LFM
PTN04050C
SLTS251 – SEPTEMBER 2005
EFFICIENCY
OUTPUT VOLTAGE RIPPLE
POWER DISSIPATION
vs
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
OUTPUT CURRENT
Figure 8.
Figure 9.
Figure 10.
TEMPERATURE DERATING
TEMPERATURE DERATING
TEMPERATURE DERATING
vs
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
OUTPUT CURRENT
Figure 11.
Figure 12.
Figure 13.
(1)
The electrical characteristic data has been developed from actual products tested at 25
°C. This data is considered typical for the
converter. Applies to Figure 8, Figure 9, and Figure 10.
(2)
The Safe Operating Area curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to modules soldered directly to a 100-mm x 100-mm, double-sided PCB with 2 oz. copper.
Applies to Figure 11, Figure 12, and Figure 13.
6


Similar Part No. - PTN04050CAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN04050CAH TI1-PTN04050CAH Datasheet
646Kb / 19P
[Old version datasheet]   12-W, 3.3/5-V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER
More results

Similar Description - PTN04050CAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN04050C TI1-PTN04050C_11 Datasheet
646Kb / 19P
[Old version datasheet]   12-W, 3.3/5-V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER
PTN04050A TI-PTN04050A_15 Datasheet
666Kb / 19P
[Old version datasheet]   6-W, 3.3-V/5-V INPUT, WIDE ADJUST OUTPUT, POSITIVE-TO-NEGATIVE CONVERTER
PTN04050A TI-PTN04050A Datasheet
1Mb / 18P
[Old version datasheet]   6-W, 3.3-V/5-V INPUT, WIDE ADJUST OUTPUT, POSITIVE-TO-NEGATIVE CONVERTER
logo
Analog Devices
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
   Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
    Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
   Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
logo
Texas Instruments
PT5540 TI-PT5540 Datasheet
195Kb / 8P
[Old version datasheet]   12-W 5-V Input Step-Up (Boost) Integrated Switching Regulator
PTH04040W TI-PTH04040W_15 Datasheet
514Kb / 27P
[Old version datasheet]   60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH04040W TI-PTH04040W Datasheet
994Kb / 24P
[Old version datasheet]   60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH04070W TI-PTH04070W_07 Datasheet
436Kb / 16P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com