Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS68000 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS68000
Description  HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS68000 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS68000 Datasheet HTML 2Page - Texas Instruments TPS68000 Datasheet HTML 3Page - Texas Instruments TPS68000 Datasheet HTML 4Page - Texas Instruments TPS68000 Datasheet HTML 5Page - Texas Instruments TPS68000 Datasheet HTML 6Page - Texas Instruments TPS68000 Datasheet HTML 7Page - Texas Instruments TPS68000 Datasheet HTML 8Page - Texas Instruments TPS68000 Datasheet HTML 9Page - Texas Instruments TPS68000 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.ti.com
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
SYNC
SET
STC
PH
BBR
BC
BF
ABR
VAO
VA−
VSEN
CA−
CAO
CSEN
OCP
VREF
GND
SA
GA
V5A
GB
VCC
V5
PGND
GD
V5C
GC
SC
EN
FAULT
TPS68000
SLVS524 – OCTOBER 2005
DBT PACKAGE
(TOP VIEW)
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
ABR
8
I
Analog brightness programming input. A DC voltage applied at that pin programs the lamp current
the current regulator regulates. 0 V means no current and 3.3 V means maximum current.
BBR
5
I
Burst brightness programming input. A DC voltage applied at that pin programs the duty cycle of the
burst pulses generated to dimm the brightness. 0 V means zero duty cycle and 2 V means
maximum duty cycle. Applying V5 (5 V) programs the device for synchronized burst dimming.
BC
6
I
Burst control. A PWM signal applied at that pin is directly used for burst dimming. Frequency and
duty cycle are used directly. This input has priority against the burst frequency programming with
BBR and BF
BF
7
I
Burst frequency programming. A capacitor at that pin programs the low frequency for the burst
dimming
CA-
12
I
Current amplifier negative input. This input is used to connect the compensation capacitor for
compensating the current loop.
CAO
13
O
Current amplifier output. This is the output for the current amplifier. It is used to connect the
compensation capacitor for the current loop.
CSEN
14
I
Current sense. Measuring input for the lamp current. The applied voltage (coming from a shunt
resistor) will be used for lamp current regulation. Sensed AC voltages can be applied directly. They
will be rectified internally.
EN
17
I
Enable input. Logic high enables the device.
FAULT
16
O
Error output, any detected malfunctioning of the application will be reported as error on this pin.
Error means the output is pulled low. The output is open drain to allow connecting multiple error
outputs of similar devices together.
GA
27
O
Gate drive output of switch A
GB
25
O
Gate drive output of switch B
GC
19
O
Gate drive output of switch C
GD
21
O
Gate drive output of switch D
GND
29
Analog ground pin. Reference ground for all control signals.
OCP
15
I
Over current protection. This input is used to monitor a voltage derived from a current sensor in any
part of the converter. This voltage is compared to an internal reference voltage. Exceeding the
internal reference voltage causes the device logic to turn the device off and report an error signal at
the fault pin.
PGND
22
Reference ground for the gate drivers and the gate drive supply.
6


Similar Part No. - TPS68000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS68000 TI1-TPS68000 Datasheet
629Kb / 26P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
TPS68000DBT TI1-TPS68000DBT Datasheet
629Kb / 26P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
TPS68000DBTG4 TI1-TPS68000DBTG4 Datasheet
629Kb / 26P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
TPS68000DBTR TI1-TPS68000DBTR Datasheet
629Kb / 26P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
TPS68000DBTRG4 TI1-TPS68000DBTRG4 Datasheet
629Kb / 26P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
More results

Similar Description - TPS68000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS68000 TI1-TPS68000_13 Datasheet
629Kb / 26P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
logo
Monolithic Power System...
MP1038 MPS-MP1038 Datasheet
34Kb / 1P
   Full Bridge CCFL Controller
logo
Microsemi Corporation
LX6504 MICROSEMI-LX6504 Datasheet
180Kb / 2P
   Full Bridge Resonant CCFL Controller
LX1696A MICROSEMI-LX1696A Datasheet
97Kb / 2P
   Full Bridge Resonant CCFL Controller
logo
Mitsumi Electronics, Co...
LX1692 MITSUMI-LX1692 Datasheet
271Kb / 15P
   Full Bridge Resonant CCFL Controller
logo
Microsemi Corporation
LX1692B MICROSEMI-LX1692B Datasheet
305Kb / 13P
   Full Bridge Resonant CCFL Controller
LX1692A MICROSEMI-LX1692A Datasheet
98Kb / 2P
   Full Bridge Resonant CCFL Controller
LX1692F MICROSEMI-LX1692F Datasheet
196Kb / 2P
   TM Full Bridge Resonant CCFL Controller
LX1692 MICROSEMI-LX1692 Datasheet
315Kb / 15P
   TM Full Bridge Resonant CCFL Controller
logo
Maxim Integrated Produc...
MAX8751 MAXIM-MAX8751 Datasheet
732Kb / 27P
   Fixed-Frequency, Full-Bridge CCFL Inverter Controller
Rev 0; 8/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com