Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT72L52 Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT72L52
Description  TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
Download  480 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L52 Datasheet(HTML) 2 Page - Exar Corporation

  XRT72L52 Datasheet HTML 1Page - Exar Corporation XRT72L52 Datasheet HTML 2Page - Exar Corporation XRT72L52 Datasheet HTML 3Page - Exar Corporation XRT72L52 Datasheet HTML 4Page - Exar Corporation XRT72L52 Datasheet HTML 5Page - Exar Corporation XRT72L52 Datasheet HTML 6Page - Exar Corporation XRT72L52 Datasheet HTML 7Page - Exar Corporation XRT72L52 Datasheet HTML 8Page - Exar Corporation XRT72L52 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 480 page
background image
XRT72L52
áç
áç
áç
áç
TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
REV. P1.1.3
PRELIMINARY
2
ORDERING INFORMATION
FIGURE 2. PIN OUT OF THE XRT72L52
XRT72L52
RxNib0[0]/RxHDLCDat0[0]
RxFrame[0]
VDD
RxOHInd[0]
RxSer[0]/RxIdle[0]
RxClk[0]
GND
TxFrame[0]
TxNibFrame[0]/ValFCS[0]
TxNIBClk[0]/SndFCS[0]
TxOHInd[0]/TxHDLCDat6[0]
GND
TxSer[0]/SndMsg[0]
TxNib3[0]/TxHDLCDat3[0]
TxNib2[0]/TxHDLCDat2[0]
TxNib1[0]/TxHDLCDat1[0]
TxNib0[0]/TxHDLCDat0[0]
TxAISEn[0]
TxOH[0]/TxHDLCDat5[0]
TxOHIns[0]/TxHDLCDat4[0]
VDD
TxOHEnable[0]/TxHDLCDat7[0]
TxOHClk[0]
TxOHFrame[0]/TxHDLCClk[0]
RxOHEnable[0]/RxHDLCDat5[0]
RxOHFrame[0]/RxHDLCDat4[0]
RxOHClk[0]/RxHDLCClk[0]
RxOH[0]/RxHDLCDat6[0]
GND
DMO[0]
ExtLOS[0]
RLOL[0]
GND
NC
RLOOP[0]
LLOOP[0]
Req[0]
TAOS[0]
RxRed[0]
RxAIS[0]
TxNib3[1]/TxHDLCDat3[1]
TxSer[1]/SndMsg[1]
GND
TxOHInd[1]/TxHDLCDat6[1]
TxNIBClk[1]/SndFCS[1]
TxFrame[1]
TxNibFrame[1]/ValFCS[1]
RxFrame[1]
RxSer[1]/RxIdle[1]
VDD
RxClk[1]
RxNib0[1]/RxHDLCDat0[1]
RxNib1[1]/RxHDLCDat1[1]
RxNib2[1]/RxHDLCDat2[1]
RxNib3[1]/RxHDLCDat3[1]
RxOHInd[1]
GND
RxOHClk[1]/RxHDLCClk[1]
RxOHEnable[1]/RxHDLCDat5[1]
RxOHFrame[1]/RxHDLCDat4[1]
RxOH[1]/RxHDLCDat6[1]
TxOHClk[1]
TxOHFrame[1]/TxHDLCClk[1]
TxOHEnable[1]/TxHDLCDat7[1]
VDD
TxOHIns[1]/TxHDLCDat4[1]
TxOH[1]/TxHDLCDat5[1]
TxAISEn[1]
GND
TxLev[1]
EncoDis[1]
RxLOS[1]
RxOOF[1]
RxAIS[1]
RxRed[1]
TAOS[1]
Req[1]
LLOOP[1]
RLOOP[1]
GND
121
122
123
124
125
126
127
128
129
130
131
132
133
134
135
136
137
138
139
140
141
142
143
144
145
146
147
148
149
150
151
152
153
154
155
156
157
158
159
160
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
PART NUMBER
PACKAGE TYPE
OPERATING TEMPERATURE RANGE
XRT72L52
28x28mm 160 lead QFP
-40°C to +85°C


Similar Part No. - XRT72L52

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT72L52IQ EXAR-XRT72L52IQ Datasheet
6Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
More results

Similar Description - XRT72L52

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR72L52 EXAR-XR72L52 Datasheet
6Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L50 EXAR-XRT72L50 Datasheet
2Mb / 471P
   SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L53 EXAR-XRT72L53 Datasheet
5Mb / 467P
   THREE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L54 EXAR-XRT72L54 Datasheet
5Mb / 484P
   FOUR CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L56 EXAR-XRT72L56 Datasheet
5Mb / 486P
   SIX CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L58 EXAR-XRT72L58 Datasheet
5Mb / 486P
   EIGHT CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
logo
M/A-COM Technology Solu...
28330-DSH-002-A MA-COM-28330-DSH-002-A_15 Datasheet
897Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
28330-DSH-002-A MA-COM-28330-DSH-002-A Datasheet
897Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
logo
Synaptics Incorporated.
CN8330 CONEXANT-CN8330 Datasheet
586Kb / 101P
   DS3/E3 Framer with 52 Mbps HDLC Controller
logo
Exar Corporation
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
   DS3/E3 FRAMER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com