Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD592 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SD592
Description  Silicon NPN epitaxial planer type(For low-frequency output amplification)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD592 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD592 Datasheet HTML 1Page - Panasonic Semiconductor 2SD592 Datasheet HTML 2Page - Panasonic Semiconductor 2SD592 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transistor
2SD592, 2SD592A
Silicon NPN epitaxial planer type
For low-frequency output amplification
Complementary to 2SB621 and 2SB621A
s Features
q
Large collector power dissipation PC.
q
Low collector to emitter saturation voltage VCE(sat).
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
3:Base
JEDEC:TO–92
EIAJ:SC–43A
5.0
±0.2
4.0
±0.2
0.45
+0.2
–0.1
0.45
+0.2
–0.1
1.27
1.27
2.54
±0.15
2
13
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
30
60
25
50
5
1.5
1
750
150
–55 ~ +150
Unit
V
V
V
A
A
mW
˚C
˚C
2SD592
2SD592A
2SD592
2SD592A
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base
voltage
Collector to emitter
voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
VCBO
VCEO
VEBO
hFE1
*1
hFE2
VCE(sat)
VBE(sat)
fT
Cob
Conditions
VCB = 20V, IE = 0
IC = 10µA, IE = 0
IC = 2mA, IB = 0
IE = 10µA, IC = 0
VCE = 10V, IC = 500mA
*2
VCE = 5V, IC = 1A
*2
IC = 500mA, IB = 50mA
*2
IC = 500mA, IB = 50mA
*2
VCB = 10V, IE = –50mA, f = 200MHz
VCB = 10V, IE = 0, f = 1MHz
min
30
60
25
50
5
85
50
typ
160
0.2
0.85
200
max
0.1
340
0.4
1.2
20
Unit
µA
V
V
V
V
V
MHz
pF
*1h
FE1 Rank classification
Rank
Q
R
S
hFE1
85 ~ 170
120 ~ 240
170 ~ 340
*2 Pulse measurement
2SD592
2SD592A
2SD592
2SD592A


Similar Part No. - 2SD592

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2SD592 MICRO-ELECTRONICS-2SD592 Datasheet
89Kb / 1P
   SILICON TRANSISTOR
logo
List of Unclassifed Man...
2SD592 ETC1-2SD592 Datasheet
41Kb / 1P
   Medium Power Amplifiers and Switches
logo
Micro Electronics
2SD592A MICRO-ELECTRONICS-2SD592A Datasheet
89Kb / 1P
   SILICON TRANSISTOR
logo
Panasonic Semiconductor
2SD592A PANASONIC-2SD592A Datasheet
78Kb / 4P
   For Low-Frequency Output Amplification
logo
List of Unclassifed Man...
2SD592A ETC1-2SD592A Datasheet
41Kb / 1P
   Medium Power Amplifiers and Switches
More results

Similar Description - 2SD592

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2074 PANASONIC-2SD2074 Datasheet
44Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2177 PANASONIC-2SD2177 Datasheet
59Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2177A PANASONIC-2SD2177A Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SC4391 PANASONIC-2SC4391 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2358 PANASONIC-2SD2358 Datasheet
45Kb / 1P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SC5335 PANASONIC-2SC5335 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2179 PANASONIC-2SD2179 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2441 PANASONIC-2SD2441 Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2459 PANASONIC-2SD2459 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2460 PANASONIC-2SD2460 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com