Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF-541M4-BLK Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # ATF-541M4-BLK
Description  Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF-541M4-BLK Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button ATF-541M4-BLK Datasheet HTML 4Page - Agilent(Hewlett-Packard) ATF-541M4-BLK Datasheet HTML 5Page - Agilent(Hewlett-Packard) ATF-541M4-BLK Datasheet HTML 6Page - Agilent(Hewlett-Packard) ATF-541M4-BLK Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF-541M4-BLK Datasheet HTML 8Page - Agilent(Hewlett-Packard) ATF-541M4-BLK Datasheet HTML 9Page - Agilent(Hewlett-Packard) ATF-541M4-BLK Datasheet HTML 10Page - Agilent(Hewlett-Packard) ATF-541M4-BLK Datasheet HTML 11Page - Agilent(Hewlett-Packard) ATF-541M4-BLK Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
ATF-541M4 Typical Scattering Parameters, VDS = 3V, IDS = 80 mA
Freq.
S11
S21
S12
S22
MSG/MAG
GHz
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
dB
0.1
0.97
-17.9
28.61
26.94
168.8
0.01
79.8
0.50
-11.6
34.30
0.5
0.85
-76.2
26.21
20.44
133.6
0.03
54.7
0.39
-49.1
28.33
0.9
0.77
-112.1
23.27
14.57
113.2
0.04
43.1
0.28
-71.5
25.61
1.0
0.75
-119.2
22.55
13.42
109.1
0.04
41.5
0.26
-76.4
25.26
1.5
0.71
-142.2
19.65
9.60
95.0
0.04
36.3
0.19
-94.6
23.80
1.9
0.70
-154.9
17.83
7.79
86.9
0.05
34.8
0.16
-105.8
21.93
2.0
0.69
-159.5
17.30
7.33
85.8
0.05
35.8
0.13
-112.9
21.66
2.5
0.69
-171.1
15.53
5.98
78.0
0.05
36.0
0.11
-127.2
20.78
3.0
0.69
179.5
14.00
5.01
71.0
0.06
35.8
0.10
-144.2
19.22
4.0
0.69
165.2
11.62
3.81
58.5
0.06
35.0
0.10
-170.0
14.97
5.0
0.70
153.3
9.75
3.07
47.2
0.07
33.7
0.10
168.7
13.05
6.0
0.70
138.3
8.33
2.61
35.3
0.09
29.6
0.11
156.1
11.67
7.0
0.72
127.8
6.97
2.23
25.0
0.10
26.6
0.12
143.5
10.52
8.0
0.73
118.0
5.84
1.96
14.8
0.11
22.3
0.14
133.6
9.47
9.0
0.74
109.1
4.82
1.74
5.2
0.12
17.8
0.17
125.1
8.52
10.0
0.76
99.3
3.89
1.56
-4.9
0.13
12.1
0.19
115.7
7.88
11.0
0.76
89.7
3.11
1.43
-15.1
0.14
6.1
0.23
105.6
7.03
12.0
0.79
80.9
2.29
1.30
-25.2
0.15
-0.4
0.27
95.7
6.75
13.0
0.80
71.9
1.56
1.20
-35.3
0.16
-7.8
0.32
86.7
6.21
14.0
0.83
61.8
0.73
1.09
-46.6
0.17
-15.0
0.37
78.3
6.12
15.0
0.85
52.1
-0.18
0.98
-56.2
0.17
-23.3
0.44
70.0
5.66
16.0
0.86
41.6
-1.22
0.87
-67.1
0.17
-31.0
0.49
63.1
4.89
17.0
0.89
32.9
-2.18
0.78
-75.9
0.17
-39.1
0.57
57.7
5.21
18.0
0.89
24.3
-3.36
0.68
-83.6
0.17
-45.5
0.62
53.6
4.07
Freq
Fmin
Γopt
Γopt
Rn/50
Ga
GHz
dB
Mag.
Ang.
dB
0.5
0.21
0.23
24.4
0.05
27.83
0.9
0.25
0.20
17.8
0.06
23.58
1.0
0.28
0.11
60.8
0.04
23.43
1.9
0.53
0.21
121.1
0.05
19.57
2.0
0.56
0.20
124.5
0.05
19.13
2.4
0.64
0.26
142.6
0.05
18.05
3.0
0.72
0.32
159.7
0.05
16.60
3.9
0.81
0.38
179.2
0.05
14.81
5.0
1.03
0.41
-153.7
0.05
13.21
5.8
1.33
0.42
-152.5
0.07
12.20
6.0
1.40
0.46
-143.4
0.10
11.35
7.0
1.59
0.47
-139.1
0.13
10.24
8.0
1.79
0.53
-127.3
0.19
9.84
9.0
2.01
0.59
-113.4
0.31
9.00
10.0
2.20
0.63
-97.9
0.5
8.46
Notes:
1. The Fmin values are based on a set of 16 noise figure measurements made at 16 different impedances using an ATN NP5 test system. From these
measurements a true Fmin is calculated. Refer to the noise parameter application section for more information.
2. Refer to the applications section for additional information on the test fixture used for the measurement of the s and noise parameters.
Typical Noise Parameters, VDS = 3V, IDS = 80 mA
Figure 18. MSG/MAG and |S21|
2 vs.
Frequency at 3V, 80 mA.
MSG
MAG
FREQUENCY (GHz)
020
10
515
40
35
30
25
20
15
10
5
0
-5
-10
|S21|
2


Similar Part No. - ATF-541M4-BLK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-541M4 AVAGO-ATF-541M4 Datasheet
226Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT
logo
Broadcom Corporation.
ATF-541M4 BOARDCOM-ATF-541M4 Datasheet
226Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT
More results

Similar Description - ATF-541M4-BLK

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ATF-551M4 BOARDCOM-ATF-551M4 Datasheet
306Kb / 24P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
DEMO-ATF-5X1M4E BOARDCOM-DEMO-ATF-5X1M4E Datasheet
226Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
logo
Agilent(Hewlett-Packard...
ATF-551M4 HP-ATF-551M4 Datasheet
198Kb / 24P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-331M4 AVAGO-ATF-331M4 Datasheet
430Kb / 14P
   Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF-38143 AVAGO-ATF-38143 Datasheet
377Kb / 12P
   Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF-35143 AVAGO-ATF-35143_15 Datasheet
521Kb / 18P
   Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
logo
Broadcom Corporation.
ATF-331M4 BOARDCOM-ATF-331M4 Datasheet
384Kb / 15P
   Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
logo
Agilent(Hewlett-Packard...
ATF331M4 HP-ATF331M4 Datasheet
171Kb / 17P
   Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF54143 HP-ATF54143 Datasheet
154Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-54143 AVAGO-ATF-54143 Datasheet
142Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com