Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAND01GW4B2BZA6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # NAND01GW4B2BZA6
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01GW4B2BZA6 Datasheet(HTML) 1 Page - STMicroelectronics

  NAND01GW4B2BZA6 Datasheet HTML 1Page - STMicroelectronics NAND01GW4B2BZA6 Datasheet HTML 2Page - STMicroelectronics NAND01GW4B2BZA6 Datasheet HTML 3Page - STMicroelectronics NAND01GW4B2BZA6 Datasheet HTML 4Page - STMicroelectronics NAND01GW4B2BZA6 Datasheet HTML 5Page - STMicroelectronics NAND01GW4B2BZA6 Datasheet HTML 6Page - STMicroelectronics NAND01GW4B2BZA6 Datasheet HTML 7Page - STMicroelectronics NAND01GW4B2BZA6 Datasheet HTML 8Page - STMicroelectronics NAND01GW4B2BZA6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
February 2006
Rev 4.0
1/64
2
NAND01G-B
NAND02G-B
1 Gbit, 2 Gbit,
2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
Feature summary
High Density NAND Flash memories
Up to 2 Gbit memory array
Up to 64Mbit spare area
Cost effective solutions for mass
storage applications
NAND interface
x8 or x16 bus width
Multiplexed Address/ Data
Pinout compatibility for all densities
Supply voltage
–1.8V device: VDD = 1.7 to 1.95V
–3.0V device: VDD = 2.7 to 3.6V
Page size
x8 device: (2048 + 64 spare) Bytes
x16 device: (1024 + 32 spare) Words
Block size
x8 device: (128K + 4K spare) Bytes
x16 device: (64K + 2K spare) Words
Page Read/Program
Random access: 25µs (max)
Sequential access: 50ns (min)
Page program time: 300µs (typ)
Copy Back Program mode
Fast page copy without external
buffering
Cache Program and Cache Read modes
Internal Cache Register to improve the
program and read throughputs
Fast Block Erase
Block erase time: 2ms (typ)
Status Register
Electronic Signature
Chip Enable ‘don’t care’
for simple interface with microcontroller
Serial Number option
Data protection
Hardware and Software Block Locking
Hardware Program/Erase locked during
Power transitions
Data integrity
100,000 Program/Erase cycles
10 years Data Retention
ECOPACK® packages
Development tools
Error Correction Code software and
hardware models
Bad Blocks Management and Wear
Leveling algorithms
File System OS Native reference
software
Hardware simulation models
FBGA
TSOP48 12 x 20mm
VFBGA63 9.5 x 12 x 1mm
TFBGA63 9.5 x 12 x 1.2mm
www.st.com


Similar Part No. - NAND01GW4B2BZA6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND01GW4B2BZA6E STMICROELECTRONICS-NAND01GW4B2BZA6E Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
logo
Numonyx B.V
NAND01GW4B2BZA6E NUMONYX-NAND01GW4B2BZA6E Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
NAND01GW4B2BZA6E NUMONYX-NAND01GW4B2BZA6E Datasheet
1Mb / 67P
   1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
January 2010 Rev 5
logo
STMicroelectronics
NAND01GW4B2BZA6F STMICROELECTRONICS-NAND01GW4B2BZA6F Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
logo
Numonyx B.V
NAND01GW4B2BZA6F NUMONYX-NAND01GW4B2BZA6F Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
More results

Similar Description - NAND01GW4B2BZA6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND01G-B2B STMICROELECTRONICS-NAND01G-B2B Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
logo
Numonyx B.V
NAND04GW3B2B NUMONYX-NAND04GW3B2B Datasheet
1Mb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
STMicroelectronics
NAND04GW3B2B STMICROELECTRONICS-NAND04GW3B2B Datasheet
501Kb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
Numonyx B.V
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
NAND01GR3B2C NUMONYX-NAND01GR3B2C Datasheet
1Mb / 67P
   1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
January 2010 Rev 5
NAND04G-B2D NUMONYX-NAND04G-B2D Datasheet
1Mb / 69P
   4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
NAND02G-B2D NUMONYX-NAND02G-B2D Datasheet
1Mb / 69P
   2-Gbit, 2112-byte/1056-word page multiplane architecture, 1.8 V or 3 V, NAND flash memories
NAND08GW3C2A NUMONYX-NAND08GW3C2A Datasheet
1Mb / 58P
   8/16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND08GW3C2B NUMONYX-NAND08GW3C2B Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com