Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1094 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # T1094
Description  T1/CEPT/ISDN-PRI TRANSFORMERS Dual Surface Mount, 1500 Vrms, Extended and Standard Temperature Range
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

T1094 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  T1094 Datasheet HTML 1Page - List of Unclassifed Manufacturers T1094 Datasheet HTML 2Page - List of Unclassifed Manufacturers T1094 Datasheet HTML 3Page - List of Unclassifed Manufacturers T1094 Datasheet HTML 4Page - List of Unclassifed Manufacturers T1094 Datasheet HTML 5Page - List of Unclassifed Manufacturers T1094 Datasheet HTML 6Page - List of Unclassifed Manufacturers T1094 Datasheet HTML 7Page - List of Unclassifed Manufacturers T1094 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
T1/CEPT/ISDN-PRI TRANSFORMERS
Dual Surface Mount, 1500 Vrms, Small Package
Mechanical
Schematics
16
14
15
11
9
10
4
1 2 3 4
5 6 7 8
3
16
14
13
2
11
9
68
7
10
16
14
13
2
15
11
9
68
7
10
1
9
8
16
14
13
2
15
11
6
10
2
7
24
3
6
9
16
13
1514
12
9
1110
8
16
14
13
2
11
9
68
15
7
16
14
13
2
11
9
68
10
6
16
14
13
11
9
5
8
15
6 7
16
14
15
11
9
10
5
3
1
8
6
.505 MAX
12,83
.350
8,89
.050
1,27
.280 MAX
7,11
PE-6XXXX
T1XXX/TX1XXX
(Date Code)
(Country of Origin)
.375
9,53
MAX
.004/0,10
16 SURFACES
16X .018 ± .002
0,46 ± 0,05
.245
6,22
MAX
0°– 8°
.010
0,25
.050
1,27
.350
8,89
.328
8,33
SUGGESTED PAD LAYOUT
16X .029 ± .001
0,74 ± 0,03
.075
1,91
2
(See Pages 6 and 7 for Table Notes)
Dual SMT package contains both transmit and receive transformers
Models matched to leading transceiver ICs
UL 1459 and UL 1950 recognized (some parts pending approval)
EN 60950 safety agency approval per BABT
Lead-Free versions available upon request
BH
Electrical Specifications @ 25°C
NOTE: Standard (STD) operating temperature range is 0°C to 70°C. Extended (EXT) operating temperature range is -40°C to +85°C. Models are available with unused leads removed.
Part #
Part #
Turns Ratio B
OCL
CW/W
LL
DCR Pri
Package/
Primary
(STD temp.)
(EXT temp.)
(Pri:Sec ±5%)
(mH MIN)
(pF MAX)
(µH MAX)
(
Ω MAX)
Schematic
Pins
PE-65861
T1090
1CT:2CT & 1CT:2CT
1.20 & 1.20
30 & 30
.60 & .60
0.70 & 0.70
BH/1
16-14, 6-8
PE-65862
T1091
1CT:2CT & 1:1.36CT
1.20 & 1.20
30 & 30
.60 & .60
0.70 & 0.70
BH/2
16-14, 6-8
PE-65865
T1076
1:1.15CT & 1CT:2CT
1.20 & 1.20
30 & 30
.60 & .60
0.70 & 0.70
BH/3
16-14, 6-8
PE-65866 E
T1092 E
1:1/1.26 & 1CT:2CT
1.20 & 1.20
30 & 30
.60 & .60
0.70 & 0.70
BH/3
16-14, 6-8
PE-65870
T1093
1CT:1.15CT & 1CT:1.15CT
1.20 & 1.20
30 & 30
.60 & .60
0.70 & 0.70
BH/1
1-3, 6-8
T1022
T1077
1CT:1CT & 1CT:1.5CT
1.20 & 1.20
30 & 30
.80 & .80
0.70 & 0.70
BH/1
16-14, 6-8
PE-68678
T1094
1CT:1CT & 1CT:2CT
1.20 & 1.20
30 & 30
.60 & .60
0.70 & 0.70
BH/1
16-14, 6-8
PE-68786
T1095
1CT:1.41CT & 1CT:1.41CT
1.00 & 1.00
30 & 30
.60 & .60
0.70 & 0.70
BH/1
16-14, 11-9
T1023
T1096
1CT:1.41CT & 1CT:1.41CT
1.00 & 1.00
30 & 30
.60 & .60
0.70 & 0.70
BH/1
1-3, 11-9
T1144
1CT:1CT & 1CT:2.4CT
1.00 & 1.00
30 & 30
.80 & .80
0.85 & 0.85
BH/1
9-11, 1-3
T1097
1CT:1CT & 1CT:1.67CT
1.00 & 1.00
25 & 25
.80 & .80
0.80 & 0.80
BH/1
6-8, 14-16
T1136
1CT:1CT & 1CT:1.36CT
1.20 & 1.20
30 & 30
.60 & .60
0.70 & 0.70
BH/1
6-8, 1-3
T1121
1CT:1.5CT & 1CT:1.5CT
1.50 & 1.50
40 & 40
.80 & .80
0.70 & 0.70
BH/1
1-3, 6-8
T1122
1CT:2CT & 1CT:2.3CT
1.20 & 1.20
30 & 30
.80 & .80
0.90 & 0.90
BH/1
6-8, 14-16
T1021J
2CT:1/1.26 & 2CT:1/1.26
1.50 & 1.50
40 & 40
.50 & .50
0.70 & 0.70
BH/1
1-3, 11-9
T1075 J
2CS:1.57/2 & 2CS:1.57/2
1.50 & 1.50
40 & 40
.50 & .50
0.70 & 0.70
BH/4
1-2, 5-6
T1190
1CT:1CT & 1CT:1.36CT
1.20 & 1.20
30 & 30
.60 & 60
0.70 & 0.70
BH/1
16-14, 6-8
T1137
TX1287
1CT:2.42CT & 1CT:2.42CT
1.20 & 1.20
25 & 25
.60 & .60
0.70 & 0.70
BH/1
1-3, 6-8
T1146
1:2/2.4 & 1:0.79/1
1.00 & 1.00
35 & 35
1.00 & 1.00
0.80 & 0.80
BH/5
1-3, 6-8
T1286
1CT:2.4CT & 1CT:2.4CT
1.20 & 1.20
15 & 15
.30 & .30
0.30 & 0.30
BH/1
1-3, 6-8
TX1317
1:2CT & 1:2CS
1.20 & 1.20
35 & 35
.50 & 1.00
1.00 & 1.00
BH/6
1-3, 11-9
TX1189
1:1.36CT & 1:2CT
1.20 & 1.20
30 & 30
.60 & .60
1.00 & 1.00
BH/7
16-14, 6-8
TX1188
1CT:2CT & 1CT:2CT
1.20 & 1.20
30 & 30
.60 & .60
0.70 & 0.70
BH/1
1-3, 6-8
TX1187
1CT:2CT & 1:1
1.20 & 1.20
30 & 30
.60 & .60
0.70 & 0.70
BH/8
1-3, 6-8
TX1088
1CT:2CT & 1CT:2.42CT
1.20 & 1.20
35 & 35
.80 & .80
1.00 & 1.00
BH/1
1-3, 6-8
TX1089
1CT:1CT & 1CT:1CT
1.20 & 1.20
30 & 30
.80 & .80
0.70 & 0.70
BH/1
1-3, 6-8
TX1098
1CT:1:26CT & 1CT:1:26CT
1.20 & 1.20
30 & 30
.60 & .60
0.70 & 0.70
BH/1
1-3, 6-8
TX1099
1CT:1:0.8 & 1CT:1:0.8
1.20 & 1.20
30 & 30
.80 & .80
1.00 & 1.00
BH/4
16-14, 11-9
TX1186
1CT:1.58:2 & 1:1.65:2
1.20 & 1.20
30 & 30
.80 & .80
1.00 & 1.00
BH/9
2-4, 6-7
TX1467
1CT:1:1 & 1CT:1:1
1.20 & 1.20
30 & 30
.80 & .80
1.00 & 1.00
BH/4
16-14, 11-9
T608.R (11/04)
Weight . . . . . . . . .1.0 grams
Tape & Reel . . . . . . .600/reel
Tube . . . . . . . . . . . . .40/tube
Unless otherwise specified, all tolerances are ± .010
0,25
Dimensions: Inches
mm
US 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Taiwan 886 2 2698 0228 •• Hong Kong 852 2788 6588 •• http://www.pulseeng.com


Similar Part No. - T1094

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T1094 PULSE-T1094 Datasheet
291Kb / 8P
   T1/CEPT/ISDN-PRI TRANSFORMERS
T1094 PULSE-T1094 Datasheet
216Kb / 9P
   T1/CEPT/ISDN-PRI TRANSFORMERS
T1094 PULSE-T1094 Datasheet
154Kb / 8P
   TRANSFORMERS
T1094NL PULSE-T1094NL Datasheet
649Kb / 8P
   T1/CEPT/ISDN-PRI TRANSFORMERS
T1094NL PULSE-T1094NL Datasheet
649Kb / 8P
   T1/CEPT/ISDN-PRI TRANSFORMERS
More results

Similar Description - T1094

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T1144T PULSE-T1144T Datasheet
280Kb / 8P
   T1/CEPT/ISDN-PRI TRANSFORMERS Dual Surface Mount, 1500Vrms, Extended and Standard Temperature Range
logo
Bel Fuse Inc.
S553-6500-10 BEL-S553-6500-10 Datasheet
794Kb / 28P
   T1/CEPT/ISDN-PRI TRANSFORMERS DUAL SURFACE MOUNT
S553-6500-03 BEL-S553-6500-03 Datasheet
120Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS DUAL SURFACE MOUNT
logo
Bourns Electronic Solut...
SM75225 BOURNS-SM75225 Datasheet
173Kb / 1P
   T1/CEPT/ISDN-PRI Dual Transformers
logo
XFMRS Inc.
1101 XFMRS-1101_15 Datasheet
39Kb / 1P
   DUAL T1/CEPT/ISDN-PRI TRANSFORMERS
1109 XFMRS-1109_15 Datasheet
55Kb / 1P
   DUAL T1 / CEPT / ISDN - PRI TRANSFORMERS
1008 XFMRS-1008_15 Datasheet
51Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S8677 BOTHHAND-S8677 Datasheet
77Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
List of Unclassifed Man...
BH-S5351 ETC-BH-S5351 Datasheet
12Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF0053-00S XFMRS-XF0053-00S Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com