Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY24206ZC-1 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY24206ZC-1
Description  MediaClock - TM DTV, STB Clock Generator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24206ZC-1 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY24206ZC-1 Datasheet HTML 1Page - Cypress Semiconductor CY24206ZC-1 Datasheet HTML 2Page - Cypress Semiconductor CY24206ZC-1 Datasheet HTML 3Page - Cypress Semiconductor CY24206ZC-1 Datasheet HTML 4Page - Cypress Semiconductor CY24206ZC-1 Datasheet HTML 5Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CY24206
Document #: 38-07451 Rev. *B
Page 3 of 6
Test and Measurement Set-up
Note:
1. Not 100% tested.
Absolute Maximum Conditions
Parameter
Description
Min.
Max.
Unit
VDD
Supply Voltage
–0.5
7.0
V
VDDL
I/O Supply Voltage
7.0
V
TJ
Junction Temperature
125
°C
Digital Inputs
AVSS – 0.3
AVDD + 0.3
V
Electrostatic Discharge
2
kV
Recommended Operating Conditions
Parameter
Description
Min.
Typ.
Max.
Unit
VDD/AVDDL/VDDL Operating Voltage
3.135
3.3
3.465
V
TA
Ambient Temperature
0
70
°C
CLOAD
Max. Load Capacitance
15
pF
fREF
Reference Frequency
27
MHz
DC Electrical Specifications
Parameter[1]
Name
Description
Min.
Typ.
Max.
Unit
IOH
Output High Current
VOH = VDD – 0.5, VDD/VDDL = 3.3V
12
24
mA
IOL
Output Low Current
VOL = 0.5, VDD/VDDL = 3.3V
12
24
mA
IIH
Input High Current
VIH = VDD
–5
10
µA
IIL
Input Low Current
VIL = 0V
50
µA
VIH
Input High Voltage
CMOS levels, 70% of VDD
0.7
VDD
VIL
Input Low Voltage
CMOS levels, 30% of VDD
0.3
VDD
IVDD
Supply Current
AVDD/VDD Current
25
mA
IVDDL
Supply Current
VDDL Current
20
mA
RUP
Pull-up resistor on Inputs
VDD = 3.14 to 3.47V, measured VIN = 0V
100
150
k
AC Electrical Specifications
Parameter[1]
Name
Description
Min.
Typ.
Max.
Unit
DC
Output Duty Cycle
Duty Cycle is defined in Figure 1; t1/t2, 50% of
VDD
45
50
55
%
ER
Rising Edge Rate
Output Clock Edge Rate, Measured from 20% to
80% of VDD, CLOAD = 15 pF. See Figure 2.
0.8
1.4
V/ns
EF
Falling Edge Rate
Output Clock Edge Rate, Measured from 80% to
20% of VDD, CLOAD = 15 pF. See Figure 2.
0.8
1.4
V/ns
t9
Clock Jitter
CLK1, CLK2 Peak-Peak period jitter
200
ps
t10
PLL Lock Time
3ms
0.1
µF
VDDs
Outputs
CLOAD
GND
DUT


Similar Part No. - CY24206ZC-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24204 CYPRESS-CY24204 Datasheet
136Kb / 6P
   MediaClock??DTV, STB Clock Generator
CY24204ZC-3 CYPRESS-CY24204ZC-3 Datasheet
136Kb / 6P
   MediaClock??DTV, STB Clock Generator
CY24204ZC-3T CYPRESS-CY24204ZC-3T Datasheet
136Kb / 6P
   MediaClock??DTV, STB Clock Generator
CY24204ZC-4 CYPRESS-CY24204ZC-4 Datasheet
136Kb / 6P
   MediaClock??DTV, STB Clock Generator
CY24204ZC-4T CYPRESS-CY24204ZC-4T Datasheet
136Kb / 6P
   MediaClock??DTV, STB Clock Generator
More results

Similar Description - CY24206ZC-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24204 CYPRESS-CY24204 Datasheet
136Kb / 6P
   MediaClock??DTV, STB Clock Generator
logo
Renesas Technology Corp
ICS3771-18 RENESAS-ICS3771-18 Datasheet
352Kb / 9P
   DTV, STB CLOCK SOURCE
111307
logo
Cypress Semiconductor
CY24207 CYPRESS-CY24207 Datasheet
46Kb / 6P
   MediaClock PDP Clock Generator
CY24141-3 CYPRESS-CY24141-3 Datasheet
67Kb / 6P
   MediaClock Graphics Clock Generator
CY24142 CYPRESS-CY24142 Datasheet
129Kb / 7P
   MediaClock Multimedia Clock Generator
CY24115 CYPRESS-CY24115 Datasheet
120Kb / 5P
   MediaClock??Mini Disc Clock Generator
CY24119 CYPRESS-CY24119 Datasheet
128Kb / 5P
   MediaClock 27-MHz VCXO Clock Generator
CY24212 CYPRESS-CY24212_05 Datasheet
135Kb / 6P
   MediaClock??MPEG Clock Generator with VCXO
CY24212 CYPRESS-CY24212 Datasheet
111Kb / 6P
   MediaClock MPEG Clock Generator with VCXO
CY24133 CYPRESS-CY24133 Datasheet
61Kb / 5P
   MediaClock Digital TV Clock Generator with VCXO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com