Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY24206ZC-1T Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY24206ZC-1T
Description  MediaClock - TM DTV, STB Clock Generator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24206ZC-1T Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY24206ZC-1T Datasheet HTML 1Page - Cypress Semiconductor CY24206ZC-1T Datasheet HTML 2Page - Cypress Semiconductor CY24206ZC-1T Datasheet HTML 3Page - Cypress Semiconductor CY24206ZC-1T Datasheet HTML 4Page - Cypress Semiconductor CY24206ZC-1T Datasheet HTML 5Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CY24206
Document #: 38-07451 Rev. *B
Page 4 of 6
Voltage and Timing Definitions
Ordering Information
Ordering Code
Package Name
Package Type
Operating Range
Operating Voltage
CY24206ZC-2
Z16
16-Pin TSSOP
Commercial
3.3V
CY24206ZC-2T
Z16
16-Pin TSSOP – Tape and Reel Commercial
3.3V
CY24206ZC-3
Z16
16-Pin TSSOP
Commercial
3.3V
CY24206ZC-3T
Z16
16-Pin TSSOP – Tape and Reel Commercial
3.3V
CY24206ZC-4
Z16
16-Pin TSSOP
Commercial
3.3V
CY24206ZC-4T
Z16
16-Pin TSSOP – Tape and Reel Commercial
3.3V
Lead Free
CY24206ZXC-4
Z16
16-Pin TSSOP
Commercial
3.3V
CY24206ZXC-4T
Z16
16-Pin TSSOP – Tape and Reel Commercial
3.3V
Clock
Output
V
DD
50% of V
DD
0V
t
1
t
2
Figure 1. Duty Cycle Definitions
Clock
Output
t
3
t
4
V
DD
80% of V
DD
20% of V
DD
0V
Figure 2. ER = (0.6 x VDD) /t3, EF = (0.6 x VDD) /t4


Similar Part No. - CY24206ZC-1T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24204 CYPRESS-CY24204 Datasheet
136Kb / 6P
   MediaClock??DTV, STB Clock Generator
CY24204ZC-3 CYPRESS-CY24204ZC-3 Datasheet
136Kb / 6P
   MediaClock??DTV, STB Clock Generator
CY24204ZC-3T CYPRESS-CY24204ZC-3T Datasheet
136Kb / 6P
   MediaClock??DTV, STB Clock Generator
CY24204ZC-4 CYPRESS-CY24204ZC-4 Datasheet
136Kb / 6P
   MediaClock??DTV, STB Clock Generator
CY24204ZC-4T CYPRESS-CY24204ZC-4T Datasheet
136Kb / 6P
   MediaClock??DTV, STB Clock Generator
More results

Similar Description - CY24206ZC-1T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24204 CYPRESS-CY24204 Datasheet
136Kb / 6P
   MediaClock??DTV, STB Clock Generator
logo
Renesas Technology Corp
ICS3771-18 RENESAS-ICS3771-18 Datasheet
352Kb / 9P
   DTV, STB CLOCK SOURCE
111307
logo
Cypress Semiconductor
CY24207 CYPRESS-CY24207 Datasheet
46Kb / 6P
   MediaClock PDP Clock Generator
CY24141-3 CYPRESS-CY24141-3 Datasheet
67Kb / 6P
   MediaClock Graphics Clock Generator
CY24142 CYPRESS-CY24142 Datasheet
129Kb / 7P
   MediaClock Multimedia Clock Generator
CY24115 CYPRESS-CY24115 Datasheet
120Kb / 5P
   MediaClock??Mini Disc Clock Generator
CY24119 CYPRESS-CY24119 Datasheet
128Kb / 5P
   MediaClock 27-MHz VCXO Clock Generator
CY24212 CYPRESS-CY24212_05 Datasheet
135Kb / 6P
   MediaClock??MPEG Clock Generator with VCXO
CY24212 CYPRESS-CY24212 Datasheet
111Kb / 6P
   MediaClock MPEG Clock Generator with VCXO
CY24133 CYPRESS-CY24133 Datasheet
61Kb / 5P
   MediaClock Digital TV Clock Generator with VCXO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com