Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5223EKA-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5223EKA-T
Description  Low - Power, Dual, 8 - Bit, Voltage Output Serial DAC in 8 - Pin SOT23
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5223EKA-T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5223EKA-T Datasheet HTML 2Page - Maxim Integrated Products MAX5223EKA-T Datasheet HTML 3Page - Maxim Integrated Products MAX5223EKA-T Datasheet HTML 4Page - Maxim Integrated Products MAX5223EKA-T Datasheet HTML 5Page - Maxim Integrated Products MAX5223EKA-T Datasheet HTML 6Page - Maxim Integrated Products MAX5223EKA-T Datasheet HTML 7Page - Maxim Integrated Products MAX5223EKA-T Datasheet HTML 8Page - Maxim Integrated Products MAX5223EKA-T Datasheet HTML 9Page - Maxim Integrated Products MAX5223EKA-T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Low-Power, Dual, 8-Bit, Voltage Output
Serial DAC in 8-Pin SOT23
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = +3V, TA = +25°C, unless otherwise noted.)
2ms/div
OUTPUT VOLTAGE NOISE (DC TO 1MHz)
MAX5223 toc16
CH1
OUTA
2mV/div
AC-COUPLED
VDD = +3V, REF = VDD, NO LOAD,
DIGITAL CODE = FF
______________________________________________________________Pin Description
DAC A Output Voltage (Buffered)
OUTA
5
DAC B Output Voltage (Buffered)
OUTB
6
Reference Input for DAC A and DAC B (Optional: Bypass with 0.1µF to GND)
REF
7
Serial Data Input of the 16-Bit Shift Register. Data is clocked into the register on the rising edge of SCLK.
DIN
8
Serial Clock Input
SCLK
4
Positive Power Supply (+2.7V to +5.5V). Bypass with 0.22µF to GND.
VDD
3
PIN
Ground
GND
2
Chip Select. Active-Low. Enables data to be shifted into the 16-bit shift register. Programming commands
are executed at the rising edge of
C
S
.
C
S
1
FUNCTION
NAME


Similar Part No. - MAX5223EKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX522 MAXIM-MAX522 Datasheet
116Kb / 12P
   Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SO Package
Rev 0; 6/95
MAX5222 MAXIM-MAX5222 Datasheet
527Kb / 12P
   Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SOT23
19-1720; Rev 0; 4/00
MAX5222EKA-T MAXIM-MAX5222EKA-T Datasheet
527Kb / 12P
   Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SOT23
19-1720; Rev 0; 4/00
MAX522CPA MAXIM-MAX522CPA Datasheet
116Kb / 12P
   Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SO Package
Rev 0; 6/95
MAX522CSA MAXIM-MAX522CSA Datasheet
116Kb / 12P
   Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SO Package
Rev 0; 6/95
More results

Similar Description - MAX5223EKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5222 MAXIM-MAX5222 Datasheet
527Kb / 12P
   Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SOT23
19-1720; Rev 0; 4/00
MAX522 MAXIM-MAX522 Datasheet
116Kb / 12P
   Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SO Package
Rev 0; 6/95
MAX5820 MAXIM-MAX5820 Datasheet
400Kb / 13P
   Dual, 8-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 2/05
logo
Wolfson Microelectronic...
WM2625 WOLFSON-WM2625 Datasheet
101Kb / 9P
   Low Power Dual 8-bit Serial Input DAC
logo
Maxim Integrated Produc...
MAX5712 MAXIM-MAX5712 Datasheet
428Kb / 9P
   12-Bit, Low-Power, Rail-to-Rail Voltage-Output Serial DAC in SOT23
Rev 1; 10/01
MAX5711 MAXIM-MAX5711 Datasheet
760Kb / 9P
   10-Bit, Low-Power, Rail-to-Rail Voltage-Output Serial DAC in SOT23
Rev 0; 10/01
logo
Wolfson Microelectronic...
WM2627 WOLFSON-WM2627 Datasheet
107Kb / 11P
   Quad 8-Bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5304 MAXIM-MAX5304 Datasheet
405Kb / 12P
   10-Bit Voltage-Output DAC in 8-Pin 關MAX
Rev 0; 10/99
logo
Exar Corporation
MP5010JT EXAR-MP5010JT Datasheet
930Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408 EXAR-XRD5408 Datasheet
984Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com