Electronic Components Datasheet Search |
|
M38196M8-XXXFS Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor |
|
M38196M8-XXXFS Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor |
10 / 60 page 10 3819 Group SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS I/O PORTS Direction Registers The 3819 group has 54 programmable I/O pins arranged in 8 I/O ports (ports P24–P27, P41–P44, P46, P47, P5–P8, PA, and PB). The I/O ports have direction registers which determine the input/ output direction of each individual pin. Each bit in a direction reg- ister corresponds to one pin, each pin can be set to be input or output. When “0” is written to the bit corresponding to a pin, that pin be- comes an input pin. When “1” is written to that bit, that pin becomes an output pin. If data is read from a pin which is set for output, the value of the port latch is read, not the value of the pin itself. A pin which is set for input the value of the pin itself is read because the pin is in floating state. If a pin set for input is written to, only the port latch is written to and the pin remains floating. High-Breakdown-Voltage Output Ports The 3819 group microprocessors have 7 ports with high-break- down-voltage pins (ports P0, P1, P20–P23, P3, P8, P9, PA). The high-breakdown-voltage ports have P-channel open-drain output with VCC –40 V of breakdown voltage. Each pin in ports P0, P1, P20–P23, P3, and P9 has an internal pull-down resistor connected to VEE. Ports P8 and PA have no in- ternal pull-down resistors, so that connect an external resistor to each port. At reset, the P-channel output transistor of each port latch is turned off, so it becomes VEE level (“L”) by the pull-down resistor. Writing “1” (weak drivability) to bit 7 of the FLDC mode register 1 (address 003616) shows the rising transition of the output transis- tors for reducing transient noise. At reset, bit 7 of the FLDC mode register 1 is set to “0” (strong drivability). Pin Name Input/Output I/O Format Non-Port Function Related SFRS Diagram No. P00/SEG32/ DIG0– P07/SEG39/ DIG7 P10/SEG40/ DIG8– P17/DIG15 P20/DIG16– P23/DIG19 P24–P27 P30/SEG24– P37/SEG31 P40/INT0 P45/INT1/ ZCR High-breakdown- voltage P-channel open-drain output with pull-down resistor High-breakdown- voltage P-channel open-drain output with pull-down resistor High-breakdown- voltage P-channel open-drain output with pull-down resistor TTL level input CMOS 3-state output High-breakdown- voltage P-channel open-drain output with pull-down resistor CMOS compatible input level P42/INT2– P44/INT4 P46/T1OUT, P47/T3OUT P41 CMOS compatible input level CMOS 3-state output Port P0 Port P1 Port P2 Port P3 Port P4 Output Output Output Input/output, individual bits Output Input Input/output, individual bits FLD automatic dis- play function FLD automatic dis- play function FLD automatic dis- play function FLD automatic dis- play function External interrupt input Zero cross detec- tion circuit input (P45) Timer output FLDC mode register 1 FLDC mode register 2 Port P0 segment/digit switch register FLDC mode register 1 FLDC mode register 2 FLDC mode register 1 FLDC mode register 2 Port P2 digit/port switch register FLDC mode register 1 FLDC mode register 2 Interrupt edge selection register Zero cross detection control register Timer 12 mode register Timer 34 mode register (1) (1) (2) (3) (4) (5) (6) (7) (4) (8) |
Similar Part No. - M38196M8-XXXFS |
|
Similar Description - M38196M8-XXXFS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |