Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL-155PGXDT Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CL-155PGXDT
Description  ULTRA - SMALL CHIP - LEDS FOR USE IN VARIOUS ELECTRONIC PRODUCTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CL-155PGXDT Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  CL-155PGXDT Datasheet HTML 1Page - List of Unclassifed Manufacturers CL-155PGXDT Datasheet HTML 2Page - List of Unclassifed Manufacturers CL-155PGXDT Datasheet HTML 3Page - List of Unclassifed Manufacturers CL-155PGXDT Datasheet HTML 4Page - List of Unclassifed Manufacturers CL-155PGXDT Datasheet HTML 5Page - List of Unclassifed Manufacturers CL-155PGXDT Datasheet HTML 6Page - List of Unclassifed Manufacturers CL-155PGXDT Datasheet HTML 7Page - List of Unclassifed Manufacturers CL-155PGXDT Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
13
輝度
Brightness
外形寸法
Size(mm)
シリーズ
Series
発光色
Lighting color
Orange
Green
Blue
Red
Green
Blue
Red
Green
Blue
黄緑 Yellow green
Red
Red
Green
Blue
Red
Green
Blue
Red
Green
Blue
Red
Green
Blue
Red
Green
Blue
ページ
Page
36
36
36
34
33
33
33
28
24
部品コード
Code for parts
CL-321A
CL-321B
CL-321C
CL-375HR/YG
CL-420C
CL-420D
CL-420F
CL-451G
CL-501G
ピーク発光波長
Peak wave length(nm)
612
515
470
624
523
468
624
515
470
570
660
624
515
470
624
515
470
624
515
470
624
515
470
624
515
470
3.1(L)
×
1.6(W)
×
0.7(H)
CL-321
超高輝度
High brightness
※ パッケージの色については未量産の
機種もございますので、ご使用の際にはご確認願います。
※ Some package colors are not mass produced,
so please check at the time of use.
3.4(L)
×
1.25(W)
×
1.1(H)
1.5(L)
×
1.3(W)
×
0.6(H)
CL-451
CL-501
2.4(L)
×
1.0(W)
×
1.35(H)
CL-375
標準輝度
Standard brightness
2.8(L)
×
1.0(W)
×
1.35(H)
CL-420
超高輝度
High brightness
超高輝度
High brightness
超高輝度
High brightness


Similar Part No. - CL-155PGXDT

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-155PG-CD-T CITIZEN-CL-155PG-CD-T Datasheet
345Kb / 8P
   Featuring world-class product variations and ease of SMD assembly. Ultra-small Chip-LEDs for use in various electronic products.
CL-155PG-XD-T CITIZEN-CL-155PG-XD-T Datasheet
345Kb / 8P
   Featuring world-class product variations and ease of SMD assembly. Ultra-small Chip-LEDs for use in various electronic products.
More results

Similar Description - CL-155PGXDT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CL-150 ETC-CL-150 Datasheet
349Kb / 8P
   ULTRA SMALL CHIP LEDS FOR USE IN VARIOUS ELECTRONIC PRODUCTS
logo
CITIZEN ELECTRONICS CO....
CL-150UR-CD-T CITIZEN-CL-150UR-CD-T Datasheet
345Kb / 8P
   Featuring world-class product variations and ease of SMD assembly. Ultra-small Chip-LEDs for use in various electronic products.
logo
Renesas Technology Corp
3826 RENESAS-3826_07 Datasheet
280Kb / 12P
   Difference among various products
7560_0308 RENESAS-7560_0308 Datasheet
306Kb / 12P
   Difference among various products
3851 RENESAS-3851_10 Datasheet
67Kb / 4P
   Difference among various products
3822G RENESAS-3822G Datasheet
382Kb / 14P
   Difference among various products
3886 RENESAS-3886_10 Datasheet
68Kb / 3P
   Difference among various products
logo
Sanyo Semicon Device
LA7018 SANYO-LA7018 Datasheet
129Kb / 3P
   Electronic Switch for Use in VTR Applications
LA7019 SANYO-LA7019 Datasheet
132Kb / 3P
   ELECTRONIC SWITCH FOR USE IN VTR APPLICATIONS
logo
Renesas Technology Corp
38C2 RENESAS-38C2 Datasheet
388Kb / 14P
   Difference among various products
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com