Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX-104-CFC-A2Y7 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # FX-104-CFC-A2Y7
Description  Frequency Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-104-CFC-A2Y7 Datasheet(HTML) 3 Page - Vectron International, Inc

  FX-104-CFC-A2Y7 Datasheet HTML 1Page - Vectron International, Inc FX-104-CFC-A2Y7 Datasheet HTML 2Page - Vectron International, Inc FX-104-CFC-A2Y7 Datasheet HTML 3Page - Vectron International, Inc FX-104-CFC-A2Y7 Datasheet HTML 4Page - Vectron International, Inc FX-104-CFC-A2Y7 Datasheet HTML 5Page - Vectron International, Inc FX-104-CFC-A2Y7 Datasheet HTML 6Page - Vectron International, Inc FX-104-CFC-A2Y7 Datasheet HTML 7Page - Vectron International, Inc FX-104-CFC-A2Y7 Datasheet HTML 8Page - Vectron International, Inc FX-104-CFC-A2Y7 Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
FX-104 Frequency Translator
Pin
Symbol
Function
1
CLKIN
Input Frequency - The FX-104 series AC couples the input, this means the unit is capable of
handling HCMOS, LvHCMOS, PECL and LvPECL input signals.
(For Input Frequencies below 1 MHz only HCMOS and LvHCMOS are supported)
2
GND
Ground
3
LD
Lock Detect
(output)
Logic “1” indicates a locked condition
Logic “0” indicates that no input signal is present or the input signal has moved out of the
lock range.
4
Monitor
PLL/ VCXO control voltage
(Output)
Under locked conditions, should be >0.3V and <3.0V for the 3.3 volt option or >0.5V and
<4.5V for the 5 volt option. Input frequency may be out of range if voltage exceeds these limits.
5
---
Missing
6
NC
No Connection
7
GND
Ground
8
Enable
No connect
=
Output enabled
Disable
Logic “0”
=
Output disabled
9
Out
Output
10
COUT
Complementary Output
11
NC
No Connection
12
Select A
Do not Exceed Vcc
13
Select B
Do not Exceed Vcc
14
NC
No Connection
15
GND
Ground
16
Vcc
Power Supply Voltage (5 Vdc or 3.3Vdc)
Pin Out
Outline Drawing


Similar Part No. - FX-104-CFC-A2Y7

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-104 VECTRON-FX-104 Datasheet
1Mb / 11P
   Frequency Translator
FX-104 VECTRON-FX-104_07 Datasheet
1Mb / 11P
   Frequency Translator
More results

Similar Description - FX-104-CFC-A2Y7

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-101 VECTRON-FX-101_10 Datasheet
332Kb / 7P
   Frequency Translator
logo
CTS Corporation
VCP3006X CTS-VCP3006X Datasheet
190Kb / 5P
   Frequency Translator
VCP3020A CTS-VCP3020A Datasheet
190Kb / 5P
   Frequency Translator
VCP3033A CTS-VCP3033A Datasheet
190Kb / 5P
   Frequency Translator
VCP3007B CTS-VCP3007B Datasheet
190Kb / 5P
   Frequency Translator
logo
Vectron International, ...
FX-104 VECTRON-FX-104_07 Datasheet
1Mb / 11P
   Frequency Translator
logo
CTS Corporation
VCP3021X CTS-VCP3021X Datasheet
191Kb / 5P
   Frequency Translator
VCP3250 CTS-VCP3250 Datasheet
191Kb / 5P
   Frequency translator
VCP3028X CTS-VCP3028X Datasheet
190Kb / 5P
   Frequency Translator
VCP3036A CTS-VCP3036A Datasheet
190Kb / 5P
   Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com