Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADD8710 Datasheet(PDF) 1 Page - Analog Devices

Part # ADD8710
Description  10 - CHANNEL GAMMA BUFFER WITH V-COM DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8710 Datasheet(HTML) 1 Page - Analog Devices

  ADD8710 Datasheet HTML 1Page - Analog Devices ADD8710 Datasheet HTML 2Page - Analog Devices ADD8710 Datasheet HTML 3Page - Analog Devices ADD8710 Datasheet HTML 4Page - Analog Devices ADD8710 Datasheet HTML 5Page - Analog Devices ADD8710 Datasheet HTML 6Page - Analog Devices ADD8710 Datasheet HTML 7Page - Analog Devices ADD8710 Datasheet HTML 8Page - Analog Devices ADD8710 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
10-Channel Gamma Buffer
with VCOM Driver
ADD8710
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Single-supply operation: 4.5 V to 16.5 V
Upper/lower buffers swing to VS/GND
Gamma continuous output current: >10 mA
VCOM peak output current: 250 mA
Offset voltage: 12 mV
Slew rate: 8 V/µs
Unity gain stable with large capacitive loads
Supply current: 700 µA per amplifier
Compact 28-lead TSSOP
Pb-free package
Drop-in replacement for BUF11702
APPLICATIONS
TFT LCD monitor panels
TFT LCD notebook panels
GENERAL DESCRIPTION
The ADD8710 is a low cost, 10-channel gamma buffer with a
VCOM driver that operates from a single supply. The part is
designed for high resolution TFT LCD panels, and is built on an
advanced, high voltage CBCMOS process.
The gamma buffers have a high slew rate, minimum 10 mA
output current, and a high capacitive load drive capability. The
VCOM buffer is capable of delivering 250 mA of peak current,
and can also drive large capacitive loads. The ADD8710 offers
wide supply range and offset voltages below 12 mV.
The ADD8710 is specified over the −40°C to +85°C
temperature range and is available in a Pb-free 28-lead
TSSOP package.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VS
GND
NC
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
OUT9
OUT10
OUTCOM
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADD8710
GND
NC
IN1
IN2
IN3
IN4
IN5
IN6
IN7
IN8
IN9
IN10
INCOM
VS
NC = NO CONNECT
Figure 1. 28-Lead TSSOP (RU Suffix)
FUNCTIONAL BLOCK DIAGRAM
1
ADD8710
VS
GND
NC
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
OUT9
OUT10
OUTCOM
GND
NC
IN1
IN2
IN3
IN4
IN5
IN6
IN7
IN8
IN9
IN10
INCOM
VS
2
3
4
5
6
7
8
9
10
VCOM
Figure 2.


Similar Part No. - ADD8710

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
   10-Channel Gamma Buffer with VCOM Driver
REV. B
More results

Similar Description - ADD8710

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
   10-Channel Gamma Buffer with VCOM Driver
REV. B
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
   12-Channel Gamma Buffers with V Buffer
REV. 0
logo
Burr-Brown (TI)
BUF11705 BURR-BROWN-BUF11705 Datasheet
304Kb / 17P
   22 - V Supply, 10 1 Channel Gamma Correction Buffer
logo
Analog Devices
ADD8709 AD-ADD8709 Datasheet
488Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708 AD-ADD8708_15 Datasheet
612Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708 AD-ADD8708 Datasheet
611Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8709 AD-ADD8709_15 Datasheet
520Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. A
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
logo
Maxim Integrated Produc...
DS3508 MAXIM-DS3508 Datasheet
193Kb / 14P
   I2C, 8-Channel Gamma Buffer with EEPROM
Rev 1; 3/08
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com