Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF6S9125 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MRF6S9125
Description  RF Power Field Effect Transistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6S9125 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MRF6S9125 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6S9125 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6S9125 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6S9125 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6S9125 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6S9125 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF6S9125 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF6S9125 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF6S9125 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
RF Device Data
Freescale Semiconductor
MRF6S9125NR1 MRF6S9125NBR1 MRF6S9125MR1 MRF6S9125MBR1
TYPICAL CHARACTERISTICS
100
22
1
0
70
Pout, OUTPUT POWER (WATTS) CW
Figure 11. Power Gain and Drain Efficiency
versus CW Output Power
VDD = 28 Vdc
IDQ = 950 mA
f = 880 MHz
TC = −30_C
−30
_C
85
_C
10
21
20
18
16
60
50
40
30
20
Gps
ηD
Figure 12. Power Gain versus Output Power
Pout, OUTPUT POWER (WATTS) CW
VDD = 12 V
16 V
250
16
21
0
17
19
18
20
IDQ = 950 mA
f = 880 MHz
19
17
15
10
25
_C
50
100
200
20 V
24 V
28 V
32 V
200
85
_C
25
_C
150
210
109
TJ, JUNCTION TEMPERATURE (°C)
This above graph displays calculated MTTF in hours x ampere2
drain current. Life tests at elevated temperatures have correlated to
better than
±10% of the theoretical prediction for metal failure. Divide
MTTF factor by ID2 for MTTF in a particular application.
108
107
90
110
130
150
170
190
Figure 13. MTTF Factor versus Junction Temperature
100
120
140
160
180
200


Similar Part No. - MRF6S9125

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S9125N FREESCALE-MRF6S9125N Datasheet
916Kb / 23P
   RF Power Field Effect Transistors
MRF6S9125NBR1 FREESCALE-MRF6S9125NBR1 Datasheet
853Kb / 20P
   RF Power Field Effect Transistors
MRF6S9125NBR1 FREESCALE-MRF6S9125NBR1 Datasheet
916Kb / 23P
   RF Power Field Effect Transistors
MRF6S9125NR1 FREESCALE-MRF6S9125NR1 Datasheet
853Kb / 20P
   RF Power Field Effect Transistors
MRF6S9125NR1 FREESCALE-MRF6S9125NR1 Datasheet
916Kb / 23P
   RF Power Field Effect Transistors
More results

Similar Description - MRF6S9125

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com