Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA0295 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DA0295
Description  PIN DIODE 7 SECTION ATTENUATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DA0295 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DA0295 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
30
500
MHz
DC Current
50
85
mA
At +5 VDC Supply
Control Type
TTL
7 Line
Logic “0” = Thru
Logic “1” = Attenuation
Control Current
High
40
µA
VIH = +2.7 V
Low
-400
µA
VIL = +0.5 V
Insertion Loss
4.2
6.0
dB
Attenuation
LSB
0.5
dB
Range
0
63.5
dB
0.5, 1, 2, 4, 8, 16, 32
Accuracy
dB
0.5 dB Section:
± 0.125 dB
1 - 63.5 dB Sections:
± (0.15 dB +2% of Atten.
Setting in dB)
VSWR
1.2/1
1.35/1
Impedance
50
OHMS
Switching Speed
5.5
20
µSec
50% TTL to 90% / 10% RF
Transition (Rise/Fall) Time
1
µSec
90% / 10% or 10% / 90% RF
Switching (Video) Transients
100
mV
Intercept Points
2nd
+66
dBm
3rd
+40
dBm
RF Power
Operate
+18
+13
dBm
0.1 dB Compression
No Damage
+20
dBm
Operating Temperature
-55
+25
+125
°CTA
MODEL NO.
DA0295
FEATURES
30 - 500 MHz
50 mA, +5 VDC
+40 dBm 3rd Order Intercept
0.5 dB LSB, 63.5 dB Range
TTL Control
See100C1595 for Connectorized Version
See DA0795 for Surface Mount Version
7 BIT
DA ICO
I ndustries
Rev. C / Iss. 1
GUARANTEED PERFORMANCE
PIN Diode 7 Section Attenuator
2.00 MAX
COLOR BEAD
CONTRASTING
1.00 MAX
.20
.20
IDENTIFICATION
PART
.800
38
20
19
1
.100 TYP
1.800
38 PLACES
.018
±.002 DIA
.xx = .02
.xxx = .010
"0"
"0"
"0"
"0"
"0"
"0"
"1"
GND
GND
C7
C6
C5
C4
C3
C2
C1
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
38
+5V
RF
IN/OUT
RF
IN/OUT
32dB
0.5dB 1dB
2dB
4dB
8dB 16dB
16 dB
8 dB
4 dB
2 dB
1 dB
0.5 dB
32 dB
D.C.
••
••
••
••
••
TYPICAL PERFORMANCE
at 25
°C
I. LOSS
VSWR
1.0
1.5
1.1
1.2
1.3
1.4
0
10
2
4
6
8
FREQUENCY (MHz)
10
40
100
400
1000


Similar Part No. - DA0295

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DA0243 DAICO-DA0243 Datasheet
140Kb / 1P
   PIN Diode Linear VCA
DA0285 DAICO-DA0285 Datasheet
49Kb / 1P
   PIN Diode 7 Section Attenuator
logo
Faraday Technology
DA02A FARADAY-DA02A Datasheet
88Kb / 2P
   SMD VIDEO DELAY LINES
logo
SHENZHEN FUMAN ELECTRON...
DA02A FUMAN-DA02A Datasheet
364Kb / 6P
   500mA charger driver IC
logo
MKS Instruments.
DA02A MKS-DA02A Datasheet
261Kb / 4P
   TEMPERATURE-CONTROLLED ABSOLUTE BARATRON CAPACITANCE MANOMETER WITH ETHERCAT COMMUNICATIONS
More results

Similar Description - DA0295

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DAT76191 DAICO-DAT76191 Datasheet
194Kb / 1P
   PIN Diode 7 Section Attenuator
100C1585 DAICO-100C1585 Datasheet
45Kb / 1P
   PIN Diode 7 Section Attenuator
DA0795 DAICO-DA0795 Datasheet
182Kb / 1P
   PIN Diode 7 Section Attenuator
DAT71987 DAICO-DAT71987 Datasheet
180Kb / 1P
   PIN Diode 7 Section Attenuator
DA0285 DAICO-DA0285 Datasheet
49Kb / 1P
   PIN Diode 7 Section Attenuator
100C1595 DAICO-100C1595 Datasheet
163Kb / 1P
   PIN Diode 7 Section Attenuator
DA0617 DAICO-DA0617 Datasheet
43Kb / 1P
   Schottky Diode 7 Section Attenuator
DA0717 DAICO-DA0717 Datasheet
194Kb / 1P
   Schottky Diode 7 Section Attenuator
100C1757 DAICO-100C1757 Datasheet
183Kb / 1P
   Schottky Diode 7 Section Attenuator
DA0375 DAICO-DA0375 Datasheet
43Kb / 1P
   Schottky Diode 7 Section Attenuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com