Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ695-24 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AZ695-24
Description  SENSITIVE SUBMINIATURE RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AZ695-24 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AZ695-24 Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ695-24 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2000-08-31
ZETTLER electronics
Telephone +44 (0) 1582 599 600 Fax +44 (0) 1582 599 700
Logistic Design (UK) Limited. Unit 3, Eagle Centre Way, Luton LU4 9US www.zettlerrelay.com sales@zettlerrelay.com
AZ695
RELAY ORDERING DATA
COIL SPECIFICATIONS
ORDER NUMBER
Nominal Coil
Max. Continuous
Coil Resistance
Must Operate
SCO
SCO with Gold
VDC
VDC
± 10%
VDC
Contact
Plating Contact
5
8.4
125
3.5
AZ695–5
AZ695–5G
6
10.1
180
4.2
AZ695–6
AZ695–6G
9
15.2
405
6.3
AZ695–9
AZ695–9G
12
20.2
720
8.4
AZ695–12
AZ695–12G
18
29.5
1,620
12.6
AZ695–18
AZ695–18G
24
40.5
2,880
16.8
AZ695–24
AZ695–24G
HARDWARE ORDERING DATA
DESCRIPTION
ORDER NUMBER
Socket
ST695
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
0.2
(5.08)
HARDWARE
WIRING DIAGRAM
PC BOARD LAYOUT
Viewed toward terminals
Viewed toward terminals
0.1
(2.54)
0.3
(7.62)
0.2
(5.08)
.043
(1.1)
DIA
.012
(0.3)
.690
(17.5)
.012
(0.3)
.256
(6.5)
.032
(0.8)
0.2
(5.08)
0.3
(7.62)
.020
(0.5)
0.1
(2.54)
.035
(0.9)
0.13
(3.3)
.492
(12.5)
.032
(0.8)
0.2
(5.08)
0.3
(7.62)
0.1
(2.54)
.079
(2.0)
.244
(6.2)
.008
(0.2)
.272
(6.9)
0.2
(5.08)
.012
(0.3)
0.2
(5.04)
.012
(0.3)
.772
(19.6)
.264
(6.7)
MECHANICAL DATA


Similar Part No. - AZ695-24

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ695-24 AZETTLER-AZ695-24 Datasheet
77Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ695-24G AZETTLER-AZ695-24G Datasheet
77Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
More results

Similar Description - AZ695-24

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ6951 ZETTLER-AZ6951 Datasheet
381Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
American Zettler, Inc.
AZ6951 AZETTLER-AZ6951 Datasheet
146Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
List of Unclassifed Man...
AZ699 ETC-AZ699 Datasheet
128Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
ZETTLER Electronics
AZ937 ZETTLER-AZ937 Datasheet
62Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ6991 ZETTLER-AZ6991_12 Datasheet
53Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ699 ZETTLER-AZ699 Datasheet
173Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ6991 ZETTLER-AZ6991 Datasheet
55Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
American Zettler, Inc.
AZ6991 AZETTLER-AZ6991 Datasheet
100Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
ZETTLER Electronics
AZ9371 ZETTLER-AZ9371 Datasheet
53Kb / 3P
   SENSITIVE SUBMINIATURE RELAY
logo
American Zettler, Inc.
AZ937 AZETTLER-AZ937 Datasheet
88Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com