Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA07H4452M Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # RA07H4452M
Description  440-520MHz 7W 12.5V PORTABLE/ MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA07H4452M Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  RA07H4452M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA07H4452M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA07H4452M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA07H4452M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA07H4452M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA07H4452M Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA07H4452M Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA07H4452M Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA07H4452M Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MITSUBISHI RF POWER MODULE
RA 07H4452 M
RA07H4452M
MITSUBISHI ELECTRIC
23 Dec 2002
3/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
OUTPUT POWER, TOTAL EFFICIENCY,
2
nd, 3rd HARMONICS versus FREQUENCY
and INPUT VSWR versus FREQUENCY
OUTPUT POWER, POWER GAIN and
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
DRAIN CURRENT versus INPUT POWER
0
2
4
6
8
10
12
14
430
450
470
490
510
530
FREQUENCY f(MHz)
0
20
40
60
80
100
120
140
VDD=12.5V
Pin=20mW
Pout @VGG=3.5V
η
T @P out=7W
ρ
in @P out=7W
0
10
20
30
40
50
-15
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
1
2
3
4
5
f=440MHz,
VDD=12.5V,
VGG=3.5V
Pout
IDD
Gp
0
10
20
30
40
50
-15
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
1
2
3
4
5
f=480MHz,
VDD=12.5V,
VGG=3.5V
Pout
Gp
IDD
-70
-60
-50
-40
-30
-20
430
450
470
490
510
530
FREQUENCY f(MHz)
VDD=12.5V
Pin=20mW
2
nd @P
out=7W
3
rd
@P out=7W
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus DRAIN VOLTAGE
versus DRAIN VOLTAGE
0
5
10
15
20
2
4
6
8
10
12
14
16
DRAIN VOLTAGE V DD(V)
0
1
2
3
4
Pout
f=440MHz,
VGG=3.5V,
Pin=20mW
IDD
0
10
20
30
40
50
-15
-10
-5
0
5
10
15
20
INPUT POWER Pin (dBm)
0
1
2
3
4
5
f=520MHz,
VDD=12.5V,
VGG=3.5V
Pout
Gp
IDD
0
5
10
15
20
2
4
6
8
10
12
14
16
DRAIN VOLTAGE VDD(V)
0
1
2
3
4
Pout
f=480MHz,
VGG=3.5V,
Pin=20mW
IDD
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)


Similar Part No. - RA07H4452M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07H4452M MITSUBISHI-RA07H4452M Datasheet
227Kb / 8P
   RoHS Compliance ,440-520MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H4452M MITSUBISHI-RA07H4452M Datasheet
148Kb / 9P
   RoHS Compliance ,440-520MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H4452M-101 MITSUBISHI-RA07H4452M-101 Datasheet
227Kb / 8P
   RoHS Compliance ,440-520MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H4452M-101 MITSUBISHI-RA07H4452M-101 Datasheet
148Kb / 9P
   RoHS Compliance ,440-520MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H4452M MITSUBISHI-RA07H4452M_06 Datasheet
227Kb / 8P
   RoHS Compliance ,440-520MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
More results

Similar Description - RA07H4452M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA13H4452M MITSUBISHI-RA13H4452M Datasheet
64Kb / 9P
   440-520MHz 13W 12.5V MOBILE RADIO
RA30H4452M MITSUBISHI-RA30H4452M_10 Datasheet
72Kb / 8P
   440-520MHz 30W 12.5V MOBILE RADIO
RA30H4452M MITSUBISHI-RA30H4452M Datasheet
94Kb / 9P
   440-520MHz 30W 12.5V MOBILE RADIO
RA45H4452M MITSUBISHI-RA45H4452M Datasheet
95Kb / 9P
   440-520MHz 45W 12.5V MOBILE RADIO
RA07H4452M MITSUBISHI-RA07H4452M_06 Datasheet
227Kb / 8P
   RoHS Compliance ,440-520MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H4452M MITSUBISHI-RA07H4452M_10 Datasheet
148Kb / 9P
   RoHS Compliance ,440-520MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
M67749HR MITSUBISHI-M67749HR Datasheet
43Kb / 1P
   440-470MHz, 12.5V, 7W, FM PORTABLE RADIO?
M67749H MITSUBISHI-M67749H Datasheet
43Kb / 1P
   440-470MHz, 12.5V, 7W, FM PORTABLE RADIO?
RA30H4452M MITSUBISHI-RA30H4452M_06 Datasheet
157Kb / 7P
   RoHS Compliance , 440-520MHz 30W 12.5V MOBILE RADIO
RA30H4452M MITSUBISHI-RA30H4452M_11 Datasheet
185Kb / 8P
   RoHS Compliance , 440-520MHz 30W 12.5V MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com