Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT5992-5JI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT5992-5JI
Description  PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5992-5JI Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT5992-5JI Datasheet HTML 1Page - Integrated Device Technology IDT5992-5JI Datasheet HTML 2Page - Integrated Device Technology IDT5992-5JI Datasheet HTML 3Page - Integrated Device Technology IDT5992-5JI Datasheet HTML 4Page - Integrated Device Technology IDT5992-5JI Datasheet HTML 5Page - Integrated Device Technology IDT5992-5JI Datasheet HTML 6Page - Integrated Device Technology IDT5992-5JI Datasheet HTML 7Page - Integrated Device Technology IDT5992-5JI Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT5992A
PROGRAMMABLESKEWPLLCLOCKDRIVERTURBOCLOCK
tPWL
tPWH
tORISE
tOFALL
0.8VDD
0.2VDD
≤1.5ns
≤ 1.5ns
80%
20%
VDD
0V
Vth = 0.5VDD
100 Ω
100 Ω
VDD
Output
C L
CL = 50pF (CL = 30pF for -2 and -5 devices)
AC TEST LOADS AND WAVEFORMS
CMOS Input Test Waveform
CMOS Output Waveform
Test Load


Similar Part No. - IDT5992-5JI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT59920-7SO IDT-IDT59920-7SO Datasheet
58Kb / 6P
   LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
IDT59920-7SOI IDT-IDT59920-7SOI Datasheet
58Kb / 6P
   LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
IDT59920A IDT-IDT59920A Datasheet
58Kb / 6P
   LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
IDT59920A-2SO IDT-IDT59920A-2SO Datasheet
58Kb / 6P
   LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
IDT59920A-2SOI IDT-IDT59920A-2SOI Datasheet
58Kb / 6P
   LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
More results

Similar Description - IDT5992-5JI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5993A IDT-IDT5993A Datasheet
65Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V994 IDT-IDT5V994 Datasheet
73Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM PLUS
IDT5991A IDT-IDT5991A Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V995 IDT-IDT5V995 Datasheet
74Kb / 10P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A Datasheet
110Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A_12 Datasheet
112Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V991A IDT-IDT5V991A Datasheet
78Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9950 IDT-IDT5V9950 Datasheet
67Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9950PFGI IDT-IDT5V9950PFGI Datasheet
363Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK??II JR.
IDT5V9955 IDT-IDT5V9955 Datasheet
129Kb / 11P
   3.3V PROGRAMMABLE SKEW DUAL PLL CLOCK DRIVER TURBOCLOCK W
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com