Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT5992A-7J Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT5992A-7J
Description  PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5992A-7J Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT5992A-7J Datasheet HTML 1Page - Integrated Device Technology IDT5992A-7J Datasheet HTML 2Page - Integrated Device Technology IDT5992A-7J Datasheet HTML 3Page - Integrated Device Technology IDT5992A-7J Datasheet HTML 4Page - Integrated Device Technology IDT5992A-7J Datasheet HTML 5Page - Integrated Device Technology IDT5992A-7J Datasheet HTML 6Page - Integrated Device Technology IDT5992A-7J Datasheet HTML 7Page - Integrated Device Technology IDT5992A-7J Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT5992A
PROGRAMMABLESKEWPLLCLOCKDRIVERTURBOCLOCK
RE F
FB
Q
OTHER Q
INVER TED Q
REF D IVIDE D B Y 2
REF D IVIDE D B Y 4
tREF
tPD
tSKEW2
tSKEW 3, 4
tSKEW1, 3, 4
tSKEW 2, 4
tSKEW 3, 4
tSKEW 3, 4
tSKEW2
tSKEWPR
tSKEW 0, 1
tJR
tODCV
tODCV
tRPWH
tRPW L
tSKEWPR
tSKEW 0, 1
AC TIMING DIAGRAM
NOTES:
VDDQ/PE: The AC Timing Diagram applies to VDDQ/PE=VDD. For VDDQ/PE=GND, the negative edge of FB aligns with the negative edge of REF, divided outputs change on the
negative edge of REF, and the positive edges of the divide-by-2 and the divide-by-4 signals align.
Skew:
The time between the earliest and the latest output transition among all outputs for which the same tU delay has been selected when all are loaded with 50pF (30pF for
-2 and -5) and terminated with 50
Ω to VDD/2.
tSKEWPR:
The skew between a pair of outputs (xQ0 and xQ1) when all eight outputs are selected for 0tU.
tSKEW0:
The skew between outputs when they are selected for 0tU.
tDEV:
The output-to-output skew between any two devices operating under the same conditions (VDD, ambient temperature, air flow, etc.)
tODCV:
The deviation of the output from a 50% duty cycle. Output pulse width variations are included in tSKEW2 and tSKEW4 specifications.
tPWH is measured at 0.8VDD.
tPWL is measured at 0.2VDD.
tORISE and tOFALL are measured between 0.2VDD and 0.8VDD.
tLOCK:
The time that is required before synchronization is achieved. This specification is valid only after VDD is stable and within normal operating limits. This parameter is measured
from the application of a new signal or frequency at REF or FB until tPD is within specified limits.


Similar Part No. - IDT5992A-7J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT59920-7SO IDT-IDT59920-7SO Datasheet
58Kb / 6P
   LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
IDT59920-7SOI IDT-IDT59920-7SOI Datasheet
58Kb / 6P
   LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
IDT59920A IDT-IDT59920A Datasheet
58Kb / 6P
   LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
IDT59920A-2SO IDT-IDT59920A-2SO Datasheet
58Kb / 6P
   LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
IDT59920A-2SOI IDT-IDT59920A-2SOI Datasheet
58Kb / 6P
   LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
More results

Similar Description - IDT5992A-7J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5993A IDT-IDT5993A Datasheet
65Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V994 IDT-IDT5V994 Datasheet
73Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM PLUS
IDT5991A IDT-IDT5991A Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V995 IDT-IDT5V995 Datasheet
74Kb / 10P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A Datasheet
110Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A_12 Datasheet
112Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V991A IDT-IDT5V991A Datasheet
78Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9950 IDT-IDT5V9950 Datasheet
67Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9950PFGI IDT-IDT5V9950PFGI Datasheet
363Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK??II JR.
IDT5V9955 IDT-IDT5V9955 Datasheet
129Kb / 11P
   3.3V PROGRAMMABLE SKEW DUAL PLL CLOCK DRIVER TURBOCLOCK W
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com