Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD874A Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SD874A
Description  Silicon NPN epitaxial planer type(For low-frequency power amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD874A Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD874A Datasheet HTML 1Page - Panasonic Semiconductor 2SD874A Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SD874, 2SD874A
Silicon NPN epitaxial planer type
For low-frequency power amplification
Complementary to 2SB766 and 2SB766A
s Features
q
Large collector power dissipation PC.
q
Low collector to emitter saturation voltage VCE(sat).
q
Mini Power type package, allowing downsizing of the equipment
and automatic insertion through the tape packing and the maga-
zine packing.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
2:Collector
EIAJ:SC–62
3:Emitter
Mini Power Type Package
4.5
±0.1
3.0
±0.15
1.5
±0.1
0.4
±0.08
0.5
±0.08
1.5
±0.1
0.4
±0.04
1.6
±0.2
45
°
marking
321
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
*
Tj
Tstg
Ratings
30
60
25
50
5
1.5
1
1
150
–55 ~ +150
Unit
V
V
V
A
A
W
˚C
˚C
2SD874
2SD874A
2SD874
2SD874A
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base
voltage
Collector to emitter
voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
VCBO
VCEO
VEBO
hFE1
*1
hFE2
VCE(sat)
VBE(sat)
fT
Cob
Conditions
VCB = 20V, IE = 0
IC = 10µA, IE = 0
IC = 2mA, IB = 0
IE = 10µA, IC = 0
VCE = 10V, IC = 500mA
*2
VCE = 5V, IC = 1A
*2
IC = 500mA, IB = 50mA
*2
IC = 500mA, IB = 50mA
*2
VCB = 10V, IE = –50mA, f = 200MHz
VCB = 10V, IE = 0, f = 1MHz
min
30
60
25
50
5
85
50
typ
160
0.2
0.85
200
max
0.1
340
0.4
1.2
20
Unit
µA
V
V
V
V
V
MHz
pF
2SD874
2SD874A
2SD874
2SD874A
*1h
FE1 Rank classification
Rank
Q
R
S
hFE1
85 ~ 170
120 ~ 240
170 ~ 340
2SD874
ZQ
ZR
ZS
2SD874A
YQ
YR
YS
Marking symbol :
Z(2SD874)
Y(2SD874A)
Marking
Symbol
* Printed circuit board: Copper foil area of 1cm2 or more, and the board
thickness of 1.7mm for the collector portion
*2 Pulse measurement


Similar Part No. - 2SD874A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD874A PANASONIC-2SD874A Datasheet
39Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SD874A PANASONIC-2SD874A Datasheet
90Kb / 3P
   Silicon NPN epitaxial planar type
logo
SeCoS Halbleitertechnol...
2SD874A SECOS-2SD874A Datasheet
468Kb / 2P
   NPN Plastic Encapsulated Transistor
logo
Shenzhen Jin Yu Semicon...
2SD874A HTSEMI-2SD874A Datasheet
578Kb / 2P
   TRANSISTOR (NPN)
logo
SHENZHEN YONGERJIA INDU...
2SD874A WINNERJOIN-2SD874A Datasheet
127Kb / 1P
   TRANSISTOR (NPN)
More results

Similar Description - 2SD874A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1051 PANASONIC-2SD1051 Datasheet
40Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD1244 PANASONIC-2SD1244 Datasheet
40Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD1934 PANASONIC-2SD1934 Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD2249 PANASONIC-2SD2249 Datasheet
40Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD965 PANASONIC-2SD965 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD973 PANASONIC-2SD973 Datasheet
49Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD875 PANASONIC-2SD875 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD2321 PANASONIC-2SD2321 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD2457 PANASONIC-2SD2457 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD966 PANASONIC-2SD966 Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency power amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com