Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMKP1800-201A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GMKP1800-201A
Description  POWER ELECTRONIC, DC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GMKP1800-201A Datasheet(HTML) 1 Page - Vishay Siliconix

  GMKP1800-201A Datasheet HTML 1Page - Vishay Siliconix GMKP1800-201A Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Document Number: 13103
Revision 14-Jan-02
www.vishay.com
54
GMKP
Vishay ESTA
STANDARD CAPACITORS IN CYLINDRICAL CASING, OIL IMPREGNATED, SELF-HEALING, WITH FUSE
DC CAPACITORS
Series GMKP 1000V - 3000V, higher voltages upon
request.
Capacitance range 1-400
µF, in relation to rated
voltage and dimension. Other capacitance values,
upon request.
GENERAL
VISHAY ESTA DC-capacitors may be loaded with a
comparatively high component of alternating voltage or
alternating current due to the low ohmic and low dielectric
losses. Thus the capacitors can equally be employed for all
DC applications.
The capacitors can also be applied as AC capacitors at a
rated frequency of 50 Hz for the quoted root-mean-square
voltages.
TECHNICAL DATA
OPERATING MODE
continuous operation
CLASS OF APPLICATION
HSF (refer to general information
IMPREGNATING AGENT
Oil (NON PCB, refer to general information)
PERMISSIBLE TEMPERATURE RANGE
Min./max. casing temperature:
- 25
°/70°C
Min./max. storage temperature: - 40
°/85°C
SELF-DISCHARGE TIME CONSTANT
> 10.000s
PERMISSIBLE RELATIVE AIR HUMIDITY
95%
LIFE EXPECTANCY WITH 3% FAILURE RATE
100.000h
NUMBER OF DISCHARGES
upon request
TIME INTERVAL BETWEEN 2 DISCHARGES
With a periodic discharge: 2 sec.
With oscillating discharge: upon request
TERMINALS
AMP plugs 6.3 x 0.8 or
Threaded bolts M10
MOUNTING POSITION
vertical/horizontal
upside down position, upon request only
PROTECTION
Overpressure tear-off fuse, refer to general information
LOSS FACTOR
(50Hz)
1.5 x 10
- 4
(14kHz)
2.0 x 10
- 4
CAPACITANCE TOLERANCE
± 10 %
OVERVOLTAGES
1.1 x Un
1.15 x Un
30% operation
30 min./day
1.2 x Un
1.3 x Un
1.5 x Un
5min./day
1min./day
100ms/day
TEST VOLTAGES
terminal/ terminal 1.5 x Un DC/10 sec.
terminal/casing 2.0 x Un/2 + 1.000 VAC/10 sec.
PEAK CURRENT (periodical) du/dt x C [A]
STANDARD
IEC 61071-1 EN 61071
DIELECTRIC
metallized polypropylene film (refer to general information)
Power Electronic, DC Capacitors


Similar Part No. - GMKP1800-201A

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
GMK063BJ104KP-F TAIYO-YUDEN-GMK063BJ104KP-F Datasheet
143Kb / 1P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
GMK063BJ104MP-F TAIYO-YUDEN-GMK063BJ104MP-F Datasheet
143Kb / 1P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
GMK105ABJ105KV-F TAIYO-YUDEN-GMK105ABJ105KV-F Datasheet
289Kb / 2P
   High Value Multilayer Ceramic Capacitors
GMK105ABJ105MV-F TAIYO-YUDEN-GMK105ABJ105MV-F Datasheet
289Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
GMK105BJ104KV-F TAIYO-YUDEN-GMK105BJ104KV-F Datasheet
286Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
More results

Similar Description - GMKP1800-201A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25620B1367K203 TDK-B25620B1367K203 Datasheet
652Kb / 23P
   Power Electronic Capacitors
B25667C5147A175 TDK-B25667C5147A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5177A175 TDK-B25667C5177A175 Datasheet
182Kb / 10P
   Film Capacitors - Power Electronic Capacitors
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25631S0227K600 TDK-B25631S0227K600 Datasheet
248Kb / 9P
   Film Capacitors - Power Electronic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com